Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL9214 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PL9214
Description  SMT POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PL9214 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PL9214 Datasheet HTML 1Page - Pulse A Technitrol Company PL9214 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes from Tables
1. Temperature
of
the
component
(ambient
plus
temperature rise) must be within specified operating
temperature range.
2. The rated current as listed is either the saturation current
or the heating current depending on which value is lower.
3. The saturation current is the current which causes
the inductance to drop to 75% of its initial inductance at
zero bias. This current is determined by placing the
component at room ambient (25°C), and applying a short
duration pulse current (to eliminate self-heating effects) to
the component.
4. The heating current is the DC current, which
causes the temperature of the part to increase by
approximately 40°C. This current is determined by extend-
ing the terminals of the component with 30mm length 28
gauge buss wires and applying the current to the device
for 30 minutes. The temperature is measured by placing
the thermocouple between the winding and the shield.
5. In high volt*time applications, additional heating in the
component can occur due to core losses in the inductor
which may necessitate derating the current in order to limit
the temperature rise of the component. In order to deter-
mine the approximate total loss (or temperature rise) for a
given application, both copper losses and core losses
should be taken into account.
SMT POWER INDUCTORS
Shielded Drum Core - PL92XX Series
0%
20%
40%
60%
80%
100%
120%
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Normalized Isat
1.8
2.0
Inductance vs Current Characteristics
For More Information:
Pulse Worldwide
Headquarters
2 Pearl Buck Court
Bristol, PA 19007
U.S.A.
www.pulseeng.com
Tel: 215 781 6400
Fax: 215 781 6403
Pulse South Asia
150 Kampong Ampat
#07-01/02
KA Centre
Singapore 368324
Tel: 65 6287 8998
Fax: 65 6280 0080
Pulse North Asia
No. 26
Kao Ching Rd.
Yang Mei Chen
Taoyuan Hsien
Taiwan, R. O. C.
Tel: 886 3 4641811
Fax: 886 3 4641911
Pulse China Headquarters
B402, Shenzhen
Tech-Innovation International
Tenth Kejinan Rd.
High-Tech Industrial Park
Nanshan District, Shenzhen
China
Tel: 86 755 33966678
Fax: 86 755 33966700
Pulse North China
Room 1503
XinYin Building
No. 888 YiShan Rd.
Shanghai 200233
China
Tel: 86 21 54643211/2
Fax: 86 21 54643210
Pulse
Europe
Einsteinstrasse 1
D-71083 Herrenberg
Germany
Tel: 49 7032 7806 0
Fax: 49 7032 7806 12
www.pulseeng.com
M122.A (
6/07)
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners. © Copyright, 2007. Pulse Engineering, Inc. All rights reserved.
1
2
Schematic
Weight . . . . . . . . 2.0 grams
Tape & Reel . . . . . . 650/reel
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
TAPE & REEL
LAYOUT
.421
10,70
.209
5,30
.161
4,10
Ø
USER DIRECTION
OF FEED
4
3
1
2
.630
16,00
.945 ± .012
24.00 ± 0,30
.421
10,70
PL92XX
Date Code
Country of Origin
PL92XX
Date Code
Country of Origin
PL92XX
Date Code
Country of Origin
4
3
1
2
4
3
1
2


Similar Part No. - PL9214

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
PL9 DBLECTRO-PL9 Datasheet
369Kb / 2P
   Application for Telecommunication Equipment,Office Equipment,Security Alarm Systems
logo
Micrel Semiconductor
PL902150USY MICREL-PL902150USY Datasheet
606Kb / 1P
   Programmable Jitter Filter
PL902150USYTR MICREL-PL902150USYTR Datasheet
606Kb / 1P
   Programmable Jitter Filter
PL902XXX MICREL-PL902XXX Datasheet
482Kb / 10P
   Lowest power and smallest programmable jitter attenuator
logo
Microchip Technology
PL902XXXUSY MICROCHIP-PL902XXXUSY Datasheet
2Mb / 36P
   Gigabit Ethernet Switch Evaluation Board
11/07/16
More results

Similar Description - PL9214

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com