Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3PHB110G16B Datasheet(PDF) 3 Page - Sirectifier Semiconductors

Part # S3PHB110G16B
Description  Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

S3PHB110G16B Datasheet(HTML) 3 Page - Sirectifier Semiconductors

  S3PHB110G16B Datasheet HTML 1Page - Sirectifier Semiconductors S3PHB110G16B Datasheet HTML 2Page - Sirectifier Semiconductors S3PHB110G16B Datasheet HTML 3Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
S3PHB110,
Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
S3PHBD110, S3PFB110
10-3
10-2
10-1
100
101
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
10-3
10-2
10-1
100
101
100
200
300
400
500
600
700
800
900
A
s
I
FSM
t
s
t
K/W
Z
thJC
50 Hz
80% V
RRM
T
VJ = 45°C
T
VJ = 125°C
Fig. 1 Gate trigger characteristics
Fig. 2 DC output current at case
temperature
Fig. 3 Surge overload current
I
FSM: Crest value, t: duration
Fig. 4 Transient thermal impedance
junction to case (per leg)
1
10
100
1000
0.1
1
10
I
G
VG
mA
1: IGT, TVJ = 125°C
2: IGT, TVJ = 25°C
3: IGT, TVJ = -40°C
V
4: PGAV = 0.5 W
5: PGM = 5 W
6: PGM = 10 W
IGD, TVJ = 125°C
4
2
1
5
6
3
0
50
100
15
0
20
40
60
80
100
120
A
I
dAV
°C
T
C
P3
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com


Similar Part No. - S3PHB110G16B

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
S3PHB180 SIRECTIFIER-S3PHB180 Datasheet
296Kb / 3P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
S3PHB180G08B SIRECTIFIER-S3PHB180G08B Datasheet
296Kb / 3P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
S3PHB180G12B SIRECTIFIER-S3PHB180G12B Datasheet
296Kb / 3P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
S3PHB180G16B SIRECTIFIER-S3PHB180G16B Datasheet
296Kb / 3P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
S3PHB180G18B SIRECTIFIER-S3PHB180G18B Datasheet
296Kb / 3P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
More results

Similar Description - S3PHB110G16B

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
S3PHB180 SIRECTIFIER-S3PHB180 Datasheet
296Kb / 3P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
S3PHB70 SIRECTIFIER-S3PHB70 Datasheet
271Kb / 2P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
S3PHB70 SIRECTIFIER-S3PHB70_16 Datasheet
241Kb / 2P
   Three Phase Half Controlled Bridge Modules
logo
IXYS Corporation
VVZ40 IXYS-VVZ40 Datasheet
51Kb / 2P
   Three Phase Half Controlled Rectifier Bridge
VVZ12-16IO1 IXYS-VVZ12-16IO1 Datasheet
43Kb / 2P
   Three Phase Half Controlled Rectifier Bridge
VVZ24 IXYS-VVZ24 Datasheet
146Kb / 3P
   Three Phase Half Controlled Rectifier Bridge
logo
Powersem GmbH
PSDH39 POWERSEM-PSDH39 Datasheet
151Kb / 2P
   Three Phase Half Controlled Rectifier Bridge
logo
IXYS Corporation
VVZ24-12IO1 IXYS-VVZ24-12IO1 Datasheet
75Kb / 3P
   Three Phase Half Controlled Rectifier Bridge
logo
Sirectifier Semiconduct...
S1PHB50GKXXB SIRECTIFIER-S1PHB50GKXXB Datasheet
258Kb / 3P
   Single Phase Half Controlled Bridge Modules
S1PHB75GKXXB SIRECTIFIER-S1PHB75GKXXB Datasheet
259Kb / 3P
   Single Phase Half Controlled Bridge Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com