Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si4721-B20-GM Datasheet(PDF) 6 Page - Silicon Laboratories

Part # Si4721-B20-GM
Description  BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4721-B20-GM Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button Si4721-B20-GM Datasheet HTML 2Page - Silicon Laboratories Si4721-B20-GM Datasheet HTML 3Page - Silicon Laboratories Si4721-B20-GM Datasheet HTML 4Page - Silicon Laboratories Si4721-B20-GM Datasheet HTML 5Page - Silicon Laboratories Si4721-B20-GM Datasheet HTML 6Page - Silicon Laboratories Si4721-B20-GM Datasheet HTML 7Page - Silicon Laboratories Si4721-B20-GM Datasheet HTML 8Page - Silicon Laboratories Si4721-B20-GM Datasheet HTML 9Page - Silicon Laboratories Si4721-B20-GM Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
Si4720/21-B20
6
Rev. 1.0
Table 3. DC Characteristics
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
FM Receiver
RX Supply Current
IRX
—19.2
22
mA
RX Supply Current1
IRX
Low SNR level
19.8
23
mA
RX Interface Supply Current
IIORX
320
600
µA
RX RDS Supply Current2
IFM
Analog Output Mode
19.9
23
mA
RX Supply Current2
IFMD
Digital Output Mode
18.0
20.5
mA
FM Transmitter
TX Supply Current
ITX
18.8
22.8
mA
TX Interface Supply Current
IIOTX
320
600
µA
FM Transmitter from Digital Audio Input
TX Supply Current
IDTX
DCLK = 3.072 MHz
18.3
mA
TX Interface Supply Current
IDIO
DCLK = 3.072 MHz
320
µA
FM Transmitter in Receive Power Scan Mode
RX Supply Current
IRX
—16.8—
mA
RX Interface Supply Current
IIORPS
—400
µA
Supplies and Interface
VDD Powerdown Current
IDDPD
Powerdown mode
10
20
µA
VIO Powerdown Current
IIOPD
SCLK, RCLK inactive
Powerdown mode
—3
10
µA
High Level Input Voltage3
VIH
0.7 x VIO
VIO + 0.3
V
Low Level Input Voltage3
VIL
–0.3
0.3 x VIO
V
High Level Input Current3
IIH
VIN =VIO =3.6 V
–10
10
µA
Low Level Input Current3
IIL
VIN =0V, VIO =3.6 V
–10
10
µA
High Level Output Voltage4
VOH
IOUT = 500 µA
0.8 x VIO
V
Low Level Output Voltage4
VOL
IOUT = –500 µA
0.2 x VIO
V
Notes:
1. LNA is automatically switched to higher current mode for optimum sensitivity in weak signal conditions.
2. Guaranteed by characterization.
3. For input pins SCLK, SEN, SDIO, RST, RCLK, GPO1, GPO2/INT, and GPO3.
4. For output pins SDIO, GPO1, GPO2/INT, and GPO3.


Similar Part No. - Si4721-B20-GM

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI4721-B20-GM SKYWORKS-SI4721-B20-GM Datasheet
617Kb / 47P
   BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
Rev. 1.0 November 9, 2021
More results

Similar Description - Si4721-B20-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4720 SILABS-SI4720 Datasheet
198Kb / 2P
   Broadcast FM Radio Transceiver for Portable Applications
SI4720-B20 SILABS-SI4720-B20 Datasheet
1Mb / 48P
   BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
logo
Skyworks Solutions Inc.
SI4720-B20 SKYWORKS-SI4720-B20 Datasheet
617Kb / 47P
   BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
Rev. 1.0 November 9, 2021
logo
Silicon Laboratories
SI4708-C SILABS-SI4708-C Datasheet
1Mb / 40P
   BROADCAST FM RADIO TUNER FOR PORTABLE APPLICATIONS
SI4700 SILABS-SI4700 Datasheet
154Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
SI4702 SILABS-SI4702 Datasheet
184Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
SI4708 SILABS-SI4708 Datasheet
997Kb / 3P
   Broadcast FM Radio Tuner for Portable Applications
logo
Skyworks Solutions Inc.
SI4708-C SKYWORKS-SI4708-C Datasheet
412Kb / 39P
   BROADCAST FM RADIO TUNER FOR PORTABLE APPLICATIONS
Revision 0.6 to Revision 1.0
logo
Silicon image
SI4703-C19-GM SILICONIMAGE-SI4703-C19-GM Datasheet
203Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
logo
Silicon Laboratories
SI4703-C19-GM SILABS-SI4703-C19-GM Datasheet
203Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com