Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFR32MG1P232F256GM48-B0 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # EFR32MG1P232F256GM48-B0
Description  ConfidentialMighty Gecko Wireless SoC EFR32MG1X232
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFR32MG1P232F256GM48-B0 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button EFR32MG1P232F256GM48-B0 Datasheet HTML 4Page - Silicon Laboratories EFR32MG1P232F256GM48-B0 Datasheet HTML 5Page - Silicon Laboratories EFR32MG1P232F256GM48-B0 Datasheet HTML 6Page - Silicon Laboratories EFR32MG1P232F256GM48-B0 Datasheet HTML 7Page - Silicon Laboratories EFR32MG1P232F256GM48-B0 Datasheet HTML 8Page - Silicon Laboratories EFR32MG1P232F256GM48-B0 Datasheet HTML 9Page - Silicon Laboratories EFR32MG1P232F256GM48-B0 Datasheet HTML 10Page - Silicon Laboratories EFR32MG1P232F256GM48-B0 Datasheet HTML 11Page - Silicon Laboratories EFR32MG1P232F256GM48-B0 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
3.3.13 True Random Number Generator
The Frame Controller (FRC) implements a true random number generator that extracts noise from the RF receive chain. Data can be
read from a register 32 bits at a time, or larger blocks of random data can be written directly to RAM.
Output from the random number generator can be used either directly or as a seed or entropy source for software based random num-
ber generator algorithms such as Fortuna.
3.3.14 System Processor
The ARM Cortex-M processor subsystem integrates the following features and tasks in the system:
• 32-bit ARM Cortex-M RISC processor achieving 1.25 Dhrystone MIPS/MHz
• Memory Protection Unit (MPU) supporting up to 8 memory segments
• Up to 256 kB flash program memory
• Up to 32 kB RAM data memory
• Advanced and flexible protocol support, in cooperation with the Frame Controller
• Configuration and event handling of all modules
• 2-pin Serial-Wire debug interface, which can be disabled
The Cortex-M4 is equipped with DSP instruction support and a floating-point unit (FPU).
3.3.15 Memory System Controller (MSC)
The Memory System Controller (MSC) is the program memory unit of the microcontroller. The flash memory is readable and writable
from both the Cortex-M and DMA. The flash memory is divided into two blocks; the main block and the information block. Program code
is normally written to the main block, whereas the information block is available for special user data and flash lock bits. There is also a
read-only page in the information block containing system and device calibration data. Read and write operations are supported in en-
ergy modes EM0 Active/EM1 Sleep.
3.3.16 Linked Direct Memory Access Controller (LDMA)
The Linked Direct Memory Access (LDMA) controller features 8 channels capable of performing memory operations independently of
software. This reduces both energy consumption and software workload.
3.3.17 Integrated Voltage Regulators
The EFR32MG1X232 generates internal supply voltages from integrated regulators. This means that only a single external supply volt-
age is required, from which all internal voltages are created. An optional integrated DC-DC buck regulator, further detailed in section
3.3.37 Integrated DC-DC Converter (DC-DC), can be utilized to further reduce the current consumption. The DC-DC regulator requires
one external inductor and one external capacitor.
3.3.18 Reset Management Unit (RMU)
The RMU is responsible for handling reset of the EFR32MG1X232. A wide range of reset sources are available, including several pow-
er supply monitors, pin reset, software controlled reset, core lockup reset and watchdog reset.
3.3.19 Energy Management Unit (EMU)
The Energy Management Unit manages transitions of energy modes in the device. Each energy mode defines which peripherals and
features are available. The EMU can also be used to turn off the power to unused RAM blocks. The EMU also contains control registers
for the DC-DC regulator and the Voltage Monitor (VMON). The VMON is used to monitor multiple supply voltages. It has 4 channels
which can be programmed individually by the user to determine if a sensed supply has fallen below a chosen threshold.
3.3.20 Clock Management Unit (CMU)
The Clock Management Unit controls oscillators and clocks in the EFR32MG1X232. Individual enabling and disabling of clocks to all
peripheral modules is perfomed by the CMU. The CMU also controls enabling and configuration of the oscillators. A high degree of
flexibility allows software to optimize energy consumption in any specific application by minimizing power dissipation in unused periph-
erals and oscillators.
EFR32MG1X232 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.71 | 7


Similar Part No. - EFR32MG1P232F256GM48-B0

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFR32MG1P232F256GM48-C0 SILABS-EFR32MG1P232F256GM48-C0 Datasheet
105Kb / 3P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFR32MG1P232F256GM48-C0 SILABS-EFR32MG1P232F256GM48-C0 Datasheet
68Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFR32MG1P232F256GM48-C0 SILABS-EFR32MG1P232F256GM48-C0 Datasheet
2Mb / 163P
   EFR32MG1 Mighty Gecko ZigBee짰 & Thread SoC Family Data Sheet
EFR32MG1P232F256GM48-C0R SILABS-EFR32MG1P232F256GM48-C0R Datasheet
105Kb / 3P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFR32MG1P232F256GM48-C0R SILABS-EFR32MG1P232F256GM48-C0R Datasheet
68Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - EFR32MG1P232F256GM48-B0

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFR32BG22C112 SILABS-EFR32BG22C112 Datasheet
1Mb / 78P
   EFR32BG22C112 Wireless Gecko SoC
Rev. 1.1
EFR32FG25 SILABS-EFR32FG25 Datasheet
2Mb / 167P
   EFR32FG25 Gecko Wireless SoC Family
Rev. 1.0
EFR32BG22 SILABS-EFR32BG22 Datasheet
1Mb / 101P
   EFR32BG22 Wireless Gecko SoC Family
EFR32BG21B SILABS-EFR32BG21B Datasheet
1Mb / 83P
   EFR32BG21B Gecko Wireless SoC Family
Rev. 1.0
EFR32FG22 SILABS-EFR32FG22 Datasheet
1Mb / 89P
   EFR32FG22 Wireless Gecko SoC Family
Rev. 1.2
EFR32BG21 SILABS-EFR32BG21 Datasheet
864Kb / 72P
   EFR32BG21 Blue Gecko Wireless SoC Family
Rev. 1.1
EFR32MG21B SILABS-EFR32MG21B Datasheet
1Mb / 86P
   EFR32MG21B Gecko Multiprotocol Wireless SoC Family
Rev. 1.0
EFR32MG21 SILABS-EFR32MG21 Datasheet
893Kb / 76P
   EFR32MG21 Mighty Gecko Multiprotocol Wireless SoC Family
Rev. 1.1
EFR32MG22 SILABS-EFR32MG22 Datasheet
1Mb / 102P
   EFR32MG22 Wireless Gecko SoC Family Data Sheet
Rev. 1.1
EFR32MG14 SILABS-EFR32MG14 Datasheet
3Mb / 173P
   EFR32MG14 Mighty Gecko Multi-Protocol Wireless SoC Family
Rev. 1.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com