Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFR32MG1B232F256GM48-B0 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # EFR32MG1B232F256GM48-B0
Description  ConfidentialMighty Gecko Wireless SoC EFR32MG1X232
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFR32MG1B232F256GM48-B0 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button EFR32MG1B232F256GM48-B0 Datasheet HTML 7Page - Silicon Laboratories EFR32MG1B232F256GM48-B0 Datasheet HTML 8Page - Silicon Laboratories EFR32MG1B232F256GM48-B0 Datasheet HTML 9Page - Silicon Laboratories EFR32MG1B232F256GM48-B0 Datasheet HTML 10Page - Silicon Laboratories EFR32MG1B232F256GM48-B0 Datasheet HTML 11Page - Silicon Laboratories EFR32MG1B232F256GM48-B0 Datasheet HTML 12Page - Silicon Laboratories EFR32MG1B232F256GM48-B0 Datasheet HTML 13Page - Silicon Laboratories EFR32MG1B232F256GM48-B0 Datasheet HTML 14Page - Silicon Laboratories EFR32MG1B232F256GM48-B0 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 80 page
background image
3.3.37 Integrated DC-DC Converter (DC-DC)
The DC-DC buck converter covers a wide range of load currents and provides high efficiency in energy modes EM0, EM1, EM2 and
EM3. Patent-pending RF noise mitigation allows operation of the DC-DC converter without degrading radio sensitivity. The converter
has three modes: low noise (LN), low power (LP), and bypass. Each operating mode transition is initiated by firmware and executed by
an integrated hardware state machine, providing well-controlled transitions. Bypass mode may be entered when the input voltage is too
low for efficient operation of the DC-DC converter. In Bypass mode, the DC-DC input supply is internally connected directly to its output
through a low resistance switch. Bypass mode also supports in-rush current limiting to avoid dipping the input supply due to excessive
current transients.
Key Features:
• Wide load range from sub-µA to 200 mA
• High efficiency up to 90%
• Low Noise (LN), Low Power (LP) and Bypass operating modes for high performance and low energy applications
• Fast wakeup from LP to LN to support quick EM2 to EM0 transition
• Low 50 nA quiescent current in LP mode to support micro-ampere range load currents
• Optimized for integration with the on-board radio
• Switching frequency programmable from 3 MHz to 8 MHz
• RF noise mitigation mechanism
• Supports wide range of passive part selection
• External capacitor range from 1 µF to 10 µF with external 4.7 µH inductor
• Protection features
• Programmable sourcing and sinking current limits
• Output short-circuit protection
• Dead-time protection
DVDD
PFET2
LN Controller
LP Controller
VREGVDD
PFET1
VREGSW
1.0uF
4.7uH
NFET
VREGVSS
Bypass mode enable
LN mode enable
LP mode enable
SW
Logic
PWM
pulses
CLim
ZDet
Figure 3.2. Functional Diagram of the DC-DC Converter
EFR32MG1X232 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.71 | 10


Similar Part No. - EFR32MG1B232F256GM48-B0

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFR32MG1B232F256GM48-C0 SILABS-EFR32MG1B232F256GM48-C0 Datasheet
105Kb / 3P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFR32MG1B232F256GM48-C0 SILABS-EFR32MG1B232F256GM48-C0 Datasheet
68Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFR32MG1B232F256GM48-C0 SILABS-EFR32MG1B232F256GM48-C0 Datasheet
2Mb / 163P
   EFR32MG1 Mighty Gecko ZigBee짰 & Thread SoC Family Data Sheet
EFR32MG1B232F256GM48-C0R SILABS-EFR32MG1B232F256GM48-C0R Datasheet
105Kb / 3P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFR32MG1B232F256GM48-C0R SILABS-EFR32MG1B232F256GM48-C0R Datasheet
68Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - EFR32MG1B232F256GM48-B0

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFR32BG22C112 SILABS-EFR32BG22C112 Datasheet
1Mb / 78P
   EFR32BG22C112 Wireless Gecko SoC
Rev. 1.1
EFR32FG25 SILABS-EFR32FG25 Datasheet
2Mb / 167P
   EFR32FG25 Gecko Wireless SoC Family
Rev. 1.0
EFR32BG22 SILABS-EFR32BG22 Datasheet
1Mb / 101P
   EFR32BG22 Wireless Gecko SoC Family
EFR32BG21B SILABS-EFR32BG21B Datasheet
1Mb / 83P
   EFR32BG21B Gecko Wireless SoC Family
Rev. 1.0
EFR32FG22 SILABS-EFR32FG22 Datasheet
1Mb / 89P
   EFR32FG22 Wireless Gecko SoC Family
Rev. 1.2
EFR32BG21 SILABS-EFR32BG21 Datasheet
864Kb / 72P
   EFR32BG21 Blue Gecko Wireless SoC Family
Rev. 1.1
EFR32MG21B SILABS-EFR32MG21B Datasheet
1Mb / 86P
   EFR32MG21B Gecko Multiprotocol Wireless SoC Family
Rev. 1.0
EFR32MG21 SILABS-EFR32MG21 Datasheet
893Kb / 76P
   EFR32MG21 Mighty Gecko Multiprotocol Wireless SoC Family
Rev. 1.1
EFR32MG22 SILABS-EFR32MG22 Datasheet
1Mb / 102P
   EFR32MG22 Wireless Gecko SoC Family Data Sheet
Rev. 1.1
EFR32MG14 SILABS-EFR32MG14 Datasheet
3Mb / 173P
   EFR32MG14 Mighty Gecko Multi-Protocol Wireless SoC Family
Rev. 1.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com