Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFR32BG1V132F256GM32-B0 Datasheet(PDF) 3 Page - Silicon Laboratories

Part # EFR32BG1V132F256GM32-B0
Description  EFR32BG1 Blue Gecko Bluetooth짰 Smart SoC Family Data Sheet
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFR32BG1V132F256GM32-B0 Datasheet(HTML) 3 Page - Silicon Laboratories

  EFR32BG1V132F256GM32-B0 Datasheet HTML 1Page - Silicon Laboratories EFR32BG1V132F256GM32-B0 Datasheet HTML 2Page - Silicon Laboratories EFR32BG1V132F256GM32-B0 Datasheet HTML 3Page - Silicon Laboratories EFR32BG1V132F256GM32-B0 Datasheet HTML 4Page - Silicon Laboratories EFR32BG1V132F256GM32-B0 Datasheet HTML 5Page - Silicon Laboratories EFR32BG1V132F256GM32-B0 Datasheet HTML 6Page - Silicon Laboratories EFR32BG1V132F256GM32-B0 Datasheet HTML 7Page - Silicon Laboratories EFR32BG1V132F256GM32-B0 Datasheet HTML 8Page - Silicon Laboratories EFR32BG1V132F256GM32-B0 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 102 page
background image
2. Ordering Information
Ordering Code
Protocol Stack
Frequency
Band
Max TX
Power
(dBm)
Encryption
Flash
(KB)
RAM
(KB)
GPIO
Package
EFR32BG1P332F256GM48-B0*
• Bluetooth
Smart
• Proprietary
2.4 GHz
19.5
Full
256
32
31
QFN48
EFR32BG1P332F256GM32-B0*
• Bluetooth
Smart
• Proprietary
2.4 GHz
19.5
Full
256
32
16
QFN32
EFR32BG1P232F256GM48-B0*
• Bluetooth
Smart
• Proprietary
2.4 GHz
10.5
Full
256
32
31
QFN48
EFR32BG1P232F256GM32-B0*
• Bluetooth
Smart
• Proprietary
2.4 GHz
10.5
Full
256
32
16
QFN32
EFR32BG1B232F256GM48-B0*
Bluetooth Smart
2.4 GHz
10.5
Full
256
32
31
QFN48
EFR32BG1B232F256GM32-B0*
Bluetooth Smart
2.4 GHz
10.5
Full
256
32
16
QFN32
EFR32BG1B232F128GM48-B0*
Bluetooth Smart
2.4 GHz
10.5
Full
128
32
31
QFN48
EFR32BG1B232F128GM32-B0*
Bluetooth Smart
2.4 GHz
10.5
Full
128
32
16
QFN32
EFR32BG1B132F256GM48-B0*
Bluetooth Smart
2.4 GHz
3
Full
256
32
31
QFN48
EFR32BG1B132F256GM32-B0*
Bluetooth Smart
2.4 GHz
3
Full
256
32
16
QFN32
EFR32BG1B132F128GM48-B0*
Bluetooth Smart
2.4 GHz
3
Full
128
32
31
QFN48
EFR32BG1B132F128GM32-B0*
Bluetooth Smart
2.4 GHz
3
Full
128
32
16
QFN32
EFR32BG1V132F256GM48-B0*
Bluetooth Smart
2.4 GHz
0
AES only
256
16
31
QFN48
EFR32BG1V132F256GM32-B0*
Bluetooth Smart
2.4 GHz
0
AES only
256
16
16
QFN32
EFR32BG1V132F128GM48-B0*
Bluetooth Smart
2.4 GHz
0
AES only
128
16
31
QFN48
EFR32BG1V132F128GM32-B0*
Bluetooth Smart
2.4 GHz
0
AES only
128
16
16
QFN32
* Engineering Samples
EFR32BG1 Blue Gecko Bluetooth® Smart SoCFamily Data Sheet
Ordering Information
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.9 | 2


Similar Part No. - EFR32BG1V132F256GM32-B0

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFR32BG1V132F256GM32-C0 SILABS-EFR32BG1V132F256GM32-C0 Datasheet
105Kb / 3P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFR32BG1V132F256GM32-C0 SILABS-EFR32BG1V132F256GM32-C0 Datasheet
68Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFR32BG1V132F256GM32-C0 SILABS-EFR32BG1V132F256GM32-C0 Datasheet
2Mb / 163P
   EFR32BG1 Blue Gecko Bluetooth짰 Smart SoC Family Data Sheet
EFR32BG1V132F256GM32-C0R SILABS-EFR32BG1V132F256GM32-C0R Datasheet
105Kb / 3P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFR32BG1V132F256GM32-C0R SILABS-EFR32BG1V132F256GM32-C0R Datasheet
68Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - EFR32BG1V132F256GM32-B0

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFR32BG1B232 SILABS-EFR32BG1B232 Datasheet
2Mb / 163P
   EFR32BG1 Blue Gecko Bluetooth짰 Smart SoC Family Data Sheet
EFR32BG1V132F256 SILABS-EFR32BG1V132F256 Datasheet
1Mb / 94P
   ConfidentialEFR32BG1 Blue Gecko Bluetooth짰 Smart SoC CSP Family
EFR32BG13 SILABS-EFR32BG13 Datasheet
2Mb / 176P
   EFR32BG13 Blue Gecko Bluetooth짰 Low Energy SoC Family Data Sheet
EFR32MG22 SILABS-EFR32MG22 Datasheet
1Mb / 102P
   EFR32MG22 Wireless Gecko SoC Family Data Sheet
Rev. 1.1
EFR32BG12P232F SILABS-EFR32BG12P232F Datasheet
2Mb / 181P
   EFR32BG12 Blue Gecko Bluetooth 짰Low Energy SoC Family Data Sheet
EFR32FG12P432F SILABS-EFR32FG12P432F Datasheet
2Mb / 183P
   EFR32FG12 Flex Gecko Proprietary Protocol SoC Family Data Sheet
EFR32MG1P232F256 SILABS-EFR32MG1P232F256 Datasheet
4Mb / 102P
   EFR32MG1 Mighty Gecko ZigBee짰 & Thread SoC Family Data Sheet
SLWRB4150B SILABS-SLWRB4150B Datasheet
2Mb / 163P
   EFR32MG1 Mighty Gecko ZigBee짰 & Thread SoC Family Data Sheet
EFR32FG1P132F64 SILABS-EFR32FG1P132F64 Datasheet
4Mb / 101P
   EFR32FG1 Flex Gecko Proprietary Protocol SoC Family Data Sheet
EFR32FG13 SILABS-EFR32FG13 Datasheet
2Mb / 195P
   EFR32FG13 Flex Gecko Proprietary Protocol SoC Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com