Electronic Components Datasheet Search |
|
SR0805FR-139K76L Datasheet(PDF) 7 Page - YAGEO Corporation |
|
SR0805FR-139K76L Datasheet(HTML) 7 Page - YAGEO Corporation |
7 / 9 page Chip Resistor Surface Mount www.yageo.com Nov. 11, 2016 V.1 Product specification 7 9 SERIES SR 0402/0603/0805/1206/1210/1218/2010/2512 TESTS AND REQUIREMENTS TEST TEST METHOD PROCEDURE REQUIREMENTS Temperature Coefficient of Resistance (T.C.R.) MIL-STD-202 Method 304 At +25/–55 °C and +25/+125 °C Refer to table 2 Formula: T.C.R= ------------------------- × 106 (ppm/°C) Where t1= +25 °C or specified room temperature t2= –55 °C or +125 °C test temperature R1=resistance at reference temperature in ohms R2=resistance at test temperature in ohms Short Time Overload IEC60115-1 4.13 2.5 times of rated voltage or maximum overload voltage whichever is less for 5 sec at room temperature ± (2.0%+0.05 Ω) High Temperature Exposure IEC 60068-2-2 1,000 hours at TA = 155 °C ± 5 °C, unpowered ± (2.0%+0.05 Ω) Humidity IEC 60115-1 4.24.2 Steady state for 1,000 hours at 40 °C / 95% R.H. RCWV applied for 1.5 hours on and 0.5 hour off ± (3.0%+0.05 Ω) Life IEC 60115-1 4.25.1 MIL-STD-202 Method 108 1,000 hours at 70± 2 °C, RCWV applied for 1.5 hours on, 0.5 hour off, still-air required ± (2.0%+0.05 Ω) Resistance to Soldering Heat IEC 60115-1 4.18 MIL-STD- 202 Method 210 Condition B, no pre-heat of samples Lead-free solder, 260± 5 °C, 10± 1 seconds immersion time Procedure 2 for SMD: devices fluxed and cleaned with isopropanol ± (1.0%+0.05 Ω) No visible damage Temperature Cycling JESD22-A104C -55/+125 °C for 1 cycle per hour, with 1,000 cycles. Devices mounted ± (1.0%+0.05 Ω) Table 4 Test condition, procedure and requirements R2–R1 R1(t2–t1) |
Similar Part No. - SR0805FR-139K76L |
|
Similar Description - SR0805FR-139K76L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |