Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3609MTR-G1 Datasheet(PDF) 11 Page - BCD Semiconductor Manufacturing Limited

Part # AP3609MTR-G1
Description  EIGHT-CHANNEL CONSTANT CURRENT SINK WITH CURRENT MATCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3609MTR-G1 Datasheet(HTML) 11 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3609MTR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3609MTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3609MTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3609MTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3609MTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3609MTR-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3609MTR-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3609MTR-G1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP3609MTR-G1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
EIGHT-CHANNEL CONSTANT CURRENT SINK WITH CURRENT MATCH
AP3609
11
May 2013 Rev. 2. 0
BCD Semiconductor Manufacturing Limited
Preliminary Datasheet
Mechanical Dimensions
SOIC-16
Unit: mm(inch)
7 °
5.800(0. 228)
6.240(0. 246)
0.310(0. 012)
0.510(0. 020)
20:1
A
D1
7
°
0 °
8 °
B
C
S 1.000(0. 039)
0.200(0. 008)
20:1
B
C
50:1
C-C
0.200(0.008)
0.250(0.010)
0.400(0. 016)
1.270(0. 050)
0.250(0.010)
Depth 0.200(0.008)
0.250(0.010)
0.050(0.002)
R
0.200(0. 008)
R
0.200(0. 008)
A
3.800(0. 150)
4.040(0. 159)
3 °
8 °
9.5
°
8 °
8 °
7 °
0.400(0. 016)
×45 °
Note: Eject hole, oriented hole and mold mark is optional.
φ
D
0.150(0. 006)
0.070(0. 003)
0.070(0. 003)
.
Symbol
D
D1
min(mm) max(mm)
max(mm)
min(mm)
min(inch)
min(inch)
max(inch)
max(inch)
Option1
Option2
1.350
-
1.750
1.260
0.069
-
0.050
1.650
-
1.250
1.020
0.049
0.040
0.065
-
0.053


Similar Part No. - AP3609MTR-G1

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP36016M A-POWER-AP36016M Datasheet
71Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP3601N A-POWER-AP3601N Datasheet
66Kb / 5P
   Simple Drive Requirement
logo
BCD Semiconductor Manuf...
AP3602A BCDSEMI-AP3602A Datasheet
296Kb / 17P
   100mA REGULATED CHARGE PUMP
logo
Diodes Incorporated
AP3602A DIODES-AP3602A Datasheet
471Kb / 11P
   100mA REGULATED CHARGE PUMP
August 2019 Rev. 4 - 2
logo
BCD Semiconductor Manuf...
AP3602AKTR-E1 BCDSEMI-AP3602AKTR-E1 Datasheet
296Kb / 17P
   100mA REGULATED CHARGE PUMP
More results

Similar Description - AP3609MTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3608E BCDSEMI-AP3608E Datasheet
979Kb / 15P
   EIGHT-CHANNEL CONSTANT CURRENT SINK WITH CURRENT MATCH
AP3616 BCDSEMI-AP3616 Datasheet
1Mb / 16P
   SIXTEEN-CHANNEL, 75mA CURRENT SINK WITH CURRENT MATCH
logo
Texas Instruments
TLC59116-Q1 TI1-TLC59116-Q1 Datasheet
422Kb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Driver
TLC5926-Q1 TI1-TLC5926-Q1 Datasheet
786Kb / 27P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926 TI-TLC5926 Datasheet
921Kb / 29P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926 TI1-TLC5926_15 Datasheet
1Mb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Drivers
TLC5926 TI-TLC5926_10 Datasheet
887Kb / 31P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
logo
List of Unclassifed Man...
MBI5025 ETC1-MBI5025 Datasheet
387Kb / 18P
   16-channel Constant Current LED Sink Driver
ICN2038S ETC1-ICN2038S Datasheet
1Mb / 18P
   (16-Channel Constant Current LED Sink Driver with Dual Latch)
logo
Princeton Technology Co...
PT6726 PTC-PT6726 Datasheet
193Kb / 3P
   16-Channel Constant Current Sink for LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com