Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24715RGRR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24715RGRR
Description  2-3 Cell NVDC-1 Battery Charger Controller with Ultra-Fast Transient Response and High Light-Load Efficiency
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24715RGRR Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ24715RGRR Datasheet HTML 4Page - Texas Instruments BQ24715RGRR Datasheet HTML 5Page - Texas Instruments BQ24715RGRR Datasheet HTML 6Page - Texas Instruments BQ24715RGRR Datasheet HTML 7Page - Texas Instruments BQ24715RGRR Datasheet HTML 8Page - Texas Instruments BQ24715RGRR Datasheet HTML 9Page - Texas Instruments BQ24715RGRR Datasheet HTML 10Page - Texas Instruments BQ24715RGRR Datasheet HTML 11Page - Texas Instruments BQ24715RGRR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
8
bq24715
SLUSBD1B – MARCH 2013 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: bq24715
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
6V
≤ VVCC ≤ 24V, –20°C ≤ TJ ≤ 125°C, typical values are at TA = 25°C, with respect to GND (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
QUIESCENT CURRENT
IBAT_BATFET_ON
Standby mode. System powered by battery.
BATFET ON.
ISRN+ISRP+IPHASE+IBTST+IACP+IACN+ICMSRC
VBAT = 12.6V, VSRN >UVLO, BATFET
turns on,
ACDET<0.6 V, TJ = –20°C to 85°C,
0x12[15]=1 (low power mode enabled)
13.3
20
μA
VBAT = 12.6V, VSRN>UVLO, BATFET
turns on,
ACDET<0.6 V, TJ = –20°C to 85°C,
0x12[15]=0 (low power mode disabled)
50
70
μA
ISTANDBY
Adapter standby quiescent current,
IVCC+IACP+IACN+ICMSRC
ACN=ACP=CMSRC=VCC=20 V, VBAT =
12.6V, VACDET> 2.4V,
CELL pull up, TJ = –20°C to 85°C. No
switching.
540
700
µA
IAC_SWLIGHT
Adapter current, IVCC+IACP+IACN+ICMSRC
ISTANDBY plus supply current in PFM,
200mW output; Reg0x12[10]=0; MOSFET
Qg=4 nC;
1.5
mA
ISTANDBY plus supply current in PFM,
200mW output; Reg0x12[10]=1; MOSFET
Qg=4 nC;
5
IAC_SW
Adapter current, IVCC+IACP+IACN+ICMSRC
Charge enable, 800kHz switching
frequency MOSFET Qg=4 nC
10
mA
ACOK COMPARATOR
VACOK_RISE
ACOK Rising threshold
VVCC>UVLO, VACDET rising
2.376
2.4
2.424
V
VACOK_FALL_HYS
ACOK Falling hysteresis
VVCC>UVLO, VACDET falling
35
55
75
mV
VWAKEUP_RISE
WAKEUP Detect rising threshold
VVCC>UVLO, VACDET rising
0.52
0.6
V
VWAKEUP_FALL
WAKEUP Detect falling threshold
VVCC>UVLO, VACDET falling
0.35
0.46
V
VCC to SRN COMPARATOR (VCC_SRN), SLEEP
VVCC-SRN_FALL
VCC-SRN Falling threshold
VVCC falling towards VSRN
120
250
375
mV
VVCC-SRN _RHYS
VCC-SRN Rising hysteresis
VVCC rising above VSRN
300
mV
INPUT OVER-CURRENT COMPARATOR
ACOC
ACP to ACN Rising Threshold, respect to input
current().
ChargeOption() bit [7] = 1
330%
IDPM
ACOC floor
50
mV
ACOC ceiling
180
mV
LIGHT LOAD COMPARATOR
ACP to ACN Falling Threshold, average
Converter CCM-DCM, current decrease
1.25
mV
ACP to ACN Rising Threshold, average
2.5
mV
CONVERTER OVER-CURRENT COMPARATOR (ILIM_HI), CYCLE-BY-CYCLE
ILIM_HI
Converter over current limit, measure GND-PH
Chargeoption() bit [6] =0
250
mV
Chargeoption() bit [6] =1 (default)
350
mV
CONVERTER UNDER-CURRENT COMPARATOR (ILIM_LOW) , CYCLE-BY-CYCLE
Converter over current limit, measure GND-PH
–2
0
6
mV
INPUT OVER-VOLTAGE (ACOVP)
VACOVP
VCC Over-Voltage Rising Threshold
VCC rising
24
26
28
V
VACOV_HYS
VCC Over-Voltage Falling Hysteresis
VCC falling
1
V


Similar Part No. - BQ24715RGRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24715RGRR TI-BQ24715RGRR Datasheet
760Kb / 8P
[Old version datasheet]   2-3 Cell NVDC-1 Battery Charger Controller with Ultra-Fast Transient Response and High Light-Load Efficiency
More results

Similar Description - BQ24715RGRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24715 TI-BQ24715 Datasheet
760Kb / 8P
[Old version datasheet]   2-3 Cell NVDC-1 Battery Charger Controller with Ultra-Fast Transient Response and High Light-Load Efficiency
logo
Sanken electric
NR132D SANKEN-NR132D Datasheet
644Kb / 15P
   Ultra light load high efficiency
NR131A SANKEN-NR131A Datasheet
614Kb / 15P
   Ultra light load high efficiency
NR131S SANKEN-NR131S Datasheet
661Kb / 15P
   Ultra light load high efficiency
NR131D SANKEN-NR131D Datasheet
644Kb / 15P
   Ultra light load high efficiency
NR132A SANKEN-NR132A Datasheet
614Kb / 15P
   Ultra light load high efficiency
logo
ON Semiconductor
NCP1589L ONSEMI-NCP1589L Datasheet
132Kb / 8P
   Low Voltage Synchronous Buck Controller with Light Load Efficiency and Transient Enhancement
August, 2013 ??Rev. 2
NCP1589DMNTWG ONSEMI-NCP1589DMNTWG Datasheet
126Kb / 8P
   Low Voltage Synchronous Buck Controller with Light Load Efficiency and Transient Enhancement
July, 2011 ??Rev. 1
logo
Linear Technology
LT8490 LINER-LT8490 Datasheet
413Kb / 8P
   High Efficiency MPPT Battery Charger Controller
logo
M.S. Kennedy Corporatio...
MSK5251-15 MSK-MSK5251-15 Datasheet
335Kb / 6P
   Ultra-Fast Transient Response
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com