Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27541-V200 Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ27541-V200
Description  Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27541-V200 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ27541-V200_17 Datasheet HTML 2Page - Texas Instruments BQ27541-V200_17 Datasheet HTML 3Page - Texas Instruments BQ27541-V200_17 Datasheet HTML 4Page - Texas Instruments BQ27541-V200_17 Datasheet HTML 5Page - Texas Instruments BQ27541-V200_17 Datasheet HTML 6Page - Texas Instruments BQ27541-V200_17 Datasheet HTML 7Page - Texas Instruments BQ27541-V200_17 Datasheet HTML 8Page - Texas Instruments BQ27541-V200_17 Datasheet HTML 9Page - Texas Instruments BQ27541-V200_17 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
t(B)
t(BR)
t(HW1)
t(HW0)
t(CYCH)
t(DW1)
t(DW0)
t(CYCD)
Break
7-bitaddress
8-bitdata
(a) BreakandBreakRecovery
(c) Host TransmittedBit
(d) Gauge TransmittedBit
(e) GaugetoHostResponse
1.2V
t(RISE)
(b) HDQlinerisetime
1-bit
R/W
t(RSPS)
bq27541-V200
SLUSA11B – FEBRUARY 2010 – REVISED SEPTEMBER 2013
www.ti.com
HDQ COMMUNICATION TIMING CHARACTERISTICS
TA = –40°C to 85°C, CREG = 0.47μF, 2.45 V < VREGIN = VBAT < 5.5 V; typical values at TA = 25°C and VREGIN = VBAT = 3.6 V
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t(CYCH)
Cycle time, host to bq27541
190
μs
t(CYCD)
Cycle time, bq27541 to host
190
205
250
μs
t(HW1)
Host sends 1 to bq27541
0.5
50
μs
t(DW1)
bq27541 sends 1 to host
32
50
μs
t(HW0)
Host sends 0 to bq27541
86
145
μs
t(DW0)
bq27541 sends 0 to host
80
145
μs
t(RSPS)
Response time, bq27541 to host
190
950
μs
t(B)
Break time
190
μs
t(BR)
Break recovery time
40
μs
t(RISE)
HDQ line rising time to logic 1 (1.2V)
950
ns
Figure 1. Timing Diagrams
6
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: bq27541-V200
Not Recommended for New Designs


Similar Part No. - BQ27541-V200_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27541-V200_1004 TI-BQ27541-V200_1004 Datasheet
664Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200_1007 TI-BQ27541-V200_1007 Datasheet
743Kb / 43P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
More results

Similar Description - BQ27541-V200_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27545-G1 TI1-BQ27545-G1 Datasheet
1Mb / 53P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge For Battery Pack Integration
BQ27541 TI-BQ27541 Datasheet
789Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
679Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-G1 TI1-BQ27541-G1 Datasheet
659Kb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27542-G1 TI1-BQ27542-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200_1004 TI-BQ27541-V200_1004 Datasheet
664Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200_1007 TI-BQ27541-V200_1007 Datasheet
743Kb / 43P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27411-G1 TI1-BQ27411-G1 Datasheet
998Kb / 20P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27546-G1 TI1-BQ27546-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
REVISED DECEMBER 2015
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com