Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPA01011DRZR Datasheet(PDF) 1 Page - Texas Instruments

Part # HPA01011DRZR
Description  System-Side Impedance Track Fuel Gauge With Direct Battery Connection
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HPA01011DRZR Datasheet(HTML) 1 Page - Texas Instruments

  HPA01011DRZR Datasheet HTML 1Page - Texas Instruments HPA01011DRZR Datasheet HTML 2Page - Texas Instruments HPA01011DRZR Datasheet HTML 3Page - Texas Instruments HPA01011DRZR Datasheet HTML 4Page - Texas Instruments HPA01011DRZR Datasheet HTML 5Page - Texas Instruments HPA01011DRZR Datasheet HTML 6Page - Texas Instruments HPA01011DRZR Datasheet HTML 7Page - Texas Instruments HPA01011DRZR Datasheet HTML 8Page - Texas Instruments HPA01011DRZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
TYPICAL APPLICATION
HostSystem
PACK-
Single-CellLi-ion
BatteryPack
CHG
DSG
Temp
Sense
Battery
Good
Current
Sense
T
PACK+
Voltage
Sense
Battery
Low
Warning
FETs
I C
2
LDO
REG25
REGIN
VCC
DATA
bq27510
Power
Management
Controller
PROTECTION
IC
bq27510-G1
www.ti.com ..................................................................................................................................................................................................... SLUS927 – APRIL 2009
System-Side Impedance Track™ Fuel Gauge With Direct Battery Connection
• Smartphones
23
• Battery Fuel Gauge for 1-Series Li-Ion
Applications
• PDAs
• Digital Still and Video Cameras
• Resides on System Main Board
• Handheld Terminals
Works with Embedded or Removable
• MP3 or Multimedia Players
Battery Packs
Uses PACK+, PACK–, and T Battery
Terminals
Can be Powered Directly From Battery Pack
The Texas Instruments bq27510 system-side Li-Ion
battery fuel gauge is a microcontroller peripheral that
(no LDO required)
provides fuel gauging for single-cell Li-Ion battery
• Microcontroller Peripheral Provides:
packs.
The
device
requires
little
system
Accurate Battery Fuel Gauging
microcontroller firmware development. The bq27510
resides on the system’s main board and manages an
Battery Low Interrupt Warning
embedded battery (non-removable) or a removable
Battery Insertion Indicator
battery pack.
96 Bytes of Non-Volatile Scratch Pad
The bq27510 uses the patented Impedance Track™
FLASH
algorithm for fuel gauging, and provides information
• Battery Fuel Gauging Based on Patented
such
as
remaining
battery
capacity
(mAh),
Impedance Track™ Technology
state-of-charge (%), run-time to empty (min.), battery
Models Battery Discharge Curve for
voltage (mV), and temperature (°C).
Accurate Time-To-Empty Predictions
Battery fuel gauging with the bq27510 requires only
Automatically Adjusts for Battery Aging,
PACK+ (P+), PACK– (P–), and Thermistor (T)
Battery Self-Discharge, and
connections
to
a
removable
battery
pack
or
Temperature/Rate Inefficiencies
embedded battery.
Low-Value Sense Resistor (10 m
Ω or less)
• I2C™ for Connection to System
Microcontroller Port
• Small 12-pin 2,5 mm × 4 mm SON Package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Impedance Track is a trademark of Texas Instruments.
3
I2C is a trademark of Phillips Corporation.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.
Not Recommended For New Designs


Similar Part No. - HPA01011DRZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HPA01012DCUR TI1-HPA01012DCUR Datasheet
1,017Kb / 24P
[Old version datasheet]   Dual Buffer and Driver With 3-State Outputs
More results

Similar Description - HPA01011DRZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27410-G1 TI1-BQ27410-G1 Datasheet
489Kb / 29P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
MARCH2011
BQ27510-G2 TI1-BQ27510-G2 Datasheet
844Kb / 38P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
BQ27510 TI-BQ27510_08 Datasheet
738Kb / 36P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
BQ27510 TI-BQ27510 Datasheet
799Kb / 37P
[Old version datasheet]   System-Side Impedance-Track Fuel Gauge With Direct Battery Connection
BQ27510-G1 TI-BQ27510-G1 Datasheet
952Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
BQ27510-G3 TI-BQ27510-G3 Datasheet
973Kb / 20P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Direct Battery Connection
BQ27510 TI-BQ27510_1 Datasheet
905Kb / 38P
[Old version datasheet]   System-Side Impedance TrackTM Fuel Gauge With Direct Battery Connection
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505-J5 TI1-BQ27505-J5 Datasheet
811Kb / 41P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com