Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPA02235YZFR Datasheet(PDF) 6 Page - Texas Instruments

Part # HPA02235YZFR
Description  System-Side Impedance Track Fuel Gauge With Integrated LDO
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HPA02235YZFR Datasheet(HTML) 6 Page - Texas Instruments

Back Button HPA02235YZFR Datasheet HTML 2Page - Texas Instruments HPA02235YZFR Datasheet HTML 3Page - Texas Instruments HPA02235YZFR Datasheet HTML 4Page - Texas Instruments HPA02235YZFR Datasheet HTML 5Page - Texas Instruments HPA02235YZFR Datasheet HTML 6Page - Texas Instruments HPA02235YZFR Datasheet HTML 7Page - Texas Instruments HPA02235YZFR Datasheet HTML 8Page - Texas Instruments HPA02235YZFR Datasheet HTML 9Page - Texas Instruments HPA02235YZFR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
bq27520-G3
SLUSAP0 – DECEMBER 2011
www.ti.com
3.3
Power-On Reset
TA = –40°C to 85°C, typical values at TA = 25°C and VREGIN = 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT+
Positive-going battery voltage input at VCC
2.09
2.20
2.31
V
VHYS
Power-on reset hysteresis
45
115
185
mV
3.4
2.5-V LDO Regulator
TA = 25°C, CLDO25 = 1μF, VREGIN = 3.6V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
NOM
MAX
UNIT
2.5 V LDO Regulator(1)
2.7V
≤ VREGIN ≤ 4.5V, IOUT ≤ 16mA
TA = –40°C to 85°C
2.4
2.5
2.54
V
VREG25
Regulator output voltage
2.45V
≤ VREGIN < 2.7V (low battery),
TA = –40°C to 85°C
2.4
V
IOUT ≤ 3mA
CE High-level input
VIH(CE)
2.65
voltage
VREGIN = 2.7 to 4.5V
TA = –40°C to 85°C
V
CE Low-level input
VIL(CE)
0.8
voltage
2.7V, IOUT ≤ 16mA
TA = –40°C to 85°C
325
VDO
Regulator dropout voltage
mV
2.45V, IOUT ≤ 3mA
TA = –40°C to 85°C
50
Regulator output change
ΔVREGTEMP
VREGIN = 3.6V, IOUT = 16mA
TA = –40°C to 85°C
0.5%
with temperature
ΔVREGLINE
Line regulation
2.7V
≤ VREGIN ≤ 4.5V, IOUT = 16mA
18
40
mV
0.2mA
≤ IOUT ≤ 3mA, VREGIN = 2.45 V
34
40
ΔVREGLOAD
Load regulation
mV
3mA
≤ IOUT ≤ 16mA, VREGIN = 2.7 V
31
ISHORT
(2)
Short circuit current limit
VREG25 = 0V
TA = –40°C to 85°C
250
mA
(1)
LDO output current, IOUT, is the total load current. LDO regulator should be used to power internal fuel gauge only.
(2)
Assured by design. Not production tested.
3.5
Internal Temperature Sensor Characteristics
TA = –40°C to 85°C, 2.4 V < VCC < 2.6 V; typical values at TA = 25°C and VCC = 2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GTEMP
Temperature sensor voltage gain
–2
mV/°C
3.6
High-Frequency Oscillator
TA = –40°C to 85°C, 2.4 V < VCC < 2.6 V; typical values at TA = 25°C and VCC = 2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOSC
Operating frequency
2.097
MHz
TA = 0°C to 60°C
–2%
0.38%
2%
fEIO
Frequency error(1) (2)
TA = –20°C to 70°C
–3%
0.38%
3%
TA = –40°C to 85°C
–4.5%
0.38%
4.5%
tSXO
Start-up time(3)
2.5
5
ms
(1)
The frequency error is measured from 2.097 MHz.
(2)
The frequency drift is included and measured from the trimmed frequency at VCC = 2.5 V, TA = 25°C.
(3)
The start-up time is defined as the time it takes for the oscillator output frequency to be within ±3% of typical oscillator frequency.
6
ELECTRICAL SPECIFICATIONS
Copyright © 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :bq27520-G3
Not Recommended for New Designs


Similar Part No. - HPA02235YZFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HPA02230AIDBVR TI1-HPA02230AIDBVR Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
HPA02232ARGER TI1-HPA02232ARGER Datasheet
6Mb / 36P
[Old version datasheet]   Dual-Channel USB 3.0 Redriver and Equalizer
HPA02239RUKR TI1-HPA02239RUKR Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
More results

Similar Description - HPA02235YZFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27520-G3 TI-BQ27520-G3 Datasheet
863Kb / 47P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27520-G4 TI1-BQ27520-G4_17 Datasheet
1Mb / 36P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520YZFR-G4 TI-BQ27520YZFR-G4 Datasheet
843Kb / 19P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520-G1 TI-BQ27520-G1 Datasheet
667Kb / 46P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27520-G1 TI1-BQ27520-G1_14 Datasheet
1,021Kb / 50P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27520-G2 TI1-BQ27520-G2_17 Datasheet
1Mb / 50P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520-G2 TI1-BQ27520-G2 Datasheet
839Kb / 47P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505-J5 TI1-BQ27505-J5 Datasheet
811Kb / 41P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com