Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPA02235YZFR Datasheet(PDF) 8 Page - Texas Instruments

Part # HPA02235YZFR
Description  System-Side Impedance Track Fuel Gauge With Integrated LDO
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HPA02235YZFR Datasheet(HTML) 8 Page - Texas Instruments

Back Button HPA02235YZFR Datasheet HTML 4Page - Texas Instruments HPA02235YZFR Datasheet HTML 5Page - Texas Instruments HPA02235YZFR Datasheet HTML 6Page - Texas Instruments HPA02235YZFR Datasheet HTML 7Page - Texas Instruments HPA02235YZFR Datasheet HTML 8Page - Texas Instruments HPA02235YZFR Datasheet HTML 9Page - Texas Instruments HPA02235YZFR Datasheet HTML 10Page - Texas Instruments HPA02235YZFR Datasheet HTML 11Page - Texas Instruments HPA02235YZFR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
bq27520-G3
SLUSAP0 – DECEMBER 2011
www.ti.com
3.10
Data Flash Memory Characteristics
TA = –40°C to 85°C, 2.4 V < VCC < 2.6 V; typical values at TA = 25°C and VCC = 2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tDR
Data retention(1)
10
Years
Flash-programming write cycles(1)
20,000
Cycles
tWORDPROG
Word programming time(1)
2
ms
ICCPROG
Flash-write supply current(1)
5
10
mA
tDFERASE
Data flash master erase time(1)
200
ms
tIFERASE
Instruction flash master erase time(1)
200
ms
tPGERASE
Flash page erase time(1)
20
ms
(1)
Specified by design. Not production tested
3.11
I
2C-Compatible Interface Communication Timing Characteristics
TA = –40°C to 85°C, 2.4 V < VCC < 2.6 V; typical values at TA = 25°C and VCC = 2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
SCL/SDA rise time
300
ns
tf
SCL/SDA fall time
300
ns
tw(H)
SCL pulse duration (high)
600
ns
tw(L)
SCL pulse duration (low)
1.3
μs
tsu(STA)
Setup for repeated start
600
ns
td(STA)
Start to first falling edge of SCL
600
ns
tsu(DAT)
Data setup time
100
ns
th(DAT)
Data hold time
0
ns
tsu(STOP)
Setup time for stop
600
ns
t(BUF)
Bus free time between stop and start
66
μs
fSCL
Clock frequency
400
kHz
Figure 3-1. I2C-Compatible Interface Timing Diagrams
8
ELECTRICAL SPECIFICATIONS
Copyright © 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :bq27520-G3
Not Recommended for New Designs


Similar Part No. - HPA02235YZFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HPA02230AIDBVR TI1-HPA02230AIDBVR Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
HPA02232ARGER TI1-HPA02232ARGER Datasheet
6Mb / 36P
[Old version datasheet]   Dual-Channel USB 3.0 Redriver and Equalizer
HPA02239RUKR TI1-HPA02239RUKR Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
More results

Similar Description - HPA02235YZFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27520-G3 TI-BQ27520-G3 Datasheet
863Kb / 47P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27520-G4 TI1-BQ27520-G4_17 Datasheet
1Mb / 36P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520YZFR-G4 TI-BQ27520YZFR-G4 Datasheet
843Kb / 19P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520-G1 TI-BQ27520-G1 Datasheet
667Kb / 46P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27520-G1 TI1-BQ27520-G1_14 Datasheet
1,021Kb / 50P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27520-G2 TI1-BQ27520-G2_17 Datasheet
1Mb / 50P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520-G2 TI1-BQ27520-G2 Datasheet
839Kb / 47P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505-J5 TI1-BQ27505-J5 Datasheet
811Kb / 41P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com