Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV401AIDWPG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # DRV401AIDWPG4
Description  Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV401AIDWPG4 Datasheet(HTML) 3 Page - Texas Instruments

  DRV401AIDWPG4 Datasheet HTML 1Page - Texas Instruments DRV401AIDWPG4 Datasheet HTML 2Page - Texas Instruments DRV401AIDWPG4 Datasheet HTML 3Page - Texas Instruments DRV401AIDWPG4 Datasheet HTML 4Page - Texas Instruments DRV401AIDWPG4 Datasheet HTML 5Page - Texas Instruments DRV401AIDWPG4 Datasheet HTML 6Page - Texas Instruments DRV401AIDWPG4 Datasheet HTML 7Page - Texas Instruments DRV401AIDWPG4 Datasheet HTML 8Page - Texas Instruments DRV401AIDWPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
DRV401
SBVS070B − JUNE 2006 − REVISED MAY 2009
www.ti.com
3
ELECTRICAL CHARACTERISTICS
Boldface limits apply over the specified temperature range: TJ = −40°C to +125°C.
At TA = +25°C and VDD1 = VDD2 = +5V with external 100kHz filter BW, and zero output current ICOMP, unless otherwise noted.
DRV401
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DIFFERENTIAL AMPLIFIER
RL = 10kΩ to 2.5V, VREFIN = 2.5V
OFFSET VOLTAGE
Offset Voltage, RTO(1)(2)
VOS
Gain 4V/V
±0.01
±0.1
mV
Drift, RTO(2)
dVOS/dT
±0.1
±1(3)
µV/°C
vs Common-Mode, RTO
CMRR
−1V to +6V, VREF = 2.5V
±50
±250
µV/V
vs Power-Supply, RTO
PSRR
VREF not included
±4
±50
µV/V
SIGNAL INPUT
Common-Mode Voltage Range
−1
(VDD) + 1
V
SIGNAL OUTPUT
Signal Over-Range Indication (OVER-RANGE), Delay(2)
VIN = 1V Step, See Notes 2 and 3
2.5 to 3.5
µs
Voltage Output Swing From Negative Rail(2),
OVER-RANGE Trip Level
I = +2.5mA, CMP Trip Level
+48
+85
mV
Voltage Output Swing From Positive Rail(2),
OVER-RANGE Trip Level
I = −2.5mA, CMP Trip Level
VDD − 85
VDD − 48
mV
Short-Circuit Current(2)
ISC
VOUT Connected To GND
−18
mA
VOUT Connected To VDD
+20
mA
Gain, VOUT/VIN_DIFF
4
V/V
Gain Error
±0.02
±0.3
%
Gain Error Drift
±0.1
ppm/
°C
Linearity Error
RL = 1kΩ
10
ppm
FREQUENCY RESPONSE
Bandwidth(2)
BW−3dB
2
MHz
Slew Rate(2)
SR
CMVR = −1V to = +4V
6.5
V/
µs
Settling Time, Large-Signal(2)
dV
± 2V to 1%, No External Filter
0.9
µs
Settling Time(2)
dV
± 0.4V to 0.01%
14
µs
INPUT RESISTANCE
Differential
16.5
20
23.5
k
Common-Mode
41
50
59
k
External Reference Input
41
50
59
k
NOISE
Output Voltage Noise Density, f = 1kHz, RTO(2)
en
Compensation Loop Disabled
170
nV/
√Hz
COMPENSATION LOOP
DC STABILITY
Probe f = 250kHz, RLOAD = 20Ω
Offset Error(4)
Deviation from 50% PWM, Pin Gain = L
0.03
%
Offset Error Drift(2)
Deviation from 50% PWM, Pin Gain = L
7.5
ppm/
°C
Gain, Pin Gain = L(2)
|VICOMP1| − |VICOMP2|
−200
25
200
ppm/V
Power-Supply Rejection Ratio
PSRR
Probe Loop f = 250kHz
500
ppm/V
FREQUENCY RESPONSE
Open-Loop Gain, Two Modes, 7.8kHz
Pin Gain H/L
24/32
dB
PROBE COIL LOOP
Input Voltage Clamp Range
Field Probe Current < 50mA
−0.7 to VDD + 0.7
V
Internal Resistor, IS1 or IS2 to VDD1(2)
RHIGH
47
59
71
Internal Resistor, IS1 or IS2 to GND1(2)
RLOW
60
75
90
Resistance Mismatch Between IS1 and IS2(2)
ppm of RHIGH + RLOW
300
1500
ppm
Total Input Resistance(3)
134
200
W
Comparator Threshold Current(3)
22
28
34
mA
Minimum Probe Loop Half-Cycle(2)
250
280
310
ns
Probe Loop Minimum Frequency
250
kHz
No Oscillation Detect (Error) Suppression
35
µs
COMPENSATION COIL DRIVER, H-BRIDGE
Peak Current(2)
VICOMP1 − VICOMP2 = 4.0VPP
250
mA
Voltage Swing
20
Ω Load
4.2
VPP
Output Common-Mode Voltage
VDD2/2
V
Wire Break Detect, Threshold Current(5)
ICOMP1 and ICOMP2 Railed
33
57
mA


Similar Part No. - DRV401AIDWPG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV401AIDWPG4 BURR-BROWN-DRV401AIDWPG4 Datasheet
526Kb / 28P
   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
More results

Similar Description - DRV401AIDWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV401 TI-DRV401_15 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401-EP TI-DRV401-EP Datasheet
868Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR CLOSED-LOOP MAGNETIC CURRENT SENSOR
logo
Burr-Brown (TI)
DRV401 BURR-BROWN-DRV401 Datasheet
526Kb / 28P
   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
logo
Texas Instruments
DRV411 TI-DRV411_15 Datasheet
1Mb / 34P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV411 TI-DRV411 Datasheet
1Mb / 33P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV411AIPWP TI1-DRV411AIPWP Datasheet
1Mb / 34P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV401-Q1 TI1-DRV401-Q1 Datasheet
812Kb / 39P
[Old version datasheet]   DRV401-Q1 Sensor Signal Conditioning Device for Closed-Loop Magnetic Current Sensor
DRV401-EP TI-DRV401-EP_09 Datasheet
860Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR SENSOR SIGNAL CONDITIONING IC FOR
DRV421 TI1-DRV421_16 Datasheet
1Mb / 44P
[Old version datasheet]   Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
DRV421 TI-DRV421_15 Datasheet
1Mb / 44P
[Old version datasheet]   DRV421 Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com