Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV401AIDWPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DRV401AIDWPR
Description  Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV401AIDWPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV401AIDWPR Datasheet HTML 2Page - Texas Instruments DRV401AIDWPR Datasheet HTML 3Page - Texas Instruments DRV401AIDWPR Datasheet HTML 4Page - Texas Instruments DRV401AIDWPR Datasheet HTML 5Page - Texas Instruments DRV401AIDWPR Datasheet HTML 6Page - Texas Instruments DRV401AIDWPR Datasheet HTML 7Page - Texas Instruments DRV401AIDWPR Datasheet HTML 8Page - Texas Instruments DRV401AIDWPR Datasheet HTML 9Page - Texas Instruments DRV401AIDWPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
DRV401
SBVS070B − JUNE 2006 − REVISED MAY 2009
www.ti.com
6
TYPICAL CHARACTERISTICS
At TA = +25°C and VDD1 = VDD2 = +5V with external 100kHz filter BW, unless otherwise noted.
0.04
0.03
0.02
0.01
0
−0.01
−0.02
−0.03
−0.04
4.3
4.1
4.5
4.7
4.9
5.1
5.3
5.5
5.7
5.9
6.1
DRV401 AND SENSOR:
OFFSET vs SUPPLY VOLTAGE
V
DD (V)
M4645−X211
M4645−X211
M4645−X080
100
10
0.1
0.1
1
10
100
1k
10k
100k
DRV401 AND SENSOR:
OUTPUT VOLTAGE NOISE DENSITY
(Sensor M4645−X080, R
SHUNT =10Ω,Mode=Low)
Frequency (Hz)
60Hz Line Frequency and Multiples
(measured in a 60Hz environment)
Divided Field
Probe Frequency
DRV401 AND SENSOR: ABSOLUTE ERROR
(Soldered DWP−20 with 1 Square−Inch Copper Pad)
(Measurements by Vacuumschmelza GmbH)
0
0.3
0.2
0.1
0
−0.1
−0.2
−0.3
300
200
100
−300
−200
−100
Primary Current (A)
T
C (RSHUNT) ±25ppm/_ C.
T=
−50_C
T= +25
_C
T= +85
_C
T= +125
_C
1.20
1.15
1.10
1.05
1.00
0.95
0.90
0.85
0.80
10
100
1k
10k
100k
1M
GAIN FLATNESS vs FREQUENCY
(Measurements by Vacuumschmelze GmbH)
Frequency (Hz)
DRV401 with M4645−X600 Sensor
DRV401 with M4645−X211 Sensor
DRV401 with M4645−X080 Sensor
20
60
100
0
I
PRIM
40
80
120
140
160
180
200
3A I
COMP OVERLOAD RECOVERY
(Measurements by Vacuumschmelze GmbH)
Time (
µs)
I
PRIM
Over−Range
ERROR
ERROR
V
OUT
Over−Range
V
OUT
NOTE: I
PRIM = 3000A corresponds to ICOMP =3A.
DIFFERENTIAL AMPLIFIER:
VOLTAGE OFFSET PRODUCTION DISTRIBUTION
Voltage Offset (
µV)
RTO


Similar Part No. - DRV401AIDWPR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV401AIDWPR BURR-BROWN-DRV401AIDWPR Datasheet
526Kb / 28P
   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401AIDWPRG4 BURR-BROWN-DRV401AIDWPRG4 Datasheet
526Kb / 28P
   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
More results

Similar Description - DRV401AIDWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV401 TI-DRV401_15 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401-EP TI-DRV401-EP Datasheet
868Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR CLOSED-LOOP MAGNETIC CURRENT SENSOR
logo
Burr-Brown (TI)
DRV401 BURR-BROWN-DRV401 Datasheet
526Kb / 28P
   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
logo
Texas Instruments
DRV411 TI-DRV411_15 Datasheet
1Mb / 34P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV411 TI-DRV411 Datasheet
1Mb / 33P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV411AIPWP TI1-DRV411AIPWP Datasheet
1Mb / 34P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV401-Q1 TI1-DRV401-Q1 Datasheet
812Kb / 39P
[Old version datasheet]   DRV401-Q1 Sensor Signal Conditioning Device for Closed-Loop Magnetic Current Sensor
DRV401-EP TI-DRV401-EP_09 Datasheet
860Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR SENSOR SIGNAL CONDITIONING IC FOR
DRV421 TI1-DRV421_16 Datasheet
1Mb / 44P
[Old version datasheet]   Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
DRV421 TI-DRV421_15 Datasheet
1Mb / 44P
[Old version datasheet]   DRV421 Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com