Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV870XD-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Part # DRV870XD-Q1
Description  Automotive Half-Bridge Gate Driver
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV870XD-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  DRV870XD-Q1 Datasheet HTML 1Page - Texas Instruments DRV870XD-Q1 Datasheet HTML 2Page - Texas Instruments DRV870XD-Q1 Datasheet HTML 3Page - Texas Instruments DRV870XD-Q1 Datasheet HTML 4Page - Texas Instruments DRV870XD-Q1 Datasheet HTML 5Page - Texas Instruments DRV870XD-Q1 Datasheet HTML 6Page - Texas Instruments DRV870XD-Q1 Datasheet HTML 7Page - Texas Instruments DRV870XD-Q1 Datasheet HTML 8Page - Texas Instruments DRV870XD-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 66 page
background image
1
GND
24
RSVD
2
IN1
23
SP
3
IN2
22
SN
4
SDO
21
SP
5
nSCS
20
GL
6
SDI
19
SH
7
SCLK
18
GH
8
nSLEEP
17
GND
Not to scale
Thermal
Pad
1
GND
24
RSVD
2
IN1
23
SP
3
IN2
22
SN
4
GND
21
SP
5
IDRIVE
20
GL
6
VDS
19
SH
7
GND
18
GH
8
nSLEEP
17
GND
Not to scale
Thermal
Pad
3
DRV8702D-Q1, DRV8703D-Q1
www.ti.com
SLVSDX8 – MARCH 2017
Product Folder Links: DRV8702D-Q1 DRV8703D-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
DRV8702D-Q1 RHB Package With Wettable Flanks
32-Pin VQFN
Top View
DRV8703D-Q1 RHB Package With Wettable Flanks
32-Pin VQFN
Top View
(1)
I = input, O = output, PWR = power, NC = no connect, OD = open-drain output
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
DRV8702D-Q1 DRV8703D-Q1
AVDD
14
14
PWR
Analog regulator. This pin is the 5-V analog supply regulator. Bypass this pin to
ground with a 6.3-V, 1-µF ceramic capacitor.
CPH
30
30
PWR
Charge-pump switching node. Connect a 0.1-µF X7R capacitor rated for the
supply voltage (VM) between the CPH and CPL pins.
CPL
31
31
PWR
Charge-pump switching node. Connect a 0.1-µF X7R capacitor rated for the
supply voltage (VM) between the CPH and CPL pins.
DVDD
12
12
PWR
Logic regulator. This pin is the regulator for the 3.3-V logic supply. Bypass this
pin to ground with a 6.3-V, 1-µF ceramic capacitor.
GH
18
18
O
High-side gate. Connect this pin to the high-side FET gate.
GL
20
20
O
Low-side gate. Connect this pin to the low-side FET gate.
GND
1
1
PWR
Device ground. Connect this pin to the system ground.
GND
13
13
PWR
Device ground. Connect this pin to the system ground.
GND
17
17
PWR
Device ground. Connect this pin to the system ground.
GND
25
25
PWR
Device ground. Connect this pin to the system ground.
GND
4
PWR
Device ground. Connect this pin to the system ground.
GND
7
PWR
Device ground. Connect this pin to the system ground.
GND
9
PWR
Device ground. Connect this pin to the system ground.
IDRIVE
5
I
Current setting pin for the gate drive. The resistor value or voltage forced on
this pin sets the gate-drive current. For more information see the IDRIVE
Configuration section.
IN1
2
2
I
Input control pins. The logic of this pin is dependent on the MODE pin.
IN2
3
3
I
Input control pins. The logic of this pin is dependent on the MODE pin.


Similar Part No. - DRV870XD-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8701 TI-DRV8701 Datasheet
1Mb / 42P
[Old version datasheet]   DRV8701 Brushed DC Motor Full-Bridge Gate Driver
DRV8701ERGER TI-DRV8701ERGER Datasheet
1Mb / 42P
[Old version datasheet]   DRV8701 Brushed DC Motor Full-Bridge Gate Driver
DRV8701ERGET TI-DRV8701ERGET Datasheet
1Mb / 42P
[Old version datasheet]   DRV8701 Brushed DC Motor Full-Bridge Gate Driver
DRV8701PRGER TI-DRV8701PRGER Datasheet
1Mb / 42P
[Old version datasheet]   DRV8701 Brushed DC Motor Full-Bridge Gate Driver
DRV8701PRGET TI-DRV8701PRGET Datasheet
1Mb / 42P
[Old version datasheet]   DRV8701 Brushed DC Motor Full-Bridge Gate Driver
More results

Similar Description - DRV870XD-Q1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6393DTR STMICROELECTRONICS-L6393DTR Datasheet
390Kb / 19P
   Half-bridge gate driver
logo
Diodes Incorporated
DGD2184M DIODES-DGD2184M Datasheet
652Kb / 12P
   HALF BRIDGE GATE DRIVER
DGD21844M DIODES-DGD21844M Datasheet
637Kb / 12P
   HALF-BRIDGE GATE DRIVER
logo
Fairchild Semiconductor
FAN7380 FAIRCHILD-FAN7380_07 Datasheet
438Kb / 13P
   Half-Bridge Gate Driver
logo
Diodes Incorporated
DGD2003 DIODES-DGD2003 Datasheet
688Kb / 11P
   HALF-BRIDGE GATE DRIVER
logo
ON Semiconductor
FAN7080-GF085 ONSEMI-FAN7080-GF085 Datasheet
391Kb / 17P
   Half Bridge Gate Driver
September-2017, Rev.2
FAN7380 ONSEMI-FAN7380 Datasheet
651Kb / 12P
   Half-Bridge Gate Driver
October-2017, Rev. 3
FL73282 ONSEMI-FL73282 Datasheet
430Kb / 16P
   Half-Bridge Gate Driver
September 2015 Rev.1.0
logo
Diodes Incorporated
DGD2104M DIODES-DGD2104M Datasheet
789Kb / 11P
   HALF-BRIDGE GATE DRIVER
logo
STMicroelectronics
L6393 STMICROELECTRONICS-L6393 Datasheet
462Kb / 20P
   Half-bridge gate driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com