Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ7790505PWR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ7790505PWR
Description  3-5S Ultra Low-Power Voltage, Current, Temperature, and Open Wire Stackable Lithium-ion Battery Protector
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ7790505PWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ7790505PWR Datasheet HTML 6Page - Texas Instruments BQ7790505PWR Datasheet HTML 7Page - Texas Instruments BQ7790505PWR Datasheet HTML 8Page - Texas Instruments BQ7790505PWR Datasheet HTML 9Page - Texas Instruments BQ7790505PWR Datasheet HTML 10Page - Texas Instruments BQ7790505PWR Datasheet HTML 11Page - Texas Instruments BQ7790505PWR Datasheet HTML 12Page - Texas Instruments BQ7790505PWR Datasheet HTML 13Page - Texas Instruments BQ7790505PWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
±1.0
±0.8
±0.6
±0.4
±0.2
0.0
0.2
-0.35
-0.3
-0.25
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
±40
±20
0
20
40
60
80
Temperature (ºC)
Error (in mV)
Error (in %)
C001
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
0.5
1
1.5
2
2.5
±40
±20
0
20
40
60
80
Temperature (ºC)
Error (in mV)
Error (in %)
C002
Temperature (qC)
-40
-15
10
35
60
85
-20
-15
-10
-5
0
5
10
15
D003
Temperature (qC)
-40
-15
10
35
60
85
-20
-15
-10
-5
0
5
10
D004
Temperature (qC)
-40
-15
10
35
60
85
4
4.5
5
5.5
6
6.5
7
7.5
D001
Temperature (qC)
-40
-15
10
35
60
85
0
0.05
0.1
0.15
0.2
0.25
D002
10
bq77904, bq77905
SLUSCM3E – JUNE 2016 – REVISED MARCH 2017
www.ti.com
Product Folder Links: bq77904 bq77905
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
7.7 Typical Characteristics
Figure 1. Normal Mode Current
Figure 2. Shutdown Current
Figure 3. OV Error at 4.25 V Threshold
Figure 4. UV Error at 2.8 V Threshold
Figure 5. OCD1 Error at 40 mV Threshold
Figure 6. OCD2 Error at 60 mV Threshold


Similar Part No. - BQ7790505PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ7790505PWR TI1-BQ7790505PWR Datasheet
1Mb / 47P
[Old version datasheet]   3-5S Ultra Low-Power Voltage, Current, Temperature, and Open Wire Stackable Lithium-ion Battery Protector
BQ7790505PWR TI1-BQ7790505PWR Datasheet
1Mb / 47P
[Old version datasheet]   bq77904, bq77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ7790505PWR TI1-BQ7790505PWR Datasheet
1Mb / 47P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ7790505PWR TI1-BQ7790505PWR Datasheet
1Mb / 47P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ7790505PWR TI-BQ7790505PWR Datasheet
2Mb / 46P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
More results

Similar Description - BQ7790505PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ77904_017 TI1-BQ77904_017 Datasheet
1Mb / 47P
[Old version datasheet]   3-5S Ultra Low-Power Voltage, Current, Temperature, and Open Wire Stackable Lithium-ion Battery Protector
BQ77904 TI1-BQ77904 Datasheet
1Mb / 45P
[Old version datasheet]   Open Wire Stackable Lithium-ion Battery Protector
BQ77904 TI1-BQ77904_V01 Datasheet
1Mb / 47P
[Old version datasheet]   bq77904, bq77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ77904 TI-BQ77904_V04 Datasheet
2Mb / 46P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ77904 TI1-BQ77904_V03 Datasheet
1Mb / 47P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ77904 TI1-BQ77904_V02 Datasheet
1Mb / 47P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
UCC3911 TI-UCC3911 Datasheet
257Kb / 12P
[Old version datasheet]   Lithium-Ion Battery Protector
logo
Maxim Integrated Produc...
MAX1665S MAXIM-MAX1665S Datasheet
164Kb / 12P
   Lithium-Ion Battery Pack Protector
19-1605; Rev 0; 1/00
MAX1666S MAXIM-MAX1666S Datasheet
294Kb / 16P
   Advanced Lithium-Ion Battery-Pack Protector
19-1465; Rev 1; 7/99
MAX1666A MAXIM-MAX1666A Datasheet
832Kb / 17P
   Advanced Lithium-Ion Battery-Pack Protector
Rev 2; 12/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com