Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2985A-50DBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985A-50DBVT
Description  150-mA Low-noise Low-dropout Regulator With Shutdown
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2985A-50DBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP2985A-50DBVT Datasheet HTML 3Page - Texas Instruments LP2985A-50DBVT Datasheet HTML 4Page - Texas Instruments LP2985A-50DBVT Datasheet HTML 5Page - Texas Instruments LP2985A-50DBVT Datasheet HTML 6Page - Texas Instruments LP2985A-50DBVT Datasheet HTML 7Page - Texas Instruments LP2985A-50DBVT Datasheet HTML 8Page - Texas Instruments LP2985A-50DBVT Datasheet HTML 9Page - Texas Instruments LP2985A-50DBVT Datasheet HTML 10Page - Texas Instruments LP2985A-50DBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
200
220
240
260
280
300
320
0
0.5
1
1.5
2
2.5
3
3.5
Output Voltage − (V)
VO = 3.3 V
−100
100
300
500
700
Time − (ms)
VI = 16 V
VO = 3.3 V
Ci = 1 mF
Cbyp = 0.01 mF
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
−500
0
500
1000
1500
2000
Time − (ms)
VI = 6 V
VO = 3.3 V
Ci = 1 mF
Cbyp = 0.01 mF
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
−50
−25
0
25
50
75
100
125
150
VO = 3.3 V
Cbyp = 10 nF
150 mA
50 mA
10 mA
1 mA
Temperature − ( C)
°
9.85
9.90
9.95
10.00
10.05
10.10
10.15
10.20
-50
-25
0
25
50
75
100
125
150
Temperature – °C
VI = 11 V
VO = 10 V
CI = 1 µF
CO = 4.7 µF
IO = 1 mA
3.295
3.305
3.315
3.325
3.335
3.345
−50
−25
0
25
50
75
100
125
150
VI = 4.3 V
VO = 3.3 V
Ci = 1 mF
Co = 4.7 mF
IO = 1 mA
Temperature − ( C)
°
LP2985
www.ti.com
SLVS522O – JULY 2004 – REVISED JANUARY 2015
6.6 Typical Characteristics
CIN = 1 μF, COUT = 4.7 μF, VIN = VOUT(NOM) + 1 V, TA = 25°C, ON/OFF pin tied to VIN (unless otherwise specified)
Figure 2. Output Voltage vs Temperature
Figure 1. Output Voltage vs Temperature
Figure 3. Dropout Voltage vs Temperature
Figure 4. Short-circuit Current vs Time
Figure 5. Short-circuit Current vs Time
Figure 6. Short-circuit Current vs Output Voltage
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7


Similar Part No. - LP2985A-50DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2985A-50DBVT TI-LP2985A-50DBVT Datasheet
781Kb / 24P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985A-50DBVT TI-LP2985A-50DBVT Datasheet
473Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985A-50DBVT TI-LP2985A-50DBVT Datasheet
487Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985A-50DBVT TI-LP2985A-50DBVT Datasheet
635Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985A-50DBVT TI-LP2985A-50DBVT Datasheet
650Kb / 27P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
More results

Similar Description - LP2985A-50DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2985 TI-LP2985_10 Datasheet
650Kb / 27P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985 Datasheet
781Kb / 24P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
473Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
487Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_08 Datasheet
635Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_15 Datasheet
1Mb / 29P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985 TI-LP2985_V02 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
DECEMBER 2022
LP2985 TI-LP2985_V03 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED DECEMBER 2022
LP2985 TI1-LP2985_V04 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED JULY 2023
LP2985 TI-LP2985_V01 Datasheet
9Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com