Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2188AQDGKRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2188AQDGKRQ1
Description  Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift, Automotive-Grade Operational Amplifier
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2188AQDGKRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA2188AQDGKRQ1 Datasheet HTML 2Page - Texas Instruments OPA2188AQDGKRQ1 Datasheet HTML 3Page - Texas Instruments OPA2188AQDGKRQ1 Datasheet HTML 4Page - Texas Instruments OPA2188AQDGKRQ1 Datasheet HTML 5Page - Texas Instruments OPA2188AQDGKRQ1 Datasheet HTML 6Page - Texas Instruments OPA2188AQDGKRQ1 Datasheet HTML 7Page - Texas Instruments OPA2188AQDGKRQ1 Datasheet HTML 8Page - Texas Instruments OPA2188AQDGKRQ1 Datasheet HTML 9Page - Texas Instruments OPA2188AQDGKRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
6
OPA188-Q1, OPA2188-Q1
SBOS860 – APRIL 2017
www.ti.com
Product Folder Links: OPA188-Q1 OPA2188-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.5 V beyond the supply rails should
be current-limited to 10 mA or less.
(3)
Short-circuit to ground, V– or V+.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage
Supply
Split-supply
±20
V
Single-supply
40
Signal input pins(2)
(V–) – 0.5
(V+) + 0.5
Differential
±0.7
Current
Signal input pins(2)
±10
mA
Output short-circuit(3)
Continuous
Temperature
OPA188-Q1, TJ
150
°C
OPA2188-Q1, TJ
125
°C
Storage, Tstg
–65
150
°C
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
±1500
V
Charged-device model (CDM), per AEC Q100-011
±750
(1)
VS / 2 = midsupply.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted) RL = 10 kΩ connected to VS / 2
(1), and V
CM = VOUT = VS /
2
(1)
MIN
NOM
MAX
UNIT
VS
Operating voltage range
Split–supply
±2
±18
V
Single–supply
4
36
TA
OPA188-Q1 Temperature Grade 1: Specified temperature range
–40
125
°C
OPA2188-Q1 Temperature Grade 2: Specified temperature range
–40
105
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
OPA188-Q1
OPA2188-Q1
UNIT
DGK (VSSOP)
DGK (VSSOP)
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
171.7
163.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
62.7
57.4
°C/W
RθJB
Junction-to-board thermal resistance
93.0
83.4
°C/W
ψJT
Junction-to-top characterization parameter
9.0
6.6
°C/W
ψJB
Junction-to-board characterization parameter
91.4
82.0
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
°C/W


Similar Part No. - OPA2188AQDGKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2188AID TI1-OPA2188AID Datasheet
483Kb / 23P
[Old version datasheet]   0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2188AID TI1-OPA2188AID Datasheet
1Mb / 26P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output
OPA2188AIDGKR TI1-OPA2188AIDGKR Datasheet
483Kb / 23P
[Old version datasheet]   0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2188AIDGKR TI1-OPA2188AIDGKR Datasheet
1Mb / 26P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output
OPA2188AIDGKT TI1-OPA2188AIDGKT Datasheet
483Kb / 23P
[Old version datasheet]   0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2188AQDGKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA188 TI-OPA188_15 Datasheet
1Mb / 34P
[Old version datasheet]   Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA188 TI-OPA188_13 Datasheet
1Mb / 33P
[Old version datasheet]   Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
OPA180 TI-OPA180_15 Datasheet
1Mb / 38P
[Old version datasheet]    Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA188 TI1-OPA188 Datasheet
483Kb / 23P
[Old version datasheet]   0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA180-Q1 TI1-OPA180-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   0.1-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA2180 TI1-OPA2180 Datasheet
872Kb / 25P
[Old version datasheet]   0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA4188 TI-OPA4188_15 Datasheet
1Mb / 28P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2180 TI-OPA2180_13 Datasheet
1Mb / 27P
[Old version datasheet]   0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2188 TI-OPA2188_15 Datasheet
1Mb / 28P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA189 TI1-OPA189 Datasheet
699Kb / 34P
[Old version datasheet]   Precision, 36-V, 14-MHz, MUX-Friendly Low-Noise, Rail-to-Rail Output, Zero-Drift Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com