Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2188AQDGKRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2188AQDGKRQ1
Description  Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift, Automotive-Grade Operational Amplifier
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2188AQDGKRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA2188AQDGKRQ1 Datasheet HTML 6Page - Texas Instruments OPA2188AQDGKRQ1 Datasheet HTML 7Page - Texas Instruments OPA2188AQDGKRQ1 Datasheet HTML 8Page - Texas Instruments OPA2188AQDGKRQ1 Datasheet HTML 9Page - Texas Instruments OPA2188AQDGKRQ1 Datasheet HTML 10Page - Texas Instruments OPA2188AQDGKRQ1 Datasheet HTML 11Page - Texas Instruments OPA2188AQDGKRQ1 Datasheet HTML 12Page - Texas Instruments OPA2188AQDGKRQ1 Datasheet HTML 13Page - Texas Instruments OPA2188AQDGKRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
10
OPA188-Q1, OPA2188-Q1
SBOS860 – APRIL 2017
www.ti.com
Product Folder Links: OPA188-Q1 OPA2188-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics: Low-Voltage Operation (continued)
at TA = 25°C, VS = ±2 V to < ±4 V (VS = 4 V to < 8 V), RL = 10 kΩ connected to VS / 2
(1), and V
CM = VOUT = VS / 2
(1)
(unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
AOL
Open-loop voltage gain
(V–) + 0.5 V < VO < (V+) – 0.5 V
RL = 5 kΩ
110
120
dB
(V–) + 0.5 V < VO < (V+) – 0.5 V
120
130
dB
OPA188-Q1
(V–) + 0.5 V < VO < (V+) – 0.5 V
TA = –40°C to 125°C
110
120
dB
OPA2188-Q1
(V–) + 0.5 V < VO < (V+) – 0.5 V
TA = –40°C to 105°C
110
120
dB
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
2
MHz
SR
Slew rate
G = 1
0.8
V/μs
tOR
Overload recovery time
VIN × G = VS
1
μs
THD+N
Total harmonic distortion + noise
1 kHz, G = 1, VOUT = 1 VRMS
0.0001%
OUTPUT
Voltage output swing from rail
No load
6
15
mV
RL = 10 kΩ
220
250
mV
OPA188-Q1
RL = 10 kΩ, TA = –40°C to 125°C
310
350
mV
OPA2188-Q1
RL = 10 kΩ, TA = –40°C to 105°C
310
350
mV
ISC
Short-circuit current
Sinking
–18
mA
Sourcing
16
mA
RO
Open-loop output resistance
f = 1 MHz, IO = 0 mA
120
Ω
CLOAD
Capacitive load drive
1
nF
POWER SUPPLY
IQ
Quiescent current (per amplifier)
VS = ±2 V to VS = ±4 V
425
485
μA
OPA188-Q1
IO = 0 mA
TA = –40°C to 125°C
575
μA
OPA2188-Q1
IO = 0 mA
TA = –40°C to 105°C
575
μA


Similar Part No. - OPA2188AQDGKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2188AID TI1-OPA2188AID Datasheet
483Kb / 23P
[Old version datasheet]   0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2188AID TI1-OPA2188AID Datasheet
1Mb / 26P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output
OPA2188AIDGKR TI1-OPA2188AIDGKR Datasheet
483Kb / 23P
[Old version datasheet]   0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2188AIDGKR TI1-OPA2188AIDGKR Datasheet
1Mb / 26P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output
OPA2188AIDGKT TI1-OPA2188AIDGKT Datasheet
483Kb / 23P
[Old version datasheet]   0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2188AQDGKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA188 TI-OPA188_15 Datasheet
1Mb / 34P
[Old version datasheet]   Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA188 TI-OPA188_13 Datasheet
1Mb / 33P
[Old version datasheet]   Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
OPA180 TI-OPA180_15 Datasheet
1Mb / 38P
[Old version datasheet]    Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA188 TI1-OPA188 Datasheet
483Kb / 23P
[Old version datasheet]   0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA180-Q1 TI1-OPA180-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   0.1-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA2180 TI1-OPA2180 Datasheet
872Kb / 25P
[Old version datasheet]   0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA4188 TI-OPA4188_15 Datasheet
1Mb / 28P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2180 TI-OPA2180_13 Datasheet
1Mb / 27P
[Old version datasheet]   0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2188 TI-OPA2188_15 Datasheet
1Mb / 28P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA189 TI1-OPA189 Datasheet
699Kb / 34P
[Old version datasheet]   Precision, 36-V, 14-MHz, MUX-Friendly Low-Noise, Rail-to-Rail Output, Zero-Drift Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com