Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4322-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4322-Q1
Description  20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4322-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA4322-Q1 Datasheet HTML 7Page - Texas Instruments OPA4322-Q1 Datasheet HTML 8Page - Texas Instruments OPA4322-Q1 Datasheet HTML 9Page - Texas Instruments OPA4322-Q1 Datasheet HTML 10Page - Texas Instruments OPA4322-Q1 Datasheet HTML 11Page - Texas Instruments OPA4322-Q1 Datasheet HTML 12Page - Texas Instruments OPA4322-Q1 Datasheet HTML 13Page - Texas Instruments OPA4322-Q1 Datasheet HTML 14Page - Texas Instruments OPA4322-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
1.6
1.55
1.5
1.45
1.4
1.35
1.3
1.5
5.5
SupplyVoltage(V)
4
4.5
5
2
2.5
3
3.5
+125 C
°
+85 C
°
+25 C
°
-
°
40 C
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
-100
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
I
OS
I
B+
I
B-
1
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
0.8
1
-
-
-
-
-
0.9
2.9
SupplyVoltage( V)
±
1.1
1.3
1.5
1.7
2.5
I
B-
I
B+
2.3
2.1
1.9
2.7
6
5
4
3
2
1
0
1
2
3
4
5
6
-
-
-
-
-
-
-3
3
Common-ModeVoltage(V)
-2.5
-2
-1.5
-1
1
0.5
0
-0.5
1.5
I
B+
I
B-
I
OS
2
2.5
125
120
115
110
105
100
95
90
85
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
120
100
80
60
40
20
0
20
-
1
100M
Frequency(Hz)
100k
1M
10M
10
100
1k
10k
-20
40
60
80
100
120
140
160
180
-
-
-
-
-
-
-
-
R =10k ,50pF
V = 2.5V
W
L
S
±
Phase
Gain
11
OPA322-Q1
OPA2322-Q1
OPA4322-Q1
www.ti.com
SLOS856B – JUNE 2013 – REVISED MAY 2017
Product Folder Links: OPA322-Q1 OPA2322-Q1 OPA4322-Q1
Submit Documentation Feedback
Copyright © 2013–2017, Texas Instruments Incorporated
7 Typical Characteristics
at TA = 25°C, VCM = VOUT = midsupply, and RL = 10 kΩ (unless otherwise noted)
Figure 1. Open-Loop Gain and Phase vs Frequency
Figure 2. Open-Loop Gain vs Temperature
Figure 3. Input Bias Current vs Supply Voltage
Figure 4. Input Bias Current
vs Common-Mode Voltage
Figure 5. Input Bias Current vs Temperature
Figure 6. Quiescent Current vs Supply Voltage Per Amplifier


Similar Part No. - OPA4322-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4322-Q1 TI1-OPA4322-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier With Shutdown
OPA4322-Q1 TI1-OPA4322-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   CMOS Operational Amplifier With Shutdown
More results

Similar Description - OPA4322-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA322_1111 TI1-OPA322_1111 Datasheet
1Mb / 34P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
OPA2322A-Q1 TI1-OPA2322A-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier With Shutdown
OPA322 TI1-OPA322 Datasheet
1Mb / 29P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
JUNE2012
OPA314 TI1-OPA314 Datasheet
1Mb / 31P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
MARCH2012
OPA2314-EP TI-OPA2314-EP Datasheet
1Mb / 23P
[Old version datasheet]   3-MHz, LOW-POWER, LOW-NOISE, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
OPA314-Q1 TI1-OPA314-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314-Q1 TI1-OPA2314-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA316 TI1-OPA316_16 Datasheet
2Mb / 48P
[Old version datasheet]   10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI1-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com