Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPAX322-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPAX322-Q1
Description  20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPAX322-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPAX322-Q1 Datasheet HTML 4Page - Texas Instruments OPAX322-Q1 Datasheet HTML 5Page - Texas Instruments OPAX322-Q1 Datasheet HTML 6Page - Texas Instruments OPAX322-Q1 Datasheet HTML 7Page - Texas Instruments OPAX322-Q1 Datasheet HTML 8Page - Texas Instruments OPAX322-Q1 Datasheet HTML 9Page - Texas Instruments OPAX322-Q1 Datasheet HTML 10Page - Texas Instruments OPAX322-Q1 Datasheet HTML 11Page - Texas Instruments OPAX322-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
8
OPA322-Q1
OPA2322-Q1
OPA4322-Q1
SLOS856B – JUNE 2013 – REVISED MAY 2017
www.ti.com
Product Folder Links: OPA322-Q1 OPA2322-Q1 OPA4322-Q1
Submit Documentation Feedback
Copyright © 2013–2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information: OPA322-Q1
THERMAL METRIC(1)
OPA322-Q1
UNIT
DBV (SOT-23)
5 PINS
RθJA
Junction-to-ambient thermal resistance
219.3
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
107.5
°C/W
RθJB
Junction-to-board thermal resistance
57.5
°C/W
ψJT
Junction-to-top characterization parameter
7.4
°C/W
ψJB
Junction-to-board characterization parameter
56.9
°C/W
RθJC(bot)
Junction-to-case(bottom) thermal resistance
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.5 Thermal Information: OPA2322-Q1
THERMAL METRIC(1)
OPA2322-Q1
UNIT
DGK (VSSOP)
8 PINS
RθJA
Junction-to-ambient thermal resistance
174.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
43.9
°C/W
RθJB
Junction-to-board thermal resistance
95
°C/W
ψJT
Junction-to-top characterization parameter
2
°C/W
ψJB
Junction-to-board characterization parameter
93.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.6 Thermal Information: OPA4322-Q1
THERMAL METRIC(1)
OPA4322-Q1
UNIT
PW (TSSOP)
14 PINS
RθJA
Junction-to-ambient thermal resistance
109.8
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
34.9
°C/W
RθJB
Junction-to-board thermal resistance
52.5
°C/W
ψJT
Junction-to-top characterization parameter
2.2
°C/W
ψJB
Junction-to-board characterization parameter
51.8
°C/W
RθJC(bot)
Junction-to-case(bottom) thermal resistance
°C/W


Similar Part No. - OPAX322-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPAX323 TI-OPAX323 Datasheet
1Mb / 31P
[Old version datasheet]   OPAx323 20 MHz High Bandwidth, 100 dB CMRR, Low Voltage (1.7 V to 5.5 V), RRIO Zero-Cross Operational Amplifier
OCTOBER 2023
OPAX323 TI1-OPAX323 Datasheet
2Mb / 49P
[Old version datasheet]   OPAx323 20 MHz High Bandwidth, 100 dB CMRR, Low Voltage (1.7 V to 5.5 V), RRIO Zero-Cross Operational Amplifier
REVISED NOVEMBER 2023
OPAX323 TI1-OPAX323 Datasheet
2Mb / 49P
[Old version datasheet]   OPAx323 20 MHz High Bandwidth, 100 dB CMRR, Low Voltage (1.7 V to 5.5 V), RRIO Zero-Cross Operational Amplifier
NOVEMBER 2023
OPAX325 TI1-OPAX325 Datasheet
2Mb / 38P
[Old version datasheet]   Precision, 10-MHz, low-noise, low-power, RRIO, CMOS operational amplifiers
OPAX325 TI1-OPAX325 Datasheet
2Mb / 39P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
More results

Similar Description - OPAX322-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA322_1111 TI1-OPA322_1111 Datasheet
1Mb / 34P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
OPA2322A-Q1 TI1-OPA2322A-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier With Shutdown
OPA322 TI1-OPA322 Datasheet
1Mb / 29P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
JUNE2012
OPA314 TI1-OPA314 Datasheet
1Mb / 31P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
MARCH2012
OPA2314-EP TI-OPA2314-EP Datasheet
1Mb / 23P
[Old version datasheet]   3-MHz, LOW-POWER, LOW-NOISE, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
OPA314-Q1 TI1-OPA314-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314-Q1 TI1-OPA2314-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA316 TI1-OPA316_16 Datasheet
2Mb / 48P
[Old version datasheet]   10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI1-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com