Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2322AQDGKRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2322AQDGKRQ1
Description  20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2322AQDGKRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA2322AQDGKRQ1 Datasheet HTML 6Page - Texas Instruments OPA2322AQDGKRQ1 Datasheet HTML 7Page - Texas Instruments OPA2322AQDGKRQ1 Datasheet HTML 8Page - Texas Instruments OPA2322AQDGKRQ1 Datasheet HTML 9Page - Texas Instruments OPA2322AQDGKRQ1 Datasheet HTML 10Page - Texas Instruments OPA2322AQDGKRQ1 Datasheet HTML 11Page - Texas Instruments OPA2322AQDGKRQ1 Datasheet HTML 12Page - Texas Instruments OPA2322AQDGKRQ1 Datasheet HTML 13Page - Texas Instruments OPA2322AQDGKRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
10
OPA322-Q1
OPA2322-Q1
OPA4322-Q1
SLOS856B – JUNE 2013 – REVISED MAY 2017
www.ti.com
Product Folder Links: OPA322-Q1 OPA2322-Q1 OPA4322-Q1
Submit Documentation Feedback
Copyright © 2013–2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
at VS = 1.8 V to 5.5 V, or ±0.9 V to ±2.75 V, TA = 25°C, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, VOUT = VS / 2, (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
VO
Voltage output (swing from
both rails)
RL = 10 kΩ
TA = 25°C
10
20
mV
TA = –40°C to 125°C
30
ISC
Short-circuit current
VS = 5.5 V
±65
mA
CL
Capacitive load drive
See Typical Characteristics
RO
Open-loop output resistance
IO = 0 mA
f = 1 MHz
90
Ω
POWER SUPPLY
VS
Specified voltage range
1.8
5.5
V
IQ
Quiescent current per
amplifier
OPA322-Q1:
IO = 0 mA
VS = 5.5 V
TA = 25°C
1.6
1.9
mA
TA = –40°C to 125°C
2
OPA2322-Q1:
IO = 0 mA
VS = 5.5 V
TA = 25°C
1.5
1.75
TA = –40°C to 125°C
1.85
OPA4322-Q1:
IO = 0 mA
VS = 5.5 V
TA = 25°C
1.4
1.65
TA = –40°C to 125°C
1.75
Power-on time
VS+ = 0 V to 5 V, to 90% IQ level
28
μs


Similar Part No. - OPA2322AQDGKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2322AQDGKRQ1 TI1-OPA2322AQDGKRQ1 Datasheet
1Mb / 23P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier With Shutdown
OPA2322AQDGKRQ1 TI1-OPA2322AQDGKRQ1 Datasheet
1Mb / 26P
[Old version datasheet]   CMOS Operational Amplifier With Shutdown
More results

Similar Description - OPA2322AQDGKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA322_1111 TI1-OPA322_1111 Datasheet
1Mb / 34P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
OPA2322A-Q1 TI1-OPA2322A-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier With Shutdown
OPA322 TI1-OPA322 Datasheet
1Mb / 29P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
JUNE2012
OPA314 TI1-OPA314 Datasheet
1Mb / 31P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
MARCH2012
OPA2314-EP TI-OPA2314-EP Datasheet
1Mb / 23P
[Old version datasheet]   3-MHz, LOW-POWER, LOW-NOISE, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
OPA314-Q1 TI1-OPA314-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314-Q1 TI1-OPA2314-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA316 TI1-OPA316_16 Datasheet
2Mb / 48P
[Old version datasheet]   10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI1-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com