Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA3684 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA3684
Description  Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA3684 Datasheet(HTML) 2 Page - Texas Instruments

  OPA3684_17 Datasheet HTML 1Page - Texas Instruments OPA3684_17 Datasheet HTML 2Page - Texas Instruments OPA3684_17 Datasheet HTML 3Page - Texas Instruments OPA3684_17 Datasheet HTML 4Page - Texas Instruments OPA3684_17 Datasheet HTML 5Page - Texas Instruments OPA3684_17 Datasheet HTML 6Page - Texas Instruments OPA3684_17 Datasheet HTML 7Page - Texas Instruments OPA3684_17 Datasheet HTML 8Page - Texas Instruments OPA3684_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
OPA3684
2
SBOS241C
www.ti.com
ABSOLUTE MAXIMUM RATINGS(1)
Power Supply ...............................................................................
±6.5V
DC
Internal Power Dissipation ................................. See Thermal Information
Differential Input Voltage ..................................................................
±1.2V
Input Voltage Range ............................................................................
±V
S
Storage Temperature Range: ID, IDBQ ......................... –65
°C to +125°C
Lead Temperature (soldering, 10s) .............................................. +300
°C
Junction Temperature (TJ ) ........................................................... +175°C
ESD Rating: HBM ............................................................................ 1900V
CDM ........................................................................... 1500V
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability.
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
OPA3684
SO-14
D
–40
°C to +85°C
OPA3684
OPA3684ID
Rails, 58
""
"
"
"
OPA3684IDR
Tape and Reel, 2500
OPA3684
SSOP-16
DBQ
–40
°C to +85°C
OPA3684
OPA3684IDBQT
Tape and Reel, 250
""
"
"
"
OPA3684IDBQR
Tape and Reel, 2500
PACKAGE/ORDERING INFORMATION(1)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes
could cause the device not to meet its published specifications.
OPA3684 RELATED PRODUCTS
SINGLES
DUALS
TRIPLES
QUADS
FEATURES
OPA684
OPA2684
OPA4684
Low-Power CFBplus
OPA691
OPA2691
OPA3691
High Slew Rate CFB
OPA685
———
> 500MHz CFB
OPA692
OPA3692
Fixed-Gain Video Buffers
Top View
SO
Top View
SSOP
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at
www.ti.com.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
DIS A
DIS B
DIS C
+V
S
+Input A
–Input A
Output A
Output C
–Input C
+Input C
–V
S
+Input B
–Input B
Output B
C
B
A
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DIS A
DIS B
DIS C
+V
S
+Input A
–Input A
Output A
NC
Output C
–Input C
+Input C
–V
S
+Input B
–Input B
Output B
NC
C
B
A
PIN CONFIGURATION


Similar Part No. - OPA3684_17

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA3684ID BURR-BROWN-OPA3684ID Datasheet
469Kb / 26P
   Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA3684ID TI1-OPA3684ID Datasheet
954Kb / 32P
[Old version datasheet]   Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA3684IDBQ BURR-BROWN-OPA3684IDBQ Datasheet
469Kb / 26P
   Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA3684IDBQR BURR-BROWN-OPA3684IDBQR Datasheet
469Kb / 26P
   Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA3684IDBQR TI1-OPA3684IDBQR Datasheet
954Kb / 32P
[Old version datasheet]   Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA3684_17

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA3684 BURR-BROWN-OPA3684 Datasheet
469Kb / 26P
   Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA3681 BURR-BROWN-OPA3681 Datasheet
234Kb / 21P
   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA3691 BURR-BROWN-OPA3691 Datasheet
438Kb / 25P
   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA684 TI-OPA684 Datasheet
403Kb / 25P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA3695 TI1-OPA3695_14 Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Intersil Corporation
EL2386 INTERSIL-EL2386 Datasheet
449Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
logo
Renesas Technology Corp
EL2386 RENESAS-EL2386 Datasheet
894Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
logo
Burr-Brown (TI)
OPA3680 BURR-BROWN-OPA3680 Datasheet
225Kb / 21P
   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER With Disable
OPA681 BURR-BROWN-OPA681 Datasheet
241Kb / 21P
   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA691 TI-OPA691 Datasheet
410Kb / 23P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com