Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2333AIDRG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2333AIDRG4
Description  1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2333AIDRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA2333AIDRG4 Datasheet HTML 3Page - Texas Instruments OPA2333AIDRG4 Datasheet HTML 4Page - Texas Instruments OPA2333AIDRG4 Datasheet HTML 5Page - Texas Instruments OPA2333AIDRG4 Datasheet HTML 6Page - Texas Instruments OPA2333AIDRG4 Datasheet HTML 7Page - Texas Instruments OPA2333AIDRG4 Datasheet HTML 8Page - Texas Instruments OPA2333AIDRG4 Datasheet HTML 9Page - Texas Instruments OPA2333AIDRG4 Datasheet HTML 10Page - Texas Instruments OPA2333AIDRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
OPA333, OPA2333
www.ti.com
SBOS351E – MARCH 2006 – REVISED DECEMBER 2015
6.6 Electrical Characteristics
At TA = 25°C, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
VS = 5 V
2
10
μV
dVOS/dT
Input offset voltage drift
TA = –40°C to 125°C
0.02
0.05
μV/°C
PSRR
Power-supply rejection ratio
VS = 1.8 V to 5.5 V, TA = –40°C to 125°C
1
5
μV/V
Long-term stability(1)
See note (1)
µV
Channel separation, dc
0.1
μV/V
INPUT BIAS CURRENT
TA= 25°C
±70
±200
IB
Input bias current
TA = –40°C to 125°C
±150
pA
IOS
Input offset current
±140
±400
NOISE
f = 0.01 Hz to 1 Hz
0.3
Input voltage noise
μVPP
f = 0.1 Hz to 10 Hz
1.1
in
Input current noise
f = 10 Hz
100
fA/
√Hz
INPUT VOLTAGE
VCM
Common-mode voltage range
(V–) – 0.1
(V+) + 0.1
V
(V–) – 0.1 V < VCM < (V+) + 0.1 V,
CMRR
Common-mode rejection ratio
106
130
dB
TA = –40°C to 125°C
INPUT CAPACITANCE
Differential
2
pF
Common-mode
4
pF
OPEN-LOOP GAIN
(V–) + 100 mV < VO < (V+) – 100 mV,
AOL
Open-loop voltage gain
106
130
dB
RL = 10 kΩ, TA = –40°C to 125°C
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
CL = 100 pF
350
kHz
SR
Slew rate
G = +1
0.16
V/
μs
OUTPUT
RL = 10 kΩ
30
50
Voltage output swing from rail
mV
RL = 10 kΩ, TA = –40°C to 125°C
70
ISC
Short-circuit current
±5
mA
CL
Capacitive load drive
See Typical Characteristics
Open-loop output impedance
f = 350 kHz, IO = 0 A
2
k
POWER SUPPLY
VS
Specified voltage range
1.8
5.5
V
IO = 0 A
17
25
IQ
Quiescent current per amplifier
μA
TA = –40°C to 125°C
28
Turn-on time
VS = +5 V
100
μs
TEMPERATURE
Specified range
–40
125
°C
TA
Operating range
–40
150
°C
Tstg
Storage range
–65
150
°C
(1)
300-hour life test at 150°C demonstrated randomly distributed variation of approximately 1
μV.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: OPA333 OPA2333


Similar Part No. - OPA2333AIDRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2333AIDRG4 BURR-BROWN-OPA2333AIDRG4 Datasheet
474Kb / 18P
   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zer-PI Drift Series
logo
Texas Instruments
OPA2333AIDRG4 TI-OPA2333AIDRG4 Datasheet
1Mb / 28P
[Old version datasheet]   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
OPA2333AIDRG4 TI1-OPA2333AIDRG4 Datasheet
1Mb / 42P
[Old version datasheet]   CMOS Operational Amplifiers, Zero-Drift Series
More results

Similar Description - OPA2333AIDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA333A-EP TI-OPA333A-EP Datasheet
610Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
OPA333 TI-OPA333_15 Datasheet
1Mb / 33P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
OPA333A-EP TI-OPA333A-EP_09 Datasheet
575Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
OPA2333P TI1-OPA2333P Datasheet
1Mb / 26P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifier, Zero-Drift
OPA333-Q1 TI1-OPA333-Q1 Datasheet
493Kb / 18P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA2333-Q1 TI1-OPA2333-Q1 Datasheet
409Kb / 16P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA2333-HT TI1-OPA2333-HT Datasheet
520Kb / 23P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA2333-Q1 TI-OPA2333-Q1_15 Datasheet
984Kb / 20P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA333-Q1 TI-OPA333-Q1_15 Datasheet
430Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA2333-HT TI-OPA2333-HT_15 Datasheet
452Kb / 24P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com