Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA333AID Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA333AID
Description  1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA333AID Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA333AID Datasheet HTML 2Page - Texas Instruments OPA333AID Datasheet HTML 3Page - Texas Instruments OPA333AID Datasheet HTML 4Page - Texas Instruments OPA333AID Datasheet HTML 5Page - Texas Instruments OPA333AID Datasheet HTML 6Page - Texas Instruments OPA333AID Datasheet HTML 7Page - Texas Instruments OPA333AID Datasheet HTML 8Page - Texas Instruments OPA333AID Datasheet HTML 9Page - Texas Instruments OPA333AID Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
OPA333, OPA2333
SBOS351E – MARCH 2006 – REVISED DECEMBER 2015
www.ti.com
6.4 Thermal Information: OPA333
OPA333
THERMAL METRIC(1)
D (SOIC)
DBV (SOT)
DCK (SC70)
UNIT
8 PINS
5 PINS
5 PINS
RθJA
Junction-to-ambient thermal resistance
140.1
220.8
298.4
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
89.8
97.5
65.4
°C/W
RθJB
Junction-to-board thermal resistance
80.6
61.7
97.1
°C/W
ψJT
Junction-to-top characterization parameter
28.7
7.6
0.8
°C/W
ψJB
Junction-to-board characterization parameter
80.1
61.1
95.5
°C/W
RθJC(bot) Junction-to-case (bottom) thermal resistance
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Thermal Information: OPA2333
OPA2333
THERMAL METRIC(1)
D (SOIC)
DGK (VSSOP)
DRB (VSON)
UNIT
8 PINS
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
124.0
180.3
46.7
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
73.7
48.1
26.3
°C/W
RθJB
Junction-to-board thermal resistance
64.4
100.9
22.2
°C/W
ψJT
Junction-to-top characterization parameter
18.0
2.4
1.6
°C/W
ψJB
Junction-to-board characterization parameter
63.9
99.3
22.3
°C/W
RθJC(bot) Junction-to-case (bottom) thermal resistance
10.3
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: OPA333 OPA2333


Similar Part No. - OPA333AID

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA333AID BURR-BROWN-OPA333AID Datasheet
474Kb / 18P
   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zer-PI Drift Series
logo
Texas Instruments
OPA333AID TI-OPA333AID Datasheet
1Mb / 28P
[Old version datasheet]   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
OPA333AID TI1-OPA333AID Datasheet
1Mb / 42P
[Old version datasheet]   CMOS Operational Amplifiers, Zero-Drift Series
logo
Burr-Brown (TI)
OPA333AIDBVR BURR-BROWN-OPA333AIDBVR Datasheet
474Kb / 18P
   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zer-PI Drift Series
logo
Texas Instruments
OPA333AIDBVR TI-OPA333AIDBVR Datasheet
1Mb / 28P
[Old version datasheet]   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
More results

Similar Description - OPA333AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA333A-EP TI-OPA333A-EP Datasheet
610Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
OPA333 TI-OPA333_15 Datasheet
1Mb / 33P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
OPA333A-EP TI-OPA333A-EP_09 Datasheet
575Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
OPA2333P TI1-OPA2333P Datasheet
1Mb / 26P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifier, Zero-Drift
OPA333-Q1 TI1-OPA333-Q1 Datasheet
493Kb / 18P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA2333-Q1 TI1-OPA2333-Q1 Datasheet
409Kb / 16P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA2333-HT TI1-OPA2333-HT Datasheet
520Kb / 23P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA2333-Q1 TI-OPA2333-Q1_15 Datasheet
984Kb / 20P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA333-Q1 TI-OPA333-Q1_15 Datasheet
430Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA2333-HT TI-OPA2333-HT_15 Datasheet
452Kb / 24P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com