Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD485EDGKG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # SN65HVD485EDGKG4
Description  Half-Duplex RS-485 Transceiver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD485EDGKG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65HVD485EDGKG4 Datasheet HTML 7Page - Texas Instruments SN65HVD485EDGKG4 Datasheet HTML 8Page - Texas Instruments SN65HVD485EDGKG4 Datasheet HTML 9Page - Texas Instruments SN65HVD485EDGKG4 Datasheet HTML 10Page - Texas Instruments SN65HVD485EDGKG4 Datasheet HTML 11Page - Texas Instruments SN65HVD485EDGKG4 Datasheet HTML 12Page - Texas Instruments SN65HVD485EDGKG4 Datasheet HTML 13Page - Texas Instruments SN65HVD485EDGKG4 Datasheet HTML 14Page - Texas Instruments SN65HVD485EDGKG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
PulseGenerator,
15 µsDuration,
1%DutyCycle
100 Ω
VTEST
0V
15 µs
1.5ms
−VTEST
1.5V
50 Ω
Signal
Generator
RE
B
A
CL =15pF
R
1kΩ
SwitchDownforV(A) =1.5V,
SwitchUpforV(A) = −1.5V
VCC
1.5Vor
−1.5V
tPZH(SHDN)
tPZL(SHDN)
RE
5V
0V
1.5V
3V
0V
VOH
VOL
R
SN65HVD485E
www.ti.com
SLLS612E – JUNE 2004 – REVISED DECEMBER 2015
Parameter Measurement Information (continued)
Test load capacitance includes probe and jig capacitance (unless otherwise specified). Signal generator characteristics: rise
time and fall time <6 ns, pulse rate 100 kHz, 50% duty cycle. ZO = 50 Ω (unless otherwise specified).
Figure 14. Receiver Enable From Shutdown Test Circuit and Waveforms
Figure 15. Test Circuit and Waveforms, Transient Over-Voltage Test
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN65HVD485E


Similar Part No. - SN65HVD485EDGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD485EDGKG4 TI1-SN65HVD485EDGKG4 Datasheet
1Mb / 29P
[Old version datasheet]   Half-Duplex RS-485 Transceiver
More results

Similar Description - SN65HVD485EDGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD485EDR TI-SN65HVD485EDR Datasheet
891Kb / 22P
[Old version datasheet]   HALF-DUPLEX RS-485 TRANSCEIVER
SN65HVD485E TI-SN65HVD485E Datasheet
337Kb / 15P
[Old version datasheet]   HALF-DUPLEX RS-485 TRANSCEIVER
SN65HVD485E TI1-SN65HVD485E_15 Datasheet
1Mb / 29P
[Old version datasheet]   Half-Duplex RS-485 Transceiver
logo
Analog Devices
ADM2481 AD-ADM2481 Datasheet
282Kb / 20P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2483BRWZ-REEL AD-ADM2483BRWZ-REEL Datasheet
244Kb / 20P
   Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
ADM2483 AD-ADM2483_V01 Datasheet
401Kb / 18P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. F
ADM2483BRWZ AD-ADM2483BRWZ Datasheet
244Kb / 20P
   Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
ADM2481 AD-ADM2481_V01 Datasheet
364Kb / 17P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. B
logo
Maxim Integrated Produc...
MAX14781E MAXIM-MAX14781E_14 Datasheet
986Kb / 19P
   Half-Duplex RS-485 Transceiver with Polarity Correction
Rev 0; 12/13
logo
Sipex Corporation
SP483E SIPEX-SP483E_05 Datasheet
83Kb / 11P
   Enhanced Low EMI Half-Duplex RS-485 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com