Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPA00516EDR Datasheet(PDF) 6 Page - Texas Instruments

Part # HPA00516EDR
Description  Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HPA00516EDR Datasheet(HTML) 6 Page - Texas Instruments

Back Button HPA00516EDR Datasheet HTML 2Page - Texas Instruments HPA00516EDR Datasheet HTML 3Page - Texas Instruments HPA00516EDR Datasheet HTML 4Page - Texas Instruments HPA00516EDR Datasheet HTML 5Page - Texas Instruments HPA00516EDR Datasheet HTML 6Page - Texas Instruments HPA00516EDR Datasheet HTML 7Page - Texas Instruments HPA00516EDR Datasheet HTML 8Page - Texas Instruments HPA00516EDR Datasheet HTML 9Page - Texas Instruments HPA00516EDR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
6
SN65HVD3082E, SN75HVD3082E, SN65HVD3085E, SN65HVD3088E
SLLS562I – AUGUST 2009 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: SN65HVD3082E SN75HVD3082E SN65HVD3085E SN65HVD3088E
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
(1)
All typical values are at 25°C and with a 5-V supply.
6.7 Power Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
ICC
Driver and receiver enabled
D at VCC or open, DE at VCC,
RE at 0 V, No load
425
900
µA
Driver enabled, receiver
disabled
D at VCC or open, DE at VCC,
RE at VCC, No load
330
600
µA
Receiver enabled, driver
disabled
D at VCC or open, DE at 0 V,
RE at 0 V, No load
300
600
µA
Driver and receiver disabled
D at VCC or open, DE at 0 V,
RE at VCC
0.001
2
µA
P(AVG)
Average power dissipation
Input to D is a 50% duty
cycle square wave at max
specified signal rate
RL = 54 Ω VCC = 5.5 V, TJ =
130°C
ALL HVD3082E
203
mW
ALL HVD3085E
205
ALL HVD3088E
276
6.8 Switching Characteristics: Driver
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
tPHL
Propagation delay time, low-to-high-level output
Propagation delay time, high-to-low-level output
RL = 54 Ω, CL = 50 pF
(see Figure 11)
HVD3082E
700
1300
ns
HVD3085E
150
500
HVD3088E
12
20
tr
tf
Differential output signal rise time
Differential output signal fall time
RL = 54 Ω, CL = 50 pF
(see Figure 11)
HVD3082E
500
900
1500
ns
HVD3085E
200
300
HVD3088E
7
15
tsk(p)
Pulse skew (|tPHL – tPLH|)
RL = 54 Ω, CL = 50 pF
(see Figure 11)
HVD3082E
20
200
ns
HVD3085E
5
50
HVD3088E
1.4
2
tPZH
tPZL
Propagation delay time, high-impedance-to-
high-level output
Propagation delay time, high-impedance-to-low-
level output
RL = 110 Ω, RE at 0 V
(see Figure 12 and
Figure 13)
HVD3082E
2500
7000
ns
HVD3085E
1000
2500
HVD3088E
13
30
tPHZ
tPLZ
Propagation delay time, high-level-to-high-
impedance output
Propagation delay time, low-level-to-high-
impedance output
RL = 110 Ω, RE at 0 V
(see Figure 12 and
Figure 13)
HVD3082E
80
200
ns
HVD3085E
60
100
HVD3088E
12
30
tPZH(SHDN)
tPZL(SHDN)
Propagation delay time, shutdown-to-high-level
output
Propagation delay time, shutdown-to-low-level
output
RL = 110 Ω, RE at VCC
(see Figure 12)
HVD3082E
3500
7000
ns
HVD3085E
2500
4500
HVD3088E
1600
2600


Similar Part No. - HPA00516EDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HPA00500DBVR TI1-HPA00500DBVR Datasheet
597Kb / 16P
[Old version datasheet]   LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
HPA00503RGTR TI1-HPA00503RGTR Datasheet
1Mb / 32P
[Old version datasheet]   11.3-Gbps Rate-Selectable Limiting Amplifier
HPA00504RGPR TI1-HPA00504RGPR Datasheet
1Mb / 29P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver With Output Waveform Shaping
HPA00505Y TI1-HPA00505Y Datasheet
329Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
HPA00506AY TI1-HPA00506AY Datasheet
951Kb / 16P
[Old version datasheet]   2.5-Gbps Transimpedance Amplifier With AGC and RSSI
More results

Similar Description - HPA00516EDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3082E TI-SN65HVD3082E_09 Datasheet
692Kb / 24P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN65HVD3082E TI1-SN65HVD3082E_12 Datasheet
892Kb / 26P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8Package
SN65HVD3082E TI-SN65HVD3082E_V01 Datasheet
1Mb / 39P
[Old version datasheet]   SNx5HVD308xE Low-Power RS-485 Transceivers
REVISED JUNE 2023
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
   3.3V Low Power RS-485/RS-422 Transceivers
logo
Exar Corporation
SP483 EXAR-SP483_17 Datasheet
633Kb / 13P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481 Datasheet
100Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
SP481 SIPEX-SP481 Datasheet
78Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP485EN-L EXAR-SP485EN-L Datasheet
564Kb / 11P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481_04 Datasheet
168Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com