Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA333AIDCKRG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA333AIDCKRG4
Description  1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA333AIDCKRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA333AIDCKRG4 Datasheet HTML 6Page - Texas Instruments OPA333AIDCKRG4 Datasheet HTML 7Page - Texas Instruments OPA333AIDCKRG4 Datasheet HTML 8Page - Texas Instruments OPA333AIDCKRG4 Datasheet HTML 9Page - Texas Instruments OPA333AIDCKRG4 Datasheet HTML 10Page - Texas Instruments OPA333AIDCKRG4 Datasheet HTML 11Page - Texas Instruments OPA333AIDCKRG4 Datasheet HTML 12Page - Texas Instruments OPA333AIDCKRG4 Datasheet HTML 13Page - Texas Instruments OPA333AIDCKRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
1
600
500
400
300
200
100
0
10
Gain (dB)
100
0.001%
0.01%
4-V Step
0
0
Time (50 s/div)
m
Input
Output
10 kW
1 kW
OPA333
+2.5 V
-2.5 V
0
0
Input
Output
10 kW
1 kW
OPA333
+2.5 V
-2.5 V
Time (50 s/div)
m
Time (5 s/div)
m
G = +1
R = 10 kW
L
-50
25
20
15
10
5
0
-25
Temperature ( C)
°
125
100
75
50
25
0
V = 1.8 V
S
V = 5.5 V
S
Time (50 s/div)
m
G = 1
R = 10 kW
L
OPA333, OPA2333
SBOS351E – MARCH 2006 – REVISED DECEMBER 2015
www.ti.com
At TA = 25°C, VS = 5 V, and CL = 0 pF, unless otherwise noted.
Figure 9. Quiescent Current vs Temperature
Figure 10. Large-Signal Step Response
Figure 11. Small-Signal Step Response
Figure 12. Positive Overvoltage Recovery
Figure 13. Negative Overvoltage Recovery
Figure 14. Settling Time vs Closed-Loop Gain
10
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: OPA333 OPA2333


Similar Part No. - OPA333AIDCKRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA333AIDCKRG4 BURR-BROWN-OPA333AIDCKRG4 Datasheet
474Kb / 18P
   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zer-PI Drift Series
logo
Texas Instruments
OPA333AIDCKRG4 TI-OPA333AIDCKRG4 Datasheet
1Mb / 28P
[Old version datasheet]   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
OPA333AIDCKRG4 TI1-OPA333AIDCKRG4 Datasheet
1Mb / 42P
[Old version datasheet]   CMOS Operational Amplifiers, Zero-Drift Series
More results

Similar Description - OPA333AIDCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA333A-EP TI-OPA333A-EP Datasheet
610Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
OPA333 TI-OPA333_15 Datasheet
1Mb / 33P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
OPA333A-EP TI-OPA333A-EP_09 Datasheet
575Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
OPA2333P TI1-OPA2333P Datasheet
1Mb / 26P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifier, Zero-Drift
OPA333-Q1 TI1-OPA333-Q1 Datasheet
493Kb / 18P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA2333-Q1 TI1-OPA2333-Q1 Datasheet
409Kb / 16P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA2333-HT TI1-OPA2333-HT Datasheet
520Kb / 23P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA2333-Q1 TI-OPA2333-Q1_15 Datasheet
984Kb / 20P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA333-Q1 TI-OPA333-Q1_15 Datasheet
430Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA2333-HT TI-OPA2333-HT_15 Datasheet
452Kb / 24P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com