Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVCHR16245AZQLR Datasheet(PDF) 7 Page - Texas Instruments

Part # 74LVCHR16245AZQLR
Description  16-Bit Bus Transceiver With 3-State Outputs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74LVCHR16245AZQLR Datasheet(HTML) 7 Page - Texas Instruments

Back Button 74LVCHR16245AZQLR Datasheet HTML 3Page - Texas Instruments 74LVCHR16245AZQLR Datasheet HTML 4Page - Texas Instruments 74LVCHR16245AZQLR Datasheet HTML 5Page - Texas Instruments 74LVCHR16245AZQLR Datasheet HTML 6Page - Texas Instruments 74LVCHR16245AZQLR Datasheet HTML 7Page - Texas Instruments 74LVCHR16245AZQLR Datasheet HTML 8Page - Texas Instruments 74LVCHR16245AZQLR Datasheet HTML 9Page - Texas Instruments 74LVCHR16245AZQLR Datasheet HTML 10Page - Texas Instruments 74LVCHR16245AZQLR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
SN74LVCHR16245A
www.ti.com
SCAS582Q – NOVEMBER 1996 – REVISED OCTOBER 2014
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Operating
1.65
3.6
VCC
Supply voltage
V
Data retention only
1.5
VCC = 1.65 V to 1.95 V
0.65 × VCC
VIH
High-level input voltage
VCC = 2.3 V to 2.7 V
1.7
V
VCC = 2.7 V to 3.6 V
2
VCC = 1.65 V to 1.95 V
0.35 × VCC
VIL
Low-level input voltage
VCC = 2.3 V to 2.7 V
0.7
V
VCC = 2.7 V to 3.6 V
0.8
VI
Input voltage
0
5.5
V
High or low state
0
VCC
VO
Output voltage
V
3-state
0
5.5
VCC = 1.65 V
–2
VCC = 2.3 V
–4
IOH
High-level output current
mA
VCC = 2.7 V
–8
VCC = 3 V
–12
VCC = 1.65 V
2
VCC = 2.3 V
4
IOL
Low-level output current
mA
VCC = 2.7 V
8
VCC = 3 V
12
Δt/Δv
Input transition rise or fall rate
10
ns/V
TA
Operating free-air temperature
–40
125
°C
(1)
All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs (SCBA004).
7.4 Thermal Information
SN74LVCHR16245A
THERMAL METRIC(1)
DGG
DGV
DL
UNIT
48 PINS
RθJA
Junction-to-ambient thermal resistance
64.3
78.4
68.4
RθJC(top)
Junction-to-case (top) thermal resistance
17.6
30.7
34.7
RθJB
Junction-to-board thermal resistance
31.5
41.8
41.0
°C/W
ψJT
Junction-to-top characterization parameter
1.1
3.8
12.3
ψJB
Junction-to-board characterization parameter
31.2
41.3
40.4
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report (SPRA953).
Copyright © 1996–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN74LVCHR16245A


Similar Part No. - 74LVCHR16245AZQLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVCHR16245AZQLR TI1-74LVCHR16245AZQLR Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Bus Transceiver With 3-State Outputs
More results

Similar Description - 74LVCHR16245AZQLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC16245 TI1-SN74ALVC16245_13 Datasheet
203Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC16245 TI1-SN74LVC16245 Datasheet
161Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCHR16245A TI1-SN74LVCHR16245A_16 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Bus Transceiver With 3-State Outputs
SN74LVCR162245 TI-SN74LVCR162245_06 Datasheet
308Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCZ16245A TI-SN74LVCZ16245A Datasheet
190Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16245-EP TI1-SN74ALVCH16245-EP Datasheet
292Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16245 TI-SN74ALVCH16245 Datasheet
465Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC16245 TI-SN74AVC16245 Datasheet
169Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
CABT16245AMDLREP TI1-CABT16245AMDLREP Datasheet
548Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCH16245A TI-SN74LVCH16245A_06 Datasheet
464Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com