Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC3G06YZPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC3G06YZPR
Description  Triple Inverter Buffer/Driver With Open-Drain Outputs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC3G06YZPR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC3G06YZPR Datasheet HTML 1Page - Texas Instruments SN74LVC3G06YZPR Datasheet HTML 2Page - Texas Instruments SN74LVC3G06YZPR Datasheet HTML 3Page - Texas Instruments SN74LVC3G06YZPR Datasheet HTML 4Page - Texas Instruments SN74LVC3G06YZPR Datasheet HTML 5Page - Texas Instruments SN74LVC3G06YZPR Datasheet HTML 6Page - Texas Instruments SN74LVC3G06YZPR Datasheet HTML 7Page - Texas Instruments SN74LVC3G06YZPR Datasheet HTML 8Page - Texas Instruments SN74LVC3G06YZPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
3A
3
2
5
8
1
1A
VCC
3Y
GND
DCT PACKAGE
(TOP VIEW)
DCU PACKAGE
(TOP VIEW)
3
2
4
5
1
1A
VCC
1Y
3Y
GND
3Y
GND
VCC
2Y
2A
See mechanical drawings for dimensions.
2
5
3
4
8
2A
3A
2Y
2A
1Y
2Y
4
6
7
6
7
8
6
1
7
1A
3A
1Y
YZP PACKAGE
(BOTTOM VIEW)
SN74LVC3G06
www.ti.com
SCES364J – AUGUST 2001 – REVISED NOVEMBER 2013
Triple Inverter Buffer/Driver With Open-Drain Outputs
Check for Samples: SN74LVC3G06
1
FEATURES
DESCRIPTION
This triple inverter buffer/driver is designed for 1.65-V
2
Available in the Texas Instruments NanoFree™
to 5.5-V VCC operation.
Package
The output of the SN74LVC3G06 is open drain and
Supports 5-V VCC Operation
can be connected to other open-drain outputs to
Input and Open-Drain Output Accepts
implement active-low wired-OR or active-high wired-
Voltages up to 5.5 V
AND functions. The maximum sink current is 32 mA.
Max tpd of 3.4 ns at 3.3 V
NanoFree™
package
technology
is
a
major
Low Power Consumption, 10-
μA Max ICC
breakthrough in IC packaging concepts, using the die
±24-mA Output Drive at 3.3 V
as the package.
Typical VOLP (Output Ground Bounce) < 0.8 V
This device is fully specified for partial-power-down
at VCC = 3.3 V, TA = 25°C
applications using Ioff. The Ioff circuitry disables the
outputs,
preventing
damaging
current
backflow
Typical VOHV (Output VOH Undershoot) > 2 V at
through the device when it is powered down.
VCC = 3.3 V, TA = 25°C
Ioff Supports Live Insertion, Partial-Power-
Down Mode and Back Drive Protection
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Protection Exceeds JESD 22
2000-V Human-Body Model (A114-A)
200-V Machine Model (A115-A)
1000-V Charged-Device Model (C101)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC3G06YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC3G06YZPR TI-SN74LVC3G06YZPR Datasheet
319Kb / 12P
[Old version datasheet]   TRIPLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC3G06YZPR TI1-SN74LVC3G06YZPR Datasheet
844Kb / 16P
[Old version datasheet]   Triple Inverter Buffer/Driver With Open-Drain Outputs
More results

Similar Description - SN74LVC3G06YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC3G06 TI1-SN74LVC3G06_16 Datasheet
844Kb / 16P
[Old version datasheet]   Triple Inverter Buffer/Driver With Open-Drain Outputs
SN74LVC3G06 TI-SN74LVC3G06 Datasheet
319Kb / 12P
[Old version datasheet]   TRIPLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74AUP3G06 TI-SN74AUP3G06 Datasheet
283Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC3G07 TI-SN74LVC3G07 Datasheet
342Kb / 13P
[Old version datasheet]   TRIPLE BUFFER / DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC3G07 TI1-SN74LVC3G07_16 Datasheet
844Kb / 16P
[Old version datasheet]   Triple Buffer/Driver With Open-drain Outputs
SN74LVC3G07 TI1-SN74LVC3G07_18 Datasheet
935Kb / 18P
[Old version datasheet]   Triple Buffer/Driver With Open-drain Outputs
SN74LVC3G07-Q1 TI1-SN74LVC3G07-Q1 Datasheet
270Kb / 9P
[Old version datasheet]   TRIPLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC3G07 TI-SN74LVC3G07_08 Datasheet
405Kb / 12P
[Old version datasheet]   TRIPLE BUFFER / DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC3G07-EP TI-SN74LVC3G07-EP Datasheet
338Kb / 10P
[Old version datasheet]   TRIPLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUC06 TI-SN74AUC06 Datasheet
543Kb / 11P
[Old version datasheet]   HEX INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com