Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5086DBTR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5086DBTR
Description  PurePath Digital AUDIO SIX-CHANNEL PWM PROCESSOR
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5086DBTR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS5086DBTR Datasheet HTML 4Page - Texas Instruments TAS5086DBTR Datasheet HTML 5Page - Texas Instruments TAS5086DBTR Datasheet HTML 6Page - Texas Instruments TAS5086DBTR Datasheet HTML 7Page - Texas Instruments TAS5086DBTR Datasheet HTML 8Page - Texas Instruments TAS5086DBTR Datasheet HTML 9Page - Texas Instruments TAS5086DBTR Datasheet HTML 10Page - Texas Instruments TAS5086DBTR Datasheet HTML 11Page - Texas Instruments TAS5086DBTR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
PHYSICAL CHARACTERISTICS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
VR_ANA
AVDD
AVSS
AVSS
PLL_FLTM
PLL_FLTP
AVSS
MCLK
RESET
PDN
DVDD
DVSS
DVSS_OSC
OSC_RES
VR_OSC
MUTE
SDA
SCL
LRCLK
PWM_1
PWM_2
PWM_3
PWM_4
PWM_5
PWM_6
VALID2
VALID1
VR_DIG
DVSS
DVSS
BKND_ERR
SDIN1
SDIN2
SDIN3
SDIN4
SDOUT
RESERVED
SCLK
DBT PACKAGE
(TOP VIEW)
P0034-01
TAS5086
SLES131C – FEBRUARY 2005 – REVISED JUNE 2008 ................................................................................................................................................... www.ti.com
Table 1. TERMINAL FUNCTIONS
TERMINAL
5-V
I/O(1)
TERMINATION(2)
DESCRIPTION
TOLERANT
NAME
NO.
AVDD
2
P
3.3-V analog power supply
3, 4,
AVSS
P
Analog supply ground
7
Active-low. A back-end error sequence is generated by applying logic
BKND_ERR
27
DI
Pullup
LOW to this terminal. BKND_ERR results in no change to any system
parameters while VALID2 goes low.
DVDD
11
P
3.3-V digital power supply
12,
DVSS
28,
P
Digital ground
29
DVSS_OSC
13
P
Digital ground for oscillator
LRCLK
19
DI
5-V
Pulldown
Input serial audio data left/right clock (sampling rate clock)
MCLK is a 3.3-V clock master clock input. The input frequency of this
MCLK
8
DI
5-V
Pulldown
clock can range from 4 MHz to 50 MHz.
Performs a soft mute of outputs, active-low (muted signal = a logic low,
normal operation = a logic high). The mute control provides a noiseless
MUTE
16
DI
5-V
Pullup
volume ramp to silence. Releasing mute provides a noiseless ramp to
previous volume.
OSC_RES
14
AO
Oscillator trim resistor
(1)
TYPE: A = analog; D = 3.3-V digital; P = power/ground/decoupling; I = input; O = output
(2)
All pullups are 20-
µA weak pullups, and all pulldowns are 20-µA weak pulldowns. The pullups and pulldowns are included to ensure
proper input logic levels if the terminals are left unconnected (pullups => logic 1 input; pulldowns => logic 0 input). Devices that drive
inputs with pullups must be able to sink 20
µA while maintaining a logic-0 drive level. Devices that drive inputs with pulldowns must be
able to source 20
µA while maintaining a logic-1 drive level.
8
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): TAS5086


Similar Part No. - TAS5086DBTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5086DBTR TI-TAS5086DBTR Datasheet
513Kb / 41P
[Old version datasheet]   PurePath Digital TM AUDIO SIX-CHANNEL PWM PROCESSOR
TAS5086DBTRG4 TI-TAS5086DBTRG4 Datasheet
513Kb / 41P
[Old version datasheet]   PurePath Digital TM AUDIO SIX-CHANNEL PWM PROCESSOR
More results

Similar Description - TAS5086DBTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5086 TI-TAS5086_15 Datasheet
940Kb / 49P
[Old version datasheet]   PurePath Digital??AUDIO SIX-CHANNEL PWM PROCESSOR
TAS5086 TI-TAS5086 Datasheet
466Kb / 33P
[Old version datasheet]   PurePath Digital AUDIO SIX-CHANNEL PWM PROCESSOR
TAS5086 TI-TAS5086_06 Datasheet
513Kb / 41P
[Old version datasheet]   PurePath Digital TM AUDIO SIX-CHANNEL PWM PROCESSOR
TAS5026A TI-TAS5026A Datasheet
769Kb / 62P
[Old version datasheet]   Six-Channel Digital Audio PWM Processor
TAS5066 TI1-TAS5066 Datasheet
838Kb / 64P
[Old version datasheet]   SIX-CHANNEL Digital Audio PWM Processor
TAS5076PFC TI-TAS5076PFC Datasheet
800Kb / 64P
[Old version datasheet]   Six-Channel Digital Audio PWM Processor
TAS5036A TI-TAS5036A Datasheet
773Kb / 62P
[Old version datasheet]   SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
TAS5026 TI-TAS5026 Datasheet
689Kb / 48P
[Old version datasheet]   SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
TAS5036 TI-TAS5036 Datasheet
713Kb / 49P
[Old version datasheet]   SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
TAS5076 TI-TAS5076 Datasheet
835Kb / 62P
[Old version datasheet]   SIX-CHANNEL DIGITAL AUDIO PWM PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com