Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75HVD3082EDGKR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN75HVD3082EDGKR
Description  Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75HVD3082EDGKR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN75HVD3082EDGKR Datasheet HTML 7Page - Texas Instruments SN75HVD3082EDGKR Datasheet HTML 8Page - Texas Instruments SN75HVD3082EDGKR Datasheet HTML 9Page - Texas Instruments SN75HVD3082EDGKR Datasheet HTML 10Page - Texas Instruments SN75HVD3082EDGKR Datasheet HTML 11Page - Texas Instruments SN75HVD3082EDGKR Datasheet HTML 12Page - Texas Instruments SN75HVD3082EDGKR Datasheet HTML 13Page - Texas Instruments SN75HVD3082EDGKR Datasheet HTML 14Page - Texas Instruments SN75HVD3082EDGKR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Voltage
Source
VO
IOS
V
ID
I
O
V
O
1.5V
R =110
L
W
Signal
Generator
5V
S1
DE
0Vor3V
0VifTesting A Output
3 VifTestingBOutput
2.5V
D
DE
Output
1.5V
tPLZ
0.5V
50 W
C =50pF
L
B
A
3V
5V
0V
VOL
Output
tPZL
V
0
Off
Signal
Generator
50 W
R =110
L
W
C =50pF
L
S1
0Vor3V
3VifTesting A Output
0 VifTestingBOutput
B
D
A
DE
Output
1.5V
DE
Output
3V
tPHZ
VOH
0V
2.5V
1.5V
tPZH
0.5V
11
SN65HVD3082E, SN75HVD3082E, SN65HVD3085E, SN65HVD3088E
www.ti.com
SLLS562I – AUGUST 2009 – REVISED SEPTEMBER 2016
Product Folder Links: SN65HVD3082E SN75HVD3082E SN65HVD3085E SN65HVD3088E
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Parameter Measurement Information (continued)
Test load capacitance includes probe and jig capacitance (unless otherwise specified). Signal generator characteristics: rise
and fall time < 6 ns, pulse rate 100 kHz, 50% duty cycle. ZO = 50 Ω (unless otherwise specified).
Figure 12. Driver Enable and Disable Test Circuit and Waveforms, High Output
Figure 13. Driver Enable and Disable Test Circuit and Waveforms, Low Output
Figure 14. Driver Short-Circuit
Figure 15. Receiver Switching Test Circuit and
Waveforms


Similar Part No. - SN75HVD3082EDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75HVD3082EDGKR TI-SN75HVD3082EDGKR Datasheet
524Kb / 23P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
SN75HVD3082EDGKR TI-SN75HVD3082EDGKR Datasheet
692Kb / 24P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN75HVD3082EDGKR TI1-SN75HVD3082EDGKR Datasheet
892Kb / 26P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8Package
SN75HVD3082EDGKR TI-SN75HVD3082EDGKR Datasheet
1Mb / 39P
[Old version datasheet]   SNx5HVD308xE Low-Power RS-485 Transceivers
REVISED JUNE 2023
SN75HVD3082EDGKRG4 TI-SN75HVD3082EDGKRG4 Datasheet
524Kb / 23P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
More results

Similar Description - SN75HVD3082EDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3082E TI-SN65HVD3082E_09 Datasheet
692Kb / 24P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN65HVD3082E TI1-SN65HVD3082E_12 Datasheet
892Kb / 26P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8Package
SN65HVD3082E TI-SN65HVD3082E_V01 Datasheet
1Mb / 39P
[Old version datasheet]   SNx5HVD308xE Low-Power RS-485 Transceivers
REVISED JUNE 2023
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
   3.3V Low Power RS-485/RS-422 Transceivers
logo
Exar Corporation
SP483 EXAR-SP483_17 Datasheet
633Kb / 13P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481 Datasheet
100Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
SP481 SIPEX-SP481 Datasheet
78Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP485EN-L EXAR-SP485EN-L Datasheet
564Kb / 11P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481_04 Datasheet
168Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com