Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNHVD3082EDGKG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SNHVD3082EDGKG4
Description  Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SNHVD3082EDGKG4 Datasheet(HTML) 1 Page - Texas Instruments

  SNHVD3082EDGKG4 Datasheet HTML 1Page - Texas Instruments SNHVD3082EDGKG4 Datasheet HTML 2Page - Texas Instruments SNHVD3082EDGKG4 Datasheet HTML 3Page - Texas Instruments SNHVD3082EDGKG4 Datasheet HTML 4Page - Texas Instruments SNHVD3082EDGKG4 Datasheet HTML 5Page - Texas Instruments SNHVD3082EDGKG4 Datasheet HTML 6Page - Texas Instruments SNHVD3082EDGKG4 Datasheet HTML 7Page - Texas Instruments SNHVD3082EDGKG4 Datasheet HTML 8Page - Texas Instruments SNHVD3082EDGKG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
RT
RT
R
A
B
R RE DE D
D
R
A
B
R RE DE D
D
R
D
R
RE
DE
D
A
B
R
D
R
RE
DE
D
A
B
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN65HVD3082E, SN75HVD3082E, SN65HVD3085E, SN65HVD3088E
SLLS562I – AUGUST 2009 – REVISED SEPTEMBER 2016
SNx5HVD308xE Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
1
1 Features
1
Available in a Small MSOP-8 Package
Meets or Exceeds the Requirements of the
TIA/EIA-485A Standard
Low Quiescent Power
0.3-mA Active Mode
1-nA Shutdown Mode
1/8 Unit Load up to 256 Nodes on a Bus
Bus-Pin ESD Protection up to 15 kV
Industry-Standard SN75176 Footprint
Failsafe Receiver (Bus Open, Bus Shorted,
Bus Idle)
Glitch-Free Power-Up and Power-Down Bus
Inputs and Outputs
2 Applications
Energy Meter Networks
Motor Control
Power Inverters
Industrial Automation
Building Automation Networks
Battery-Powered Applications
Telecommunications Equipment
3 Description
The
SNx5HVD308xE
devices
are
half-duplex
transceivers designed for RS-485 data bus networks.
Powered by a 5-V supply, they are fully compliant
with TIA/EIA-485A standard. With controlled transition
times, these devices are suitable for transmitting data
over long twisted-pair cables. SN65HVD3082E and
SN75HVD3082E devices are optimized for signaling
rates up to 200 kbps. The SN65HVD3085E device is
suitable for data transmission up to 1 Mbps, whereas
the
SN65HVD3088E
device
is
suitable
for
applications
that
require
signaling
rates
up
to
20 Mbps.
These devices are designed to operate with very low
supply current, typically 0.3 mA, exclusive of the load.
When in the inactive-shutdown mode, the supply
current drops to a few nanoamps, which makes these
devices ideal for power-sensitive applications.
The wide common-mode range and high ESD-
protection levels of these devices makes them
suitable for demanding applications such as energy
meter
networks,
electrical
inverters,
status
and
command signals across telecom racks, cabled
chassis
interconnects,
and
industrial
automation
networks where noise tolerance is essential. These
devices match the industry-standard footprint of the
SN75176 device. Power-on-reset circuits keep the
outputs in a high-impedance state until the supply
voltage has stabilized. A thermal-shutdown function
protects the device from damage due to system fault
conditions. The SN75HVD3082E is characterized for
operation from 0°C to 70°C and SN65HVD308xE are
characterized for operation from –40°C to 85°C air
temperature.
The
D
package
version
of
the
SN65HVD3082E
has
been
characterized
for
operation from -40°C to 105°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN65HVD3082E
SN65HVD3088E
SOIC (8)
4.90 mm × 3.91 mm
VSSOP (8)
3.00 mm × 3.00 mm
PDIP (8)
9.81 mm × 6.35 mm
SN75HVD3082E
SN65HVD3085E
SOIC (8)
4.90 mm × 3.91 mm
VSSOP (8)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - SNHVD3082EDGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNHVD3082EDGKG4 TI-SNHVD3082EDGKG4 Datasheet
524Kb / 23P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
SNHVD3082EDGKG4 TI-SNHVD3082EDGKG4 Datasheet
692Kb / 24P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SNHVD3082EDGKG4 TI1-SNHVD3082EDGKG4 Datasheet
892Kb / 26P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8Package
More results

Similar Description - SNHVD3082EDGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3082E TI-SN65HVD3082E_09 Datasheet
692Kb / 24P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN65HVD3082E TI1-SN65HVD3082E_12 Datasheet
892Kb / 26P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8Package
SN65HVD3082E TI-SN65HVD3082E_V01 Datasheet
1Mb / 39P
[Old version datasheet]   SNx5HVD308xE Low-Power RS-485 Transceivers
REVISED JUNE 2023
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
   3.3V Low Power RS-485/RS-422 Transceivers
logo
Exar Corporation
SP483 EXAR-SP483_17 Datasheet
633Kb / 13P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481 Datasheet
100Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
SP481 SIPEX-SP481 Datasheet
78Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP485EN-L EXAR-SP485EN-L Datasheet
564Kb / 11P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481_04 Datasheet
168Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com