Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA8T001A3 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # DA8T001A3
Description  10/100/1000 Base-T RJ45 2x8 Integrated Magnetics Connector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

DA8T001A3 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  DA8T001A3 Datasheet HTML 1Page - Bothhand USA, LP. DA8T001A3 Datasheet HTML 2Page - Bothhand USA, LP. DA8T001A3 Datasheet HTML 3Page - Bothhand USA, LP. DA8T001A3 Datasheet HTML 4Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
“LAN-MATE” SERIES Description:
10/100/1000 Base-T RJ45 2x8 Integrated Magnetics Connector
BOTHHAND
10/100/1000 BASE-T MAGNETICS
Page 1 of 4
Bothhand
T
Complies with requirement of IEEE 802.3ab standards.
RJ-45 connector integrated with transformer/impedance
resistor/high voltage capacitor.
Size same as RJ-45 connector to save PCB board
space.
Reduced EMI radiation to improve EMI performance.
Design for 1000 BASE transmission over UTP-5 cable.
Compliance with ROHS requirements.
Operating temperature range: 0
to +70
.
℃℃
Storage temperature range: -25
to +85
.
℃℃
Electrical specifications @ 25℃
Turns Ratio
(±2%)
DCMR
(dB Min)
Part
Number
TX
RX
OCL (uH Min)
@ 100 KHz/0.1V
with 8mA DC Bias 0.3-30MHz
60MHz
100MHz
HI-POT
(Vrms)
pri : sec
DA8T001A3
1CT: 1CT
1CT: 1CT
350
-50
-45
-40
1500
Continue
Return Loss
(dB Min)
Cross talk
(dB Min)
Insertion Loss
(dB Max)
Number
1-30MHz 40MHz
50MHz 60-80MHz 100MHz 0.5-10MHz 30MHz 50MHz 100MHz 1-100MHz
DA8T001A3
-18
-16
-14.08
-12.5
-10
-50
-40
-35
-30
-1.0
For customized parts or more detailed information, please log on www.bothhand
.comor write to sales@bothhand
188


Similar Part No. - DA8T001A3

ManufacturerPart #DatasheetDescription
logo
Protek Devices
DA8 PROTEC-DA8 Datasheet
471Kb / 5P
   High powered multi-line tvs array
logo
Diotec Semiconductor
DA8110A DIOTEC-DA8110A Datasheet
147Kb / 2P
   Rectifier Arrays
DA8110A/K DIOTEC-DA8110A/K Datasheet
115Kb / 2P
   Rectifier Arrays
logo
Semikron International
DA8110AK SEMIKRON-DA8110AK Datasheet
180Kb / 2P
   Silicon rectifiers arrays
logo
Diotec Semiconductor
DA8110K DIOTEC-DA8110K Datasheet
147Kb / 2P
   Rectifier Arrays
More results

Similar Description - DA8T001A3

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
DU8T20103 BOTHHAND-DU8T20103 Datasheet
411Kb / 4P
   10/100 Base-T RJ45 2x8 Integrated Magnetics Connector
DA4S103A4 BOTHHAND-DA4S103A4 Datasheet
487Kb / 5P
   10/100/1000 Base-T RJ45 2x4 Integrated Magnetics Connector
DA6T001A3 BOTHHAND-DA6T001A3 Datasheet
423Kb / 4P
   10/100/1000 Base-T RJ45 2x6 Integrated Magnetics Connector
DA1D102K4 BOTHHAND-DA1D102K4 Datasheet
431Kb / 4P
   10/100/1000 Base-T RJ45 2x1 Integrated Magnetics Connector
logo
Adam Technologies, Inc.
MTJ-88CX1-FSP-PG-LG-M2 ADAM-TECH-MTJ-88CX1-FSP-PG-LG-M2 Datasheet
400Kb / 6P
   MAGNETICS TELEPHONE JACK INTEGRATED MAGNETICS & LEDs 10/100 BASE T & 1000 BASE T
logo
Bothhand USA, LP.
KLA4S109LF BOTHHAND-KLA4S109LF Datasheet
221Kb / 2P
   1000 BASE-T RJ45 1x4 INTEGRATED MAGNETICS CONNECTOR
DA4T103G3 BOTHHAND-DA4T103G3 Datasheet
612Kb / 3P
   10/100/1000 Base-T RJ45 2x4 Integrated
DA4T10303 BOTHHAND-DA4T10303 Datasheet
399Kb / 3P
   10/100/1000 Base-T RJ45 2x4 Integrated
NS0068LF BOTHHAND-NS0068LF Datasheet
274Kb / 1P
   10/100/1000 BASE-T LAN MAGNETICS
logo
VITALCONN ELECTRONICS H...
TG24010S1 VITALCONN-TG24010S1 Datasheet
274Kb / 1P
   10/100/1000 BASE-T MAGNETICS MODULES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com