Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6984 Datasheet(PDF) 3 Page - STMicroelectronics

Part # A6984
Description  36 V, 400 mA automotive synchronous step-down switching regulator
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6984 Datasheet(HTML) 3 Page - STMicroelectronics

  A6984 Datasheet HTML 1Page - STMicroelectronics A6984 Datasheet HTML 2Page - STMicroelectronics A6984 Datasheet HTML 3Page - STMicroelectronics A6984 Datasheet HTML 4Page - STMicroelectronics A6984 Datasheet HTML 5Page - STMicroelectronics A6984 Datasheet HTML 6Page - STMicroelectronics A6984 Datasheet HTML 7Page - STMicroelectronics A6984 Datasheet HTML 8Page - STMicroelectronics A6984 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
DocID030396 Rev 1
3/47
A6984
Contents
47
5.3
Output capacitor selection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
5.3.1
Output voltage ripple . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
5.3.2
COUT specification and loop stability . . . . . . . . . . . . . . . . . . . . . . . . . . 38
6
Application board . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
7
Efficiency curves . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
8
Package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
8.1
VFDFPN10 4 x 4 x 1.0 mm package information . . . . . . . . . . . . . . . . . . . 43
9
Ordering information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
10
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46


Similar Part No. - A6984

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A6985F STMICROELECTRONICS-A6985F Datasheet
1Mb / 77P
   38 V 500 mA synchronous step-down switching regulator
A6985F3V3 STMICROELECTRONICS-A6985F3V3 Datasheet
1Mb / 77P
   38 V 500 mA synchronous step-down switching regulator
A6985F3V3TR STMICROELECTRONICS-A6985F3V3TR Datasheet
1Mb / 77P
   38 V 500 mA synchronous step-down switching regulator
A6985F5V STMICROELECTRONICS-A6985F5V Datasheet
1Mb / 77P
   38 V 500 mA synchronous step-down switching regulator
A6985F5VTR STMICROELECTRONICS-A6985F5VTR Datasheet
1Mb / 77P
   38 V 500 mA synchronous step-down switching regulator
More results

Similar Description - A6984

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6984 STMICROELECTRONICS-L6984 Datasheet
4Mb / 34P
   36 V 400 mA synchronous step-down switching regulator
July 2014 Rev 3
A6985F STMICROELECTRONICS-A6985F Datasheet
1Mb / 77P
   38 V 500 mA synchronous step-down switching regulator
logo
Texas Instruments
TPS560430 TI1-TPS560430_17 Datasheet
122Kb / 6P
[Old version datasheet]   4-V to 36-V, 600-mA Synchronous Step-Down Converter
LM5009MMX TI-LM5009MMX Datasheet
949Kb / 22P
[Old version datasheet]   150-mA 100-V Step-Down Switching Regulator
LM5009 TI1-LM5009_14 Datasheet
943Kb / 22P
[Old version datasheet]   150-mA 100-V Step-Down Switching Regulator
TPS560430 TI1-TPS560430 Datasheet
122Kb / 6P
[Old version datasheet]   4-V to 36-V, 600-mA Synchronous Step-Down Converter
logo
Linear Technology
LTC1625 LINER-LTC1625_15 Datasheet
387Kb / 24P
   Synchronous Step-Down Switching Regulator
LTC3851-1 LINER-LTC3851-1_15 Datasheet
362Kb / 28P
   Synchronous Step-Down Switching Regulator Controller
LTC3729L-6 LINER-LTC3729L-6 Datasheet
347Kb / 28P
   PolyPhase, Synchronous Step-Down Switching Regulator
LTC1629-6 LINER-LTC1629-6_15 Datasheet
306Kb / 28P
   PolyPhase, Synchronous Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com