Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR1206JK-071R5L Datasheet(PDF) 7 Page - YAGEO Corporation

Part # SR1206JK-071R5L
Description  ARRAY CHIP RESISTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

SR1206JK-071R5L Datasheet(HTML) 7 Page - YAGEO Corporation

Back Button SR1206JK-071R5L Datasheet HTML 3Page - YAGEO Corporation SR1206JK-071R5L Datasheet HTML 4Page - YAGEO Corporation SR1206JK-071R5L Datasheet HTML 5Page - YAGEO Corporation SR1206JK-071R5L Datasheet HTML 6Page - YAGEO Corporation SR1206JK-071R5L Datasheet HTML 7Page - YAGEO Corporation SR1206JK-071R5L Datasheet HTML 8Page - YAGEO Corporation SR1206JK-071R5L Datasheet HTML 9Page - YAGEO Corporation SR1206JK-071R5L Datasheet HTML 10Page - YAGEO Corporation SR1206JK-071R5L Datasheet HTML 11Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SERIES
YC/TC
102 to 358
Chip Resistor Surface Mount
www.yageo.com
Feb. 16, 2017 V.5
Product specification
7
12
DIMENSIONS
TYPE
H / H1 / HW
B
P
L
T
W1
W2
YC102
H : 0.25 ± 0.10
0.15 ± 0.10
0.50 ± 0.05
0.80 ± 0.10
0.35 ± 0.10
0.15 ± 0.10
0.60 ± 0.10
YC104
H : 0.20 ± 0.10
0.15 ±0.05
0.40 ±0.10
1.40 ±0.10
0.35 ±0.10
0.15 ±0.10
0.60 ±0.10
YC122
H : 0.21+0.10 / -0.05
HW : 0.35 ± 0.10
0.20 ±0.10
0.67 ±0.05
1.00 ±0.10
0.30 ±0.10
0.25 ±0.10
1.00 ±0.10
YC124
H: 0.45 ± 0.05
H1: 0.30 ± 0.05
0.20 ±0.15
0.50 ±0.05
2.00 ±0.10
0.45 ±0.10
0.30 ±0.15
1.00 ±0.10
YC162
H : 0.30 ± 0.10
HW : 0.65 ± 0.15
0.30 ±0.10
0.80 ±0.05
1.60 ±0.10
0.40 ±0.10
0.30 ±0.10
1.60 ±0.10
YC164
H : 0.65 ±0.05
H1: 0.50 ±0.15
0.30 ±0.15
0.80 ±0.05
3.20 ±0.15
0.60 ±0.10
0.30 ±0.15
1.60 ±0.15
YC248
H : 0.45 ±0.05
H1: 0.30 ±0.05
0.30 ±0.15
0.50 ±0.05
4.00 ±0.20
0.45 ±0.10
0.40 ±0.15
1.60 ±0.15
YC324
H : 1.10 ±0.15
H1: 0.90 ±0.15
0.50 ±0.20
1.27 ±0.05
5.08 ±0.20
0.60 ±0.10
0.50 ±0.15
3.20 ±0.20
TC122
H : 0.30 ±0.05
0.25 ±0.15
0.50 ±0.05
1.00 ±0.10
0.30 ±0.10
0.25 ±0.15
1.00 ±0.10
TC124
H : 0.30 ±0.10
0.20 ±0.10
0.50 ±0.05
2.00 ±0.10
0.40 ±0.10
0.25 ±0.10
1.00 ±0.10
TC164
H : 0.50 ± 0.15
0.30 ±0.15
0.80 ±0.05
3.20 ±0.15
0.60 ±0.10
0.30 ±0.15
1.60 ±0.15
YC158T
H : 0.45±0.05
H1: 0.32± 0.05
0.30 ±0.15
0.64 ±0.05
3.20 ±0.20
0.60 ±0.10
0.35 ±0.15
1.60 ±0.15
YC358L
YC358T
H : 1.10±0.15
H1: 0.90±0.15
0.50 ±0.15
1.27 ±0.05
6.40 ±0.20
0.60 ±0.10
0.50 ±0.15
3.20 ±0.20
Table 1


Similar Part No. - SR1206JK-071R5L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
SR1206JK-071R5L YAGEO-SR1206JK-071R5L Datasheet
700Kb / 8P
   SURGE CHIP RESISTORS
More results

Similar Description - SR1206JK-071R5L

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
RTA MERITEK-RTA Datasheet
1Mb / 7P
   Chip Resistors Array
logo
YAGEO Corporation
1508227 YAGEO-1508227 Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
443424 YAGEO-443424 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
YC164 YAGEO-YC164 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
YC124-JR-0710KL YAGEO-YC124-JR-0710KL Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
TC164-JR-071K2L YAGEO-TC164-JR-071K2L Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-07560RL YAGEO-TC164-JR-07560RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-0727RL YAGEO-TC164-JR-0727RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
logo
List of Unclassifed Man...
YC248 ETC2-YC248 Datasheet
327Kb / 8P
   ARRAY CHIP RESISTORS
logo
YAGEO Corporation
TC164-JR-071KL YAGEO-TC164-JR-071KL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com