Electronic Components Datasheet Search |
|
SR1206FR-7T97K6L Datasheet(PDF) 8 Page - YAGEO Corporation |
|
SR1206FR-7T97K6L Datasheet(HTML) 8 Page - YAGEO Corporation |
8 / 9 page Chip Resistor Surface Mount www.yageo.com Nov. 11, 2016 V.1 Product specification 8 9 SERIES SR 0402/0603/0805/1206/1210/1218/2010/2512 TEST TEST METHOD PROCEDURE REQUIREMENTS Solderability - Wetting J-STD-002 Electrical Test not required Magnification 50X SMD conditions: Immerse the specimen into the solder pot at 245± 3°C for 2± 0.5 seconds. Well tinned (≥95% covered) No visible damage Board Flex IEC 60115-1 4.33 Chips mounted on a 90mm glass epoxy resin PCB (FR4) Bending for 0402: 5mm 0603 & 0805: 3mm 1206 and above: 2mm Holding time: minimum 60 seconds ± (1.0%+0.05 Ω) |
Similar Part No. - SR1206FR-7T97K6L |
|
Similar Description - SR1206FR-7T97K6L |