Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL6610 Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

Part # SL6610
Description  Direct Conversion FSK Data Receiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL6610 Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

  SL6610 Datasheet HTML 1Page - Zarlink Semiconductor Inc SL6610 Datasheet HTML 2Page - Zarlink Semiconductor Inc SL6610 Datasheet HTML 3Page - Zarlink Semiconductor Inc SL6610 Datasheet HTML 4Page - Zarlink Semiconductor Inc SL6610 Datasheet HTML 5Page - Zarlink Semiconductor Inc SL6610 Datasheet HTML 6Page - Zarlink Semiconductor Inc SL6610 Datasheet HTML 7Page - Zarlink Semiconductor Inc SL6610 Datasheet HTML 8Page - Zarlink Semiconductor Inc SL6610 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
This device is an advanced direct conversion receiver for
operation up to 470MHz. The design is based on the SL6609A
but is specifically designed for use in very small pagers i.e.
credit card sized, where local oscillator re-radiation is a
problem. This design has overcome this difficulty.
The device also includes a 1 volt regulator capable of
sourcing up to 5mA, a battery flag and the facility of incorporating
a more complex post detection filter off-chip. Both battery flag
and data outputs have open collector outputs to ease their
interface with other devices.
Adjacent channel rejection is provided using tuneable
gyrator filters. To assist operation in the presence of large
interfering signals both RF and audio AGC functions are
provided.
Fig.2 Block diagram of SL6610
FEATURES
s
Very low power operation - typ 3.0mW
s
Superior sensitivity of -130dBm
s
Operation at wide range of paging data rates
512, 1200, 2400 baud
s
Small package offering SSOP
s
Excellent performance of LO Rejection
APPLICATIONS
s
Credit card pagers
s
Watch pagers
s
Small form factor pagers i.e. PCMCIA
ORDERING INFORMATION
SL6610 / KG / NPDS
- SSOP devices in anti-static sticks
SL6610 / KG / NPDE
- SSOP devices in tape and reel
28
27
26
25
24
23
22
21
20
19
17
16
15
18
TPX
MIXER DECOUPLE
LOY
GYRI
LOX
VR
TPY
GTHADJ
TCADJ
BEC
TPLIMY
VCC2
DATAOP
BATTFL
IAGCOUT
IRFAMP
MIXA
GND
MIXB
VREG
REGCNT
VCC1
VBATT
VBG
BRF1
BRF2
TPLIMX
DIGGND
1
2
3
4
5
6
7
8
9
10
12
13
14
11
NP28
Fig.1 Pin connections
ABSOLUTE MAXIMUM RATINGS
Supply voltage
6V
Storage temperature
-55°C to +150°C
Operating temperature
-20°C to +70°C
Supersedes the October 1994 edition, DS4003 - 1.4
DS4003 - 2.2 September 1995
SL6610
Direct Conversion FSK Data Receiver
Advance Information


Similar Part No. - SL6610

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SL6619 MITEL-SL6619 Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6619 ZARLINK-SL6619 Datasheet
618Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Mitel Networks Corporat...
SL6619KG MITEL-SL6619KG Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6619KG ZARLINK-SL6619KG Datasheet
618Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Mitel Networks Corporat...
SL6619TP1N MITEL-SL6619TP1N Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
More results

Similar Description - SL6610

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SL6619 MITEL-SL6619 Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6619 ZARLINK-SL6619 Datasheet
618Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Mitel Networks Corporat...
SL6679 MITEL-SL6679 Datasheet
371Kb / 23P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6609A ZARLINK-SL6609A Datasheet
505Kb / 20P
   DIRECT CONVERSION FSK DATA RECEIVER
logo
Mitel Networks Corporat...
SL6609A MITEL-SL6609A Datasheet
321Kb / 18P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL66491-1 ZARLINK-SL66491-1 Datasheet
418Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
SL6649-1 ZARLINK-SL6649-1 Datasheet
424Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
logo
List of Unclassifed Man...
5504DCR ETC1-5504DCR Datasheet
145Kb / 11P
   Direct Conversion Receiver
logo
Zarlink Semiconductor I...
ZIF100 ZARLINK-ZIF100 Datasheet
241Kb / 4P
   Direct Conversion 4FSK Data Receiver Target Specification
logo
Infineon Technologies A...
TDA5211 INFINEON-TDA5211 Datasheet
1Mb / 52P
   ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com