Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL2610LH2N Datasheet(PDF) 6 Page - Zarlink Semiconductor Inc

Part # SL2610LH2N
Description  Wide Dynamic Range Image Reject MOPLL
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL2610LH2N Datasheet(HTML) 6 Page - Zarlink Semiconductor Inc

Back Button SL2610LH2N Datasheet HTML 2Page - Zarlink Semiconductor Inc SL2610LH2N Datasheet HTML 3Page - Zarlink Semiconductor Inc SL2610LH2N Datasheet HTML 4Page - Zarlink Semiconductor Inc SL2610LH2N Datasheet HTML 5Page - Zarlink Semiconductor Inc SL2610LH2N Datasheet HTML 6Page - Zarlink Semiconductor Inc SL2610LH2N Datasheet HTML 7Page - Zarlink Semiconductor Inc SL2610LH2N Datasheet HTML 8Page - Zarlink Semiconductor Inc SL2610LH2N Datasheet HTML 9Page - Zarlink Semiconductor Inc SL2610LH2N Datasheet HTML 10Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
SL2610
Data Sheet
6
Zarlink Semiconductor Inc.
2.0
Programming
The SL2610 is controlled by an I2C data bus and is compatible with both standard and fast mode formats.
Data and Clock are fed in on the SDA and SCL lines respectively as defined by I2C bus format. The synthesizer can
either accept data (write mode) or send data (read mode). The LSB of the address byte (R/W) sets the device into
write mode if it is low and read mode if it is high. Tables 2 and 3 illustrate the format of the data. The device can be
programmed to respond to several addresses, which enables the use of more than one synthesizer in an I2C bus
system (Tables 2 and 3). Table 4 shows how the address is selected by applying a voltage to the ‘ADD’ input. When
the device receives a valid address byte, it pulls the SDA line low during the acknowledge period and during
following acknowledge periods after further data bytes are received. When the device is programmed into read
mode, the controller accepting the data must pull the SDA line low during all status byte acknowledge periods to
read another status byte. If the controller fails to pull the SDA line low during this period the device generates an
internal STOP condition which inhibits further reading.
2.1
Write mode
With reference to Table 2, bytes 2 and 3 contain frequency information bits 214-20 inclusive. Byte 4 controls the
reference divider ratio bits R4-R0 (Table 1) and the charge pump setting bits C1-C0 (Table 6). Byte 5 controls the IF
select (Table 8), the band select function bits BS1-BS0 (Table 7), the switching ports P3-P0 and the test modes
(Table 5).
After reception and acknowledgement of a correct address (byte 1), the first bit of the following byte determines
whether the byte is interpreted as a byte 2 or 4, a logic '0' indicating byte 2 and a logic '1' indicating byte 4. Having
interpreted this byte as either byte 2 or 4 the following data byte will be interpreted as byte 3 or 5 respectively.
Having received two complete data bytes, additional data bytes can be entered, where byte interpretation follows
the same procedure, without re-addressing the device. This procedure continues until a STOP condition is
received. The STOP condition can be generated after any data byte, if however it occurs during a byte
transmission, the previous byte data is retained. To facilitate smooth fine tuning, the frequency data bytes are only
accepted by the device after all 15 bits of frequency data have been received, or after the generation of a STOP
condition.
2.2
Read mode
When the device is in read mode, the status byte read from the device takes the form shown Table 3.
Bit 1 (POR) is the power-on reset indicator, and this is set to a logic '1' if the Vcc supply to the device has dropped
below 3V (at 25oC), e.g., when the device is initially turned ON. The POR is reset to '0' when the read sequence is
terminated by a STOP command. When POR is set high this indicates that the programmed information may have
been corrupted and the device reset to power up condition.
Bit 2 (FL) indicates whether the device is phase locked, a logic '1' is present if the device is locked and a logic '0' if
the device is unlocked.


Similar Part No. - SL2610LH2N

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SL26 BILIN-SL26 Datasheet
64Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Yangzhou yangjie electr...
SL26 YANGJIE-SL26 Datasheet
150Kb / 2P
   Schottky Rectifier
logo
Galaxy Semi-Conductor H...
SL26 BILIN-SL26 Datasheet
536Kb / 4P
   Schottky Barrier Rectifiers
logo
RFE international
SL26 RFE-SL26 Datasheet
2Mb / 3P
   Surface Mount Schottky Rectifiers
11-04-2022
logo
GOOD-ARK Electronics
SL26A GOOD-ARK-SL26A Datasheet
196Kb / 3P
   Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SL2610LH2N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS20063 ETC2-PS20063 Datasheet
858Kb / 39P
   Image Reject MOPLL with IF AGC Amplifier
logo
M/A-COM Technology Solu...
XM1003-BD MA-COM-XM1003-BD Datasheet
1Mb / 8P
   Image Reject Mixer
XM1002-BD MA-COM-XM1002-BD Datasheet
893Kb / 9P
   Image Reject Mixer
XM1001-QH MA-COM-XM1001-QH_15 Datasheet
692Kb / 6P
   Image Reject Mixer
XM1001-QH MA-COM-XM1001-QH Datasheet
692Kb / 6P
   Image Reject Mixer
logo
Merrimac Industries, In...
IMM-2D-20 MERRIMAC-IMM-2D-20 Datasheet
40Kb / 1P
   IMAGE REJECT MIXERS
IMP-2S-10 MERRIMAC-IMP-2S-10 Datasheet
146Kb / 2P
   IMAGE REJECT MIXERS
logo
API Technologies Corp
IRM5XMS-1 APITECH-IRM5XMS-1 Datasheet
1Mb / 1P
   Image Reject Mixer
logo
M/A-COM Technology Solu...
XM1001-BD MA-COM-XM1001-BD Datasheet
1Mb / 10P
   Image Reject Mixer
logo
Merrimac Industries, In...
IMF-2F-10 MERRIMAC-IMF-2F-10 Datasheet
41Kb / 1P
   IMAGE REJECT MIXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com