Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJB44H11T4-A Datasheet(PDF) 3 Page - STMicroelectronics

Part # MJB44H11T4-A
Description  Automotive-grade low voltage NPN power transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MJB44H11T4-A Datasheet(HTML) 3 Page - STMicroelectronics

  MJB44H11T4-A Datasheet HTML 1Page - STMicroelectronics MJB44H11T4-A Datasheet HTML 2Page - STMicroelectronics MJB44H11T4-A Datasheet HTML 3Page - STMicroelectronics MJB44H11T4-A Datasheet HTML 4Page - STMicroelectronics MJB44H11T4-A Datasheet HTML 5Page - STMicroelectronics MJB44H11T4-A Datasheet HTML 6Page - STMicroelectronics MJB44H11T4-A Datasheet HTML 7Page - STMicroelectronics MJB44H11T4-A Datasheet HTML 8Page - STMicroelectronics MJB44H11T4-A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DocID026340 Rev 1
3/11
MJB44H11T4-A
Electrical characteristics
11
2
Electrical characteristics
Tcase = 25 °C; unless otherwise specified.
Table 4. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCEO(sus)
(1)
1.
Pulse test: pulse duration
≤ 300 µs, duty cycle ≤ 2 %.
Collector-emitter
sustaining voltage (IB = 0)
IC = 30 mA
80
-
V
ICES
Collector cut-off current
(VBE = 0)
VCE = 80 V
-
10
µA
IEBO
Emitter cut-off current
(IC = 0)
VEB = 5 V
-
50
µA
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = 8 A
IB = 0.4 A
-
1
V
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = 8 A
IB = 0.8 A
-
1.5
V
hFE
(1)
DC current gain
IC = 2 A_
VCE = 1 V
60
-
IC = 4 A_ _
VCE = 1 V
40
-


Similar Part No. - MJB44H11T4-A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJB44H11T4 ONSEMI-MJB44H11T4 Datasheet
75Kb / 6P
   Complementary Power Transistors
December, 2003 ??Rev. 1
MJB44H11T4 ONSEMI-MJB44H11T4 Datasheet
64Kb / 6P
   Complementary Power Transistors D2PAK for Surface Mount
December, 2005 ??Rev. 2
logo
STMicroelectronics
MJB44H11T4 STMICROELECTRONICS-MJB44H11T4 Datasheet
412Kb / 11P
   Low voltage NPN power transistor
May 2014 Rev 2
logo
ON Semiconductor
MJB44H11T4G ONSEMI-MJB44H11T4G Datasheet
64Kb / 6P
   Complementary Power Transistors D2PAK for Surface Mount
December, 2005 ??Rev. 2
MJB44H11T4G ONSEMI-MJB44H11T4G Datasheet
115Kb / 6P
   Complementary Power Transistors
May, 2013 ??Rev. 5
More results

Similar Description - MJB44H11T4-A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJB44H11T4 STMICROELECTRONICS-MJB44H11T4 Datasheet
412Kb / 11P
   Low voltage NPN power transistor
May 2014 Rev 2
ST600K STMICROELECTRONICS-ST600K Datasheet
56Kb / 7P
   LOW VOLTAGE NPN POWER TRANSISTOR
July 2005 Rev 1
MJD31CT4-A STMICROELECTRONICS-MJD31CT4-A Datasheet
241Kb / 9P
   Low voltage NPN power transistor
MJD31CT4 STMICROELECTRONICS-MJD31CT4 Datasheet
243Kb / 9P
   Low voltage NPN power transistor
2STBN15D100 STMICROELECTRONICS-2STBN15D100 Datasheet
109Kb / 7P
   Low voltage NPN power Darlington transistor
STSA1805 STMICROELECTRONICS-STSA1805 Datasheet
225Kb / 8P
   LOW VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
September 2003
2STR1215 STMICROELECTRONICS-2STR1215 Datasheet
198Kb / 10P
   Low voltage fast-switching NPN power transistor
STD1802 STMICROELECTRONICS-STD1802_07 Datasheet
248Kb / 10P
   Low voltage fast-switching NPN power transistor
STN851 STMICROELECTRONICS-STN851_09 Datasheet
237Kb / 10P
   Low voltage fast-switching NPN power transistor
2STD1665 STMICROELECTRONICS-2STD1665_08 Datasheet
220Kb / 11P
   Low voltage fast-switching NPN power transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com