Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM16GZ51 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # SM16GZ51
Description  AC POWER CONTROL APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SM16GZ51 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  SM16GZ51 Datasheet HTML 1Page - Toshiba Semiconductor SM16GZ51 Datasheet HTML 2Page - Toshiba Semiconductor SM16GZ51 Datasheet HTML 3Page - Toshiba Semiconductor SM16GZ51 Datasheet HTML 4Page - Toshiba Semiconductor SM16GZ51 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SM16GZ51,SM16JZ51
2001-07-10
2
ELECTRICAL CHARACTERISTICS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Repetitive Peak Off−State Current
IDRM
VDRM = Rated
20
µA
I
T2 (+) , Gate (+)
1.5
II
T2 (+) , Gate (−)
1.5
III
T2 (−) , Gate (−)
1.5
Gate Trigger Voltage
IV
VGT
VD = 12 V,
RL = 20 Ω
T2 (−) , Gate (+)
V
I
T2 (+) , Gate (+)
30
II
T2 (+) , Gate (−)
30
III
T2 (−) , Gate (−)
30
Gate Trigger Current
IV
IGT
VD = 12 V,
RL = 20 Ω
T2 (−) , Gate (+)
mA
Peak On−State Voltage
VTM
ITM = 25 A
1.5
V
Gate Non−Trigger Voltage
VGD
VD = Rated, Tc = 125°C
0.2
V
Holding Current
IH
VD = 12 V, ITM = 1 A
50
mA
Thermal Resistance
Rth (j−c)
Junction to Case, AC
1.8
°C / W
Critical Rate of Rise of Off−State Voltage
dv / dt
VDRM = Rated, Tj = 125°C
Exponential Rise
300
V / µs
Critical Rate of Rise of Off−State Voltage
at Commutation
(dv / dt) c
VDRM = 400 V, Tj = 125°C
(di / dt) c = −8.7 A / ms
10
V / µs
MARKING
*NUMBER
SYMBOL
MARK
M16GZ51
SM16GZ51
*1
TYPE
M16JZ51
SM16JZ51
*2
Example
8A : January 1998
8B : February 1998
8L : December 1998


Similar Part No. - SM16GZ51

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SM16GZ47 TOSHIBA-SM16GZ47 Datasheet
213Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM16GZ47A TOSHIBA-SM16GZ47A Datasheet
213Kb / 5P
   AC POWER CONTROL APPLICATIONS
More results

Similar Description - SM16GZ51

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SM6G48 TOSHIBA-SM6G48 Datasheet
143Kb / 2P
   AC POWER CONTROL APPLICATIONS
SM08G43 TOSHIBA-SM08G43 Datasheet
191Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM1L43 TOSHIBA-SM1L43 Datasheet
180Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM3G45 TOSHIBA-SM3G45 Datasheet
223Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM10LZ47 TOSHIBA-SM10LZ47 Datasheet
99Kb / 3P
   AC POWER CONTROL APPLICATIONS
SM12JZ47A TOSHIBA-SM12JZ47A Datasheet
208Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM8G48 TOSHIBA-SM8G48 Datasheet
225Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM16G45 TOSHIBA-SM16G45 Datasheet
200Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM8GZ47A TOSHIBA-SM8GZ47A Datasheet
223Kb / 5P
   AC POWER CONTROL APPLICATIONS
S6903G TOSHIBA-S6903G Datasheet
95Kb / 3P
   AC POWER CONTROL APPLICATIONS
SM2LZ47 TOSHIBA-SM2LZ47 Datasheet
187Kb / 5P
   AC POWER CONTROL APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com