Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM16J45A Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # SM16J45A
Description  AC POWER CONTROL APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SM16J45A Datasheet(HTML) 1 Page - Toshiba Semiconductor

  SM16J45A Datasheet HTML 1Page - Toshiba Semiconductor SM16J45A Datasheet HTML 2Page - Toshiba Semiconductor SM16J45A Datasheet HTML 3Page - Toshiba Semiconductor SM16J45A Datasheet HTML 4Page - Toshiba Semiconductor SM16J45A Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SM16G45,SM16J45,SM16G45A,SM16J45A
2001-07-10
1
TOSHIBA BI−DIRECTIONAL TRIODE THYRISTOR SILICON PLANAR TYPE
SM16G45,SM16J45,SM16G45A,SM16J45A
AC POWER CONTROL APPLICATIONS
l Repetitive Peak Off−State Voltage : VDRM = 400, 600V
l R.M.S On−State Current
: IT (RMS) = 16A
l High Commutating (dv / dt)
MAXIMUM RATINGS
CHARACTERISTIC
SYMBOL
RATING
UNIT
SM16G45
SM16G45A
400
Repetitive Peak
Off−State Voltage
SM16J45
SM16J45A
VDRM
600
V
R.M.S On−State Current
(Full Sine Waveform Tc = 100°C)
IT (RMS)
16
A
150 (50Hz)
Peak One Cycle Surge On−State
Current (Non−Repetitive)
ITSM
165 (60Hz)
A
I
2
t Limit Value
I
2
t
112.5
A
2
s
Peak Gate Power Dissipation
PGM
5
W
Average Gate Power Dissipation
PG (AV)
0.5
W
Peak Gate Voltage
VGM
10
V
Peak Gate Current
IGM
2
A
Junction Temperature
Tj
−40~125
°C
Storage Temperature Range
Tstg
−40~125
°C
Unit: mm
JEDEC
TO−220AB
JEITA
TOSHIBA
13−10G1A
Weight: 2.0g


Similar Part No. - SM16J45A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SM16J48 TOSHIBA-SM16J48 Datasheet
210Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM16J48A TOSHIBA-SM16J48A Datasheet
210Kb / 5P
   AC POWER CONTROL APPLICATIONS
More results

Similar Description - SM16J45A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SM6G48 TOSHIBA-SM6G48 Datasheet
143Kb / 2P
   AC POWER CONTROL APPLICATIONS
SM08G43 TOSHIBA-SM08G43 Datasheet
191Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM1L43 TOSHIBA-SM1L43 Datasheet
180Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM3G45 TOSHIBA-SM3G45 Datasheet
223Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM10LZ47 TOSHIBA-SM10LZ47 Datasheet
99Kb / 3P
   AC POWER CONTROL APPLICATIONS
SM12JZ47A TOSHIBA-SM12JZ47A Datasheet
208Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM8G48 TOSHIBA-SM8G48 Datasheet
225Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM8GZ47A TOSHIBA-SM8GZ47A Datasheet
223Kb / 5P
   AC POWER CONTROL APPLICATIONS
S6903G TOSHIBA-S6903G Datasheet
95Kb / 3P
   AC POWER CONTROL APPLICATIONS
SM2LZ47 TOSHIBA-SM2LZ47 Datasheet
187Kb / 5P
   AC POWER CONTROL APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com