Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR2010MR-7T10RL Datasheet(PDF) 8 Page - YAGEO Corporation

Part # SR2010MR-7T10RL
Description  SURGE CHIP RESISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

SR2010MR-7T10RL Datasheet(HTML) 8 Page - YAGEO Corporation

  SR2010MR-7T10RL Datasheet HTML 1Page - YAGEO Corporation SR2010MR-7T10RL Datasheet HTML 2Page - YAGEO Corporation SR2010MR-7T10RL Datasheet HTML 3Page - YAGEO Corporation SR2010MR-7T10RL Datasheet HTML 4Page - YAGEO Corporation SR2010MR-7T10RL Datasheet HTML 5Page - YAGEO Corporation SR2010MR-7T10RL Datasheet HTML 6Page - YAGEO Corporation SR2010MR-7T10RL Datasheet HTML 7Page - YAGEO Corporation SR2010MR-7T10RL Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Chip Resistor Surface Mount
www.yageo.com
Nov. 11, 2016 V.5
Product specification
8
8
SERIES
SR
0402/0603/0805/1206/1210/1218/2010/2512
REVISION HISTORY
“ Yageo reserves all the rights for revising the content of this datasheet without further notification, as long as the products are unchanged. Any
product change will be announced by PCN.”
"The reimbursement is limited to the value of the products."
REVISION
DATE
CHANGE NOTIFICATION
DESCRIPTION
Version 5
Nov.11, 2016
-
- Update 7T power for 1206
Version 4
Sep. 01, 2015
-
- Update SR0603 Dielectric Withstanding Voltage to 150V
- Update 7T power for 0603/0805 & 7W for 1210
Version 3
Jul. 31, 2015
-
- Comply with AEC-Q200 standard
Version 2
Jan. 06, 2014
-
- Add SR0402/0603/1210
- Update electrical characteristic
Version 1
Mar 18, 2011
-
- Change to dual brand datasheet that describes SR0805 to SR2512 with
RoHS compliant
- Define global part number
Version 0
Oct 19, 2004
-
-


Similar Part No. - SR2010MR-7T10RL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
SR2010MR-7T10RL YAGEO-SR2010MR-7T10RL Datasheet
861Kb / 12P
   ARRAY CHIP RESISTORS
More results

Similar Description - SR2010MR-7T10RL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
SR0805 YAGEO-SR0805 Datasheet
305Kb / 8P
   SURGE CHIP RESISTORS
SR0402DR-071RL YAGEO-SR0402DR-071RL Datasheet
714Kb / 9P
   SURGE CHIP RESISTORS
logo
Rohm
ESR10EZPJ3R9 ROHM-ESR10EZPJ3R9 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR10EZPF1002 ROHM-ESR10EZPF1002 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR10EZPF1200 ROHM-ESR10EZPF1200 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR10 ROHM-ESR10_08 Datasheet
75Kb / 5P
   Anti-surge Chip Resistors
ESR18 ROHM-ESR18_08 Datasheet
76Kb / 5P
   Anti-surge Chip Resistors
ESR ROHM-ESR Datasheet
571Kb / 8P
   Anti-surge chip resistors
ESR10EZPJ200 ROHM-ESR10EZPJ200 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
logo
KOA Speer Electronics, ...
SG73-RT KOA-SG73-RT Datasheet
577Kb / 3P
   surge current flat chip resistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com