Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGF3HF60HD Datasheet(PDF) 2 Page - STMicroelectronics

Part # STGF3HF60HD
Description  4.5 A, 600 V very fast IGBT with Ultrafast diode
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF3HF60HD Datasheet(HTML) 2 Page - STMicroelectronics

  STGF3HF60HD Datasheet HTML 1Page - STMicroelectronics STGF3HF60HD Datasheet HTML 2Page - STMicroelectronics STGF3HF60HD Datasheet HTML 3Page - STMicroelectronics STGF3HF60HD Datasheet HTML 4Page - STMicroelectronics STGF3HF60HD Datasheet HTML 5Page - STMicroelectronics STGF3HF60HD Datasheet HTML 6Page - STMicroelectronics STGF3HF60HD Datasheet HTML 7Page - STMicroelectronics STGF3HF60HD Datasheet HTML 8Page - STMicroelectronics STGF3HF60HD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Contents
STGB3HF60HD, STGD3HF60HDT4,
STGF3HF60HD, STGP3HF60HD
2/26
DocID17690 Rev 5
Contents
1
Electrical ratings ............................................................................. 3
2
Electrical characteristics ................................................................ 4
2.1
Electrical characteristics (curves)...................................................... 7
3
Test circuits ................................................................................... 10
4
Package information ..................................................................... 11
4.1
D²PAK (TO-263) package information ............................................ 11
4.2
D²PAK (TO-263) packing information.............................................. 14
4.3
DPAK (TO-252) type A package information................................... 16
4.4
DPAK (TO-252) packing information............................................... 19
4.5
TO-220FP package information ...................................................... 21
4.6
TO-220 type A package information................................................ 23
5
Revision history ............................................................................ 25


Similar Part No. - STGF3HF60HD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGF30H60DF STMICROELECTRONICS-STGF30H60DF Datasheet
1Mb / 24P
   600 V, 30 A high speed trench gate field-stop IGBT
March 2013 Rev 3
STGF30M65DF2 STMICROELECTRONICS-STGF30M65DF2 Datasheet
731Kb / 16P
   Trench gate field-stop IGBT, M series 650 V, 30 A low-loss in a TO-220FP package
April 2017
STGF30NC60S STMICROELECTRONICS-STGF30NC60S Datasheet
497Kb / 15P
   30 A, 600 V, fast IGBT
November 2010 Rev 5
STGF35HF60W STMICROELECTRONICS-STGF35HF60W Datasheet
639Kb / 17P
   35 A, 600 V Ultrafast IGBT
July 2012 Rev 3
STGF3NB60FD STMICROELECTRONICS-STGF3NB60FD Datasheet
732Kb / 14P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/DPAK/D2PAK PowerMESH??IGBT
More results

Similar Description - STGF3HF60HD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGD3HF60HDT4 STMICROELECTRONICS-STGD3HF60HDT4 Datasheet
925Kb / 16P
   4.5 A, 600 V very fast IGBT with Ultrafast diode
STGD3HF60HD STMICROELECTRONICS-STGD3HF60HD Datasheet
925Kb / 16P
   4.5 A, 600 V very fast IGBT with Ultrafast diode
December 2010
STGD3HF60HDT4 STMICROELECTRONICS-STGD3HF60HDT4 Datasheet
925Kb / 16P
   4.5 A, 600 V very fast IGBT with Ultrafast diode
STGWA19NC60HD STMICROELECTRONICS-STGWA19NC60HD Datasheet
522Kb / 14P
   31 A, 600 V, very fast IGBT with Ultrafast diode
STGB7NC60HD STMICROELECTRONICS-STGB7NC60HD_V01 Datasheet
1Mb / 22P
   N-channel 14 A, 600 V, very fast IGBT with Ultrafast diode
Rev 10 June 2012
STGF19NC60SD STMICROELECTRONICS-STGF19NC60SD Datasheet
535Kb / 15P
   20 A, 600 V fast IGBT with Ultrafast diode
November 2010 Rev 4
STGF17NC60SD STMICROELECTRONICS-STGF17NC60SD Datasheet
375Kb / 9P
   17 A, 600 V fast IGBT with Ultrafast diode
STGB3NC120HD STMICROELECTRONICS-STGB3NC120HD Datasheet
769Kb / 16P
   7 A, 1200 V very fast IGBT with ultrafast diode
January 2011 Rev 4
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_08 Datasheet
774Kb / 19P
   600 V - 10 A - very fast IGBT
STGB19NC60H STMICROELECTRONICS-STGB19NC60H Datasheet
663Kb / 15P
   19 A - 600 V - very fast IGBT
September 2009 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com