Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGP7H60DF Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGP7H60DF
Description  Trench gate field-stop IGBT, H series 600 V, 7 A high speed
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP7H60DF Datasheet(HTML) 5 Page - STMicroelectronics

  STGP7H60DF Datasheet HTML 1Page - STMicroelectronics STGP7H60DF Datasheet HTML 2Page - STMicroelectronics STGP7H60DF Datasheet HTML 3Page - STMicroelectronics STGP7H60DF Datasheet HTML 4Page - STMicroelectronics STGP7H60DF Datasheet HTML 5Page - STMicroelectronics STGP7H60DF Datasheet HTML 6Page - STMicroelectronics STGP7H60DF Datasheet HTML 7Page - STMicroelectronics STGP7H60DF Datasheet HTML 8Page - STMicroelectronics STGP7H60DF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
DocID027555 Rev 2
5/25
STGB7H60DF, STGF7H60DF, STGP7H60DF
Electrical characteristics
25
Table 6. Switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VCE = 400 V, IC = 7 A,
RG = 47 Ω, VGE = 15 V
-30
-
ns
tr
Current rise time
-
12.2
-
ns
(di/dt)on
Turn-on current slope
-459
-
A/µs
td(on)
Turn-on delay time
VCE = 400 V, IC = 7 A,
RG = 47 Ω, VGE = 15 V
TJ = 175 °C
-30
-
ns
tr
Current rise time
-
12.8
-
ns
(di/dt)on
Turn-on current slope
-440
-
A/µs
tr(Voff)
Off voltage rise time
VCE = 400 V, IC = 7 A,
RG = 47 Ω, VGE = 15 V
-24
-
ns
td(off)
Turn-off delay time
-
160
-
tf
Current fall time
-
69
-
tr(Voff)
Off voltage rise time
VCE = 400 V, IC = 7 A,
RG = 47 Ω, VGE = 15 V
TJ = 175 °C
-31
-
ns
td(off)
Turn-off delay time
-
164
-
tf
Current fall time
-
99
-
tsc
Short-circuit withstand time
VCC ≤ 360 V, VGE = 15 V,
RG = 47 Ω
-5-
µs
Table 7. Switching energy (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Eon
(1)
1.
Energy losses include reverse recovery of the diode.
Turn-on switching losses
VCE = 400 V, IC = 7 A,
RG = 47 Ω, VGE = 15 V
-99
-
µJ
Eoff
(2)
2. Turn-off losses include also the tail of the collector current.
Turn-off switching losses
-
100
-
Ets
Total switching losses
-
199
-
Eon
(1)
Turn-on switching losses
VCE = 400 V, IC = 7 A,
RG = 47 Ω, VGE = 15 V
TJ = 175 °C
-
202
-
µJ
Eoff
(2)
Turn-off switching losses
-
149
-
Ets
Total switching losses
-
351
-


Similar Part No. - STGP7H60DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP7NB120SD STMICROELECTRONICS-STGP7NB120SD Datasheet
244Kb / 8P
   N-CHANNEL 7A - 1200V - TO-220 PowerMESH??IGBT
STGP7NB60 STMICROELECTRONICS-STGP7NB60 Datasheet
86Kb / 8P
   N-CHANNEL 7A - 600V TO-220 PowerMESH IGBT
STGP7NB60F STMICROELECTRONICS-STGP7NB60F Datasheet
330Kb / 8P
   N-CHANNEL 7A - 600V - T0-220 / DPAK PowerMESH IGBT
STGP7NB60FD STMICROELECTRONICS-STGP7NB60FD Datasheet
505Kb / 11P
   N-CHANNEL 7A - 600V TO-220 / D2PAK PowerMESH IGBT
STGP7NB60H STMICROELECTRONICS-STGP7NB60H Datasheet
86Kb / 8P
   N-CHANNEL 7A - 600V TO-220 PowerMESH IGBT
More results

Similar Description - STGP7H60DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB5H60DF STMICROELECTRONICS-STGB5H60DF Datasheet
872Kb / 30P
   Trench gate field-stop IGBT, H series 600 V, 5 A high speed
May 2015 Rev 3
STGWT15H60F STMICROELECTRONICS-STGWT15H60F Datasheet
845Kb / 15P
   Trench gate field-stop IGBT, H series 600 V, 15 A high speed
February 2017
STGB10H60DF STMICROELECTRONICS-STGB10H60DF Datasheet
1Mb / 24P
   Trench gate field-stop IGBT, H series 600 V, 10 A high speed
October 2013 Rev 2
STGB15H60DF STMICROELECTRONICS-STGB15H60DF Datasheet
1Mb / 23P
   Trench gate field-stop IGBT, H series 600 V, 15 A high speed
October 2013 Rev 2
STGB30H60DF STMICROELECTRONICS-STGB30H60DF Datasheet
1Mb / 24P
   600 V, 30 A high speed trench gate field-stop IGBT
March 2013 Rev 3
STGW20H60DF STMICROELECTRONICS-STGW20H60DF Datasheet
1Mb / 17P
   600 V, 20 A high speed trench gate field-stop IGBT
June 2013 Rev 1
STGB20H60DF STMICROELECTRONICS-STGB20H60DF Datasheet
1Mb / 22P
   600 V, 20 A high speed trench gate field-stop IGBT
STGFW20V60F STMICROELECTRONICS-STGFW20V60F Datasheet
1Mb / 19P
   600 V, 20 A very high speed trench gate field-stop IGBT
July 2013 Rev 1
STGB20V60F STMICROELECTRONICS-STGB20V60F Datasheet
1Mb / 18P
   600 V, 20 A very high speed trench gate field-stop IGBT
July 2013 Rev 1
logo
List of Unclassifed Man...
STGP20V60DF ETC2-STGP20V60DF Datasheet
2Mb / 23P
   600 V, 20 A very high speed trench gate field-stop IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com