Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGD6NC60H-1 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STGD6NC60H-1
Description  N-channel 600 V, 7 A - IPAK Very fast PowerMESH??IGBT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD6NC60H-1 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STGD6NC60H-1 Datasheet HTML 5Page - STMicroelectronics STGD6NC60H-1 Datasheet HTML 6Page - STMicroelectronics STGD6NC60H-1 Datasheet HTML 7Page - STMicroelectronics STGD6NC60H-1 Datasheet HTML 8Page - STMicroelectronics STGD6NC60H-1 Datasheet HTML 9Page - STMicroelectronics STGD6NC60H-1 Datasheet HTML 10Page - STMicroelectronics STGD6NC60H-1 Datasheet HTML 11Page - STMicroelectronics STGD6NC60H-1 Datasheet HTML 12Page - STMicroelectronics STGD6NC60H-1 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DocID025306 Rev 1
11/13
STGD6NC60H-1
Package mechanical data
13
Table 8. IPAK (TO-251) mechanical data
DIM
mm.
min.
typ.
max.
A
2.20
2.40
A1
0.90
1.10
b
0.64
0.90
b2
0.95
b4
5.20
5.40
B5
0.30
c
0.45
0.60
c2
0.48
0.60
D
6.00
6.20
E
6.40
6.60
e
2.28
e1
4.40
4.60
H
16.10
L
9.00
9.40
L1
0.80
1.20
L2
0.80
1.00
V1
10°


Similar Part No. - STGD6NC60H-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGD6NC60H STMICROELECTRONICS-STGD6NC60H Datasheet
454Kb / 14P
   N-channel 600V - 7A - DPAK Very fast PowerMESH TM IGBT
STGD6NC60HD STMICROELECTRONICS-STGD6NC60HD Datasheet
224Kb / 9P
   N-CHANNEL 6A - 600V DPAK Very Fast PowerMESH IGBT
STGD6NC60HD STMICROELECTRONICS-STGD6NC60HD Datasheet
467Kb / 15P
   N-channel 600V - 7A - DPAK Very fast PowerMESH TM IGBT
STGD6NC60HDT4 STMICROELECTRONICS-STGD6NC60HDT4 Datasheet
224Kb / 9P
   N-CHANNEL 6A - 600V DPAK Very Fast PowerMESH IGBT
STGD6NC60HDT4 STMICROELECTRONICS-STGD6NC60HDT4 Datasheet
467Kb / 15P
   N-channel 600V - 7A - DPAK Very fast PowerMESH TM IGBT
More results

Similar Description - STGD6NC60H-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP7NC60H STMICROELECTRONICS-STGP7NC60H_V01 Datasheet
794Kb / 14P
   N-channel PowerMESH™ 600 V, 14 A very fast IGBT
Rev 3 July 2016
STGD7NB60H-1 STMICROELECTRONICS-STGD7NB60H-1 Datasheet
86Kb / 8P
   N-CHANNEL 7A - 600V IPAK PowerMESH IGBT
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_08 Datasheet
774Kb / 19P
   600 V - 10 A - very fast IGBT
STGB19NC60H STMICROELECTRONICS-STGB19NC60H Datasheet
663Kb / 15P
   19 A - 600 V - very fast IGBT
September 2009 Rev 4
STGB20NC60V STMICROELECTRONICS-STGB20NC60V Datasheet
407Kb / 16P
   30 A - 600 V - very fast IGBT
STGB19NC60HD STMICROELECTRONICS-STGB19NC60HD Datasheet
511Kb / 18P
   19 A - 600 V - very fast IGBT
STGB19NC60HD STMICROELECTRONICS-STGB19NC60HD_09 Datasheet
724Kb / 17P
   19 A - 600 V - very fast IGBT
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_V01 Datasheet
771Kb / 19P
   600 V - 10 A - very fast IGBT
Rev 5 December 2008
STGW45NC60VD STMICROELECTRONICS-STGW45NC60VD Datasheet
370Kb / 15P
   45 A - 600 V - very fast IGBT
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_08 Datasheet
391Kb / 15P
   40 A - 600 V - very fast IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com