Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGF10NC60SD Datasheet(PDF) 2 Page - STMicroelectronics

Part # STGF10NC60SD
Description  10 A, 600 V fast IGBT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF10NC60SD Datasheet(HTML) 2 Page - STMicroelectronics

  STGF10NC60SD Datasheet HTML 1Page - STMicroelectronics STGF10NC60SD Datasheet HTML 2Page - STMicroelectronics STGF10NC60SD Datasheet HTML 3Page - STMicroelectronics STGF10NC60SD Datasheet HTML 4Page - STMicroelectronics STGF10NC60SD Datasheet HTML 5Page - STMicroelectronics STGF10NC60SD Datasheet HTML 6Page - STMicroelectronics STGF10NC60SD Datasheet HTML 7Page - STMicroelectronics STGF10NC60SD Datasheet HTML 8Page - STMicroelectronics STGF10NC60SD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Contents
STGD10NC60SD, STGF10NC60SD
2/16
Doc ID 15847 Rev 2
Contents
1
Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
2
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1
Electrical characteristics (curves) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
3
Test circuits
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
4
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
5
Packaging mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
6
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15


Similar Part No. - STGF10NC60SD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGF10NC60HD STMICROELECTRONICS-STGF10NC60HD Datasheet
410Kb / 17P
   N-channel 600V - 10A - TO-220 - D2PAK - TO-220FP very fast PowerMESH IGBT
STGF10NC60HD STMICROELECTRONICS-STGF10NC60HD Datasheet
774Kb / 19P
   600 V - 10 A - very fast IGBT
STGF10NC60HD STMICROELECTRONICS-STGF10NC60HD Datasheet
771Kb / 19P
   600 V - 10 A - very fast IGBT
Rev 5 December 2008
STGF10NC60KD STMICROELECTRONICS-STGF10NC60KD Datasheet
379Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH IGBT
STGF10NC60KD STMICROELECTRONICS-STGF10NC60KD Datasheet
526Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH TM IGBT
More results

Similar Description - STGF10NC60SD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGD10NC60S STMICROELECTRONICS-STGD10NC60S Datasheet
1Mb / 18P
   10 A, 600 V fast IGBT
December 2010 Rev 2
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_08 Datasheet
774Kb / 19P
   600 V - 10 A - very fast IGBT
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_V01 Datasheet
771Kb / 19P
   600 V - 10 A - very fast IGBT
Rev 5 December 2008
STGB19NC60S STMICROELECTRONICS-STGB19NC60S Datasheet
423Kb / 15P
   20 A, 600 V fast IGBT
November 2010 Rev 5
STGP30NC60S STMICROELECTRONICS-STGP30NC60S Datasheet
497Kb / 15P
   30 A, 600 V, fast IGBT
November 2010 Rev 5
STGW35NC60WD STMICROELECTRONICS-STGW35NC60WD Datasheet
554Kb / 14P
   40 A, 600 V ultra fast IGBT
November 2008 Rev 2
STGW40NC60WD STMICROELECTRONICS-STGW40NC60WD_08 Datasheet
377Kb / 14P
   40 A - 600 V - ultra fast IGBT
STGB20NC60V STMICROELECTRONICS-STGB20NC60V Datasheet
407Kb / 16P
   30 A - 600 V - very fast IGBT
STGB19NC60H STMICROELECTRONICS-STGB19NC60H Datasheet
663Kb / 15P
   19 A - 600 V - very fast IGBT
September 2009 Rev 4
STGD3HF60WD STMICROELECTRONICS-STGD3HF60WD Datasheet
228Kb / 10P
   3 A, 600 V ultra fast IGBT
October 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com