Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGF19NC60SD Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGF19NC60SD
Description  20 A, 600 V fast IGBT with Ultrafast diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF19NC60SD Datasheet(HTML) 4 Page - STMicroelectronics

  STGF19NC60SD Datasheet HTML 1Page - STMicroelectronics STGF19NC60SD Datasheet HTML 2Page - STMicroelectronics STGF19NC60SD Datasheet HTML 3Page - STMicroelectronics STGF19NC60SD Datasheet HTML 4Page - STMicroelectronics STGF19NC60SD Datasheet HTML 5Page - STMicroelectronics STGF19NC60SD Datasheet HTML 6Page - STMicroelectronics STGF19NC60SD Datasheet HTML 7Page - STMicroelectronics STGF19NC60SD Datasheet HTML 8Page - STMicroelectronics STGF19NC60SD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical characteristics
STGF19NC60SD, STGP19NC60SD
4/15
Doc ID 13689 Rev 4
2
Electrical characteristics
(Tj = 25°C unless otherwise specified)
Table 4.
Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)CES
Collector-emitter
breakdown voltage
(VGE= 0)
IC= 1mA
600
V
VCE(sat)
Collector-emitter saturation
voltage
VGE= 15V, IC= 12A
VGE= 15V, IC=12A,Tj =125°C
1.55
1.35
1.9
V
V
VGE(th)
Gate threshold voltage
VCE= VGE, IC= 250 µA
4.2
6.2
V
ICES
Collector cut-off current
(VGE = 0)
VCE= 600 V
VCE= 600 V, Tj =125°C
150
1
µA
mA
IGES
Gate-emitter leakage
current (VCE = 0)
VGE= ±20V, VCE= 0
±100
nA
gfs
Forward transconductance
VCE = 15V, IC= 12A
10
S
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Cies
Coes
Cres
Input capacitance
Output capacitance
Reverse transfer
capacitance
VCE = 25V, f = 1MHz,
VGE = 0
-
1190
135
28.5
-
pF
pF
pF
Qg
Qge
Qgc
Total gate charge
Gate-emitter charge
Gate-collector charge
VCE = 480V, IC = 12A,
VGE = 15V,
Figure 20
-
54.5
8.7
25.8
-
nC
nC
nC


Similar Part No. - STGF19NC60SD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGF19NC60HD STMICROELECTRONICS-STGF19NC60HD Datasheet
276Kb / 14P
   N-channel 600V - 9A - TO-220FP Very fast PowerMESH TM IGBT
STGF19NC60HD STMICROELECTRONICS-STGF19NC60HD Datasheet
511Kb / 18P
   19 A - 600 V - very fast IGBT
STGF19NC60HD STMICROELECTRONICS-STGF19NC60HD Datasheet
524Kb / 18P
   19 A - 600 V - very fast IGBTE[
STGF19NC60HD STMICROELECTRONICS-STGF19NC60HD Datasheet
724Kb / 17P
   19 A - 600 V - very fast IGBT
STGF19NC60KD STMICROELECTRONICS-STGF19NC60KD Datasheet
586Kb / 17P
   20 A - 600 V - short circuit rugged IGBT
More results

Similar Description - STGF19NC60SD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGF17NC60SD STMICROELECTRONICS-STGF17NC60SD Datasheet
375Kb / 9P
   17 A, 600 V fast IGBT with Ultrafast diode
STGD3HF60HDT4 STMICROELECTRONICS-STGD3HF60HDT4 Datasheet
925Kb / 16P
   4.5 A, 600 V very fast IGBT with Ultrafast diode
STGB3HF60HD STMICROELECTRONICS-STGB3HF60HD Datasheet
1Mb / 26P
   4.5 A, 600 V very fast IGBT with Ultrafast diode
September 2016 Rev 5
STGD3HF60HDT4 STMICROELECTRONICS-STGD3HF60HDT4 Datasheet
925Kb / 16P
   4.5 A, 600 V very fast IGBT with Ultrafast diode
STGWA19NC60HD STMICROELECTRONICS-STGWA19NC60HD Datasheet
522Kb / 14P
   31 A, 600 V, very fast IGBT with Ultrafast diode
STGD3HF60HD STMICROELECTRONICS-STGD3HF60HD Datasheet
925Kb / 16P
   4.5 A, 600 V very fast IGBT with Ultrafast diode
December 2010
STGB19NC60S STMICROELECTRONICS-STGB19NC60S Datasheet
423Kb / 15P
   20 A, 600 V fast IGBT
November 2010 Rev 5
STGB7NC60HD STMICROELECTRONICS-STGB7NC60HD_V01 Datasheet
1Mb / 22P
   N-channel 14 A, 600 V, very fast IGBT with Ultrafast diode
Rev 10 June 2012
logo
Sanken electric
MGD622 SANKEN-MGD622 Datasheet
362Kb / 13P
   VCE = 600 V, IC = 20 A Trench IGBT with Fast Recovery Diode
logo
STMicroelectronics
STGW35HF60WDI STMICROELECTRONICS-STGW35HF60WDI Datasheet
1Mb / 15P
   35 A, 600 V ultrafast IGBT with low drop diode
August 2011 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com