Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGW15H120F2 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STGW15H120F2
Description  Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW15H120F2 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STGW15H120F2 Datasheet HTML 5Page - STMicroelectronics STGW15H120F2 Datasheet HTML 6Page - STMicroelectronics STGW15H120F2 Datasheet HTML 7Page - STMicroelectronics STGW15H120F2 Datasheet HTML 8Page - STMicroelectronics STGW15H120F2 Datasheet HTML 9Page - STMicroelectronics STGW15H120F2 Datasheet HTML 10Page - STMicroelectronics STGW15H120F2 Datasheet HTML 11Page - STMicroelectronics STGW15H120F2 Datasheet HTML 12Page - STMicroelectronics STGW15H120F2 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
DocID026013 Rev 5
9/17
STGW15H120F2, STGWA15H120F2
Electrical characteristics
Figure 20. Switching times vs. collector current


Similar Part No. - STGW15H120F2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW15H120DF2 STMICROELECTRONICS-STGW15H120DF2 Datasheet
832Kb / 18P
   Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
March 2015 Rev 5
More results

Similar Description - STGW15H120F2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW15H120DF2 STMICROELECTRONICS-STGW15H120DF2 Datasheet
832Kb / 18P
   Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
March 2015 Rev 5
STGW40H120F2 STMICROELECTRONICS-STGW40H120F2 Datasheet
1,002Kb / 17P
   Trench gate field-stop IGBT, H series 1200 V, 40 A high speed
March 2015 Rev 3
STGW40H120DF2 STMICROELECTRONICS-STGW40H120DF2 Datasheet
821Kb / 17P
   Trench gate field-stop IGBT, H series 1200 V, 40 A high speed
June 2016 Rev 5
STGW25H120F2 STMICROELECTRONICS-STGW25H120F2 Datasheet
957Kb / 17P
   Trench gate field-stop IGBT, H series 1200 V, 25 A high speed
March 2015 Rev 4
STGW25H120DF2 STMICROELECTRONICS-STGW25H120DF2 Datasheet
737Kb / 17P
   Trench gate field-stop IGBT, H series 1200 V, 25 A high speed
March 2015 Rev 4
STGWT15H60F STMICROELECTRONICS-STGWT15H60F Datasheet
845Kb / 15P
   Trench gate field-stop IGBT, H series 600 V, 15 A high speed
February 2017
STGB15H60DF STMICROELECTRONICS-STGB15H60DF Datasheet
1Mb / 23P
   Trench gate field-stop IGBT, H series 600 V, 15 A high speed
October 2013 Rev 2
logo
Fairchild Semiconductor
FGH15T120SMD FAIRCHILD-FGH15T120SMD Datasheet
257Kb / 9P
   1200 V, 15 A Field Stop Trench IGBT
logo
STMicroelectronics
STGB7H60DF STMICROELECTRONICS-STGB7H60DF Datasheet
985Kb / 25P
   Trench gate field-stop IGBT, H series 600 V, 7 A high speed
June 2015 Rev 2
STGB5H60DF STMICROELECTRONICS-STGB5H60DF Datasheet
872Kb / 30P
   Trench gate field-stop IGBT, H series 600 V, 5 A high speed
May 2015 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com